Part Number Hot Search : 
MAX8814 BR604 2N1574 44A0212 0805E 2AS10DC5 AM9926N 1205S
Product Description
Full Text Search
 

To Download CY7C1257V18-375BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36-mbit ddr-ii+ sram 2-word burst architecture ( 2.0 c y cle read latenc y) cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-06348 rev. *c revised may 15, 2007 features ? 36-mbit density (4m x 8, 4m x 9, 2m x 18, 1m x 36) ? 300 mhz to 375 mhz clock for high bandwidth ? 2-word burst for reducing address bus frequency ? double data rate (ddr) interfaces (data transferred at 750 mhz) @ 375 mhz ? read latency of 2.0 clock cycles ? two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only ? echo clocks (cq and cq ) simplify data capture in high speed systems ? data valid pin (qvld) to indicate valid data on the output ? synchronous internally self-timed writes ? core v dd = 1.8v 0.1v; io v ddq = 1.4v to v dd [1] ? hstl inputs and variable drive hstl output buffers ? available in 165-ball fbga package (15 x 17 x 1.4 mm) ? offered in both in pb-free and non pb-free packages ? jtag 1149.1 compatib le test access port ? delay lock loop (dll) for accurate data placement configurations with read cycle latency of 2.0 cycles: cy7c1246v18 ? 4m x 8 cy7c1257v18 ? 4m x 9 cy7c1248v18 ? 2m x 18 cy7c1250v18 ? 1m x 36 functional description the cy7c1246v18, cy7c1257 v18, cy7c1248v18, and cy7c1250v18 are 1.8v synchronous pipelined sram equipped with ddr-ii+ architecture. the ddr-ii+ consists of an sram core with advanced synchronous peripheral circuitry. addresses for read and write are latched on alternate rising edges of the input (k) clock. write data is registered on the rising edges of both k and k . read data is driven on the rising edges of both k and k . each address location is associated with two 8-bit words (cy7c1246v18), 9-bit words (cy7c1257v18), 18-bit words (cy7c1248v18), or 36-bit words (cy7c1250v18) that burst s equentially into or out of the device. asynchronous inputs include output impedance matching input (zq). synchronous data outputs (q, which share the same physical pins with the data inputs, d) are tightly matched to the two output echo clocks cq/cq , eliminating the need to capture data separately from individual ddr srams in the system design. all synchronous inputs pass through input registers controlled by the k or k input clocks. all data outputs pass through output registers controlled by the k or k input clocks. writes are conducted with on-chip synchronous self-timed write circuitry. selection guide 375 mhz 333 mhz 300 mhz unit maximum operating frequency 375 333 300 mhz maximum operating current 1210 1080 1000 ma note 1. the qdr consortium specification for v ddq is 1.5v + 0.1v. the cypress qdr devices e xceed the qdr consortium specificat ion and are capable of supporting v ddq = 1.4v to v dd . [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 2 of 27 logic block diagram (cy7c1246v18) logic block diagram (cy7c1257v18) clk a (20:0) gen. k k control logic address register read add. decode read data reg. r/w dq [7:0] output logic reg. reg. reg. 8 8 16 8 nws [1:0] v ref write add. decode 8 8 ld control 21 2m x 8 array 2m x 8 array write reg write reg cq cq r/w doff qvld 8 clk a (20:0) gen. k k control logic address register read add. decode read data reg. r/w dq [8:0] output logic reg. reg. reg. 9 9 18 9 bws [0] v ref write add. decode 9 9 ld control 21 2m x 9 array 2m x 9 array write reg write reg cq cq r/w doff qvld 9 [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 3 of 27 logic block diagram (cy7c1248v18) logic block diagram (cy7c1250v18) clk a (19:0) gen. k k control logic address register read add. decode read data reg. r/w dq [17:0] output logic reg. reg. reg. 18 18 36 18 bws [1:0] v ref write add. decode 18 18 ld control 20 1m x 18 array 1m x 18 array write reg write reg cq cq r/w doff qvld 18 clk a (18:0) gen. k k control logic address register read add. decode read data reg. r/w dq [35:0] output logic reg. reg. reg. 36 36 72 36 bws [3:0] v ref write add. decode 36 36 ld control 19 512k x 36 array 512k x 36 array write reg write reg cq cq r/w doff qvld 36 [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 4 of 27 pin configurations cy7c1246v18 (4m x 8) 165-ball fbga (15 x 17 x 1.4 mm) pinout 234 567 1 a b c d e f g h j k l m n p r a cq nc nc nc nc doff nc nc/72m a nws 1 k r/w nc/144m nc nc nc nc nc tdo nc nc nc nc nc nc tck nc nc a nc/288m k nws 0 v ss aaa nc v ss v ss v ss v ss v dd a v ss v ss v ss v dd dq4 nc v ddq nc nc nc nc dq7 a v ddq v ss v ddq v dd v dd dq5 v ddq v dd v ddq v dd v ddq v dd v ss v dd v ddq v ddq v ss v ss v ss v ss a a nc v ss a a a nc v ss nc v ss nc nc v ref v ss v dd v ss v ss a v ss qvld nc dq6 nc nc nc v dd a 891011 nc aa ld cq a nc nc dq3 v ss nc nc nc nc v ss nc dq2 nc nc nc v ref nc nc v ddq nc v ddq nc nc v ddq v ddq v ddq nc v ddq nc dq1 nc v ddq v ddq nc v ss nc nc nc tdi tms v ss a nc a nc nc nc zq nc dq0 nc nc nc nc a cy7c1257v18 (4m x 9) 234 567 1 a b c d e f g h j k l m n p r a cq nc nc nc nc doff nc nc/72m a nc k r/w nc/144m nc nc nc nc nc tdo nc nc nc nc nc nc tck nc nc a nc/288m k bws 0 v ss aaa nc v ss v ss v ss v ss v dd a v ss v ss v ss v dd dq4 nc v ddq nc nc nc nc dq7 a v ddq v ss v ddq v dd v dd dq5 v ddq v dd v ddq v dd v ddq v dd v ss v dd v ddq v ddq v ss v ss v ss v ss a a nc v ss a a a nc v ss nc v ss nc nc v ref v ss v dd v ss v ss a v ss qvld nc dq6 nc nc nc v dd a 891011 dq8 aa ld cq a nc nc dq3 v ss nc nc nc nc v ss nc dq2 nc nc nc v ref nc nc v ddq nc v ddq nc nc v ddq v ddq v ddq nc v ddq nc dq1 nc v ddq v ddq nc v ss nc nc nc tdi tms v ss a nc a nc nc nc zq nc dq0 nc nc nc nc a [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 5 of 27 pin configurations (continued) cy7c1248v18 (2m x 18) 165-ball fbga (15 x 17 x 1.4 mm) pinout 234 567 1 a b c d e f g h j k l m n p r a cq nc nc nc nc doff nc nc/72m a bws 1 k r/w nc/144m dq9 nc nc nc nc tdo nc nc nc nc nc nc tck nc nc a nc/288m k bws 0 v ss anca dq10 v ss v ss v ss v ss v dd a v ss v ss v ss v dd dq11 nc v ddq nc dq14 nc dq16 dq17 a v ddq v ss v ddq v dd v dd dq13 v ddq v dd v ddq v dd v ddq v dd v ss v dd v ddq v ddq v ss v ss v ss v ss a a nc v ss a a a nc v ss nc v ss dq12 nc v ref v ss v dd v ss v ss a v ss qvld nc dq15 nc nc nc v dd a 891011 dq0 aa ld cq a nc nc dq8 v ss nc dq7 nc nc v ss nc dq6 nc nc nc v ref nc dq3 v ddq nc v ddq nc dq5 v ddq v ddq v ddq nc v ddq nc dq4 nc v ddq v ddq nc v ss nc nc nc tdi tms v ss a nc a nc nc nc zq nc dq2 nc dq1 nc nc a cy7c1250v18 (1m x 36) 234 567 1 a b c d e f g h j k l m n p r a cq nc nc nc nc doff nc nc/144m a bws 2 k r/w bws 1 dq27 dq18 nc nc nc tdo nc nc dq31 nc nc nc tck nc dq28 a bws 3 k bws 0 v ss anca dq19 v ss v ss v ss v ss v dd a v ss v ss v ss v dd dq20 dq21 v ddq dq32 dq23 dq34 dq25 dq26 a v ddq v ss v ddq v dd v dd dq22 v ddq v dd v ddq v dd v ddq v dd v ss v dd v ddq v ddq v ss v ss v ss v ss a a nc v ss a a a dq29 v ss nc v ss dq30 nc v ref v ss v dd v ss v ss a v ss qvld nc dq33 nc dq35 dq24 v dd a 891011 dq0 a nc/72m ld cq a nc nc dq8 v ss nc dq17 dq7 nc v ss nc dq6 dq14 nc nc v ref nc dq3 v ddq nc v ddq nc dq5 v ddq v ddq v ddq dq4 v ddq nc dq13 nc v ddq v ddq nc v ss nc dq1 nc tdi tms v ss a nc a dq16 dq15 nc zq dq12 dq2 dq10 dq11 dq9 nc a [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 6 of 27 pin definitions pin name io pin description dq [x:0] input/output- synchronous data input/output signals . inputs are sampled on the rising edge of k and k clocks during valid write operations. these pins drive out the requested data during a read operation. valid data is driven out on the rising edge of both the k and k clocks during read operations. when read access is deselected, q [x:0] are automatically tri-stated. cy7c1246v18 ? dq [7:0] cy7c1257v18 ? dq [8:0] cy7c1248v18 ? dq [17:0] cy7c1250v18 ? dq [35:0] ld input- synchronous synchronous load . this input is brought low when a bus cycle sequence is to be defined. this definition includes address and read/write dire ction. all transactions operate on a burst of 2 data. ld must meet the setup and hold times around edge of k. nws 0 , nws 1 input- synchronous nibble write select 0, 1, active low (cy7c1246v18 only) . sampled on the rising edge of the k and k clocks during write operations. used to select which nibble is written into the device during the current portion of the write operat ions. nibbles not written remain unaltered. nws 0 controls d [3:0] and nws 1 controls d [7:4] . all the nibble write selects are sampled on the same edge as the data. deselecting a nibble write select causes the corresponding nibble of data to be ignored and not written into the device. bws 0 , bws 1 , bws 2 , bws 3 input- synchronous byte write select 0, 1, 2, and 3, active low . sampled on the rising edge of the k and k clocks during write operations. used to select which byte is written into the device during the current portion of the write operations. bytes not written remain unaltered. cy7c1257v18 ? bws 0 controls d [8:0] cy7c1248v18 ? bws 0 controls d [8:0] and bws 1 controls d [17:9]. cy7c1250v18 ? bws 0 controls d [8:0] , bws 1 controls d [17:9] , bws 2 controls d [26:18] and bws 3 controls d [35:27] . all the byte write selects are sampled on the same edge as the data. deselecting a byte write select causes the corresponding byte of data to be ignored and not written into the device. a input- synchronous address inputs . sampled on the rising edge of the k clock during active read and write opera- tions. these address inputs are multiplexed for both read and write operations. internally, the device is organized as 4m x 8 (2 arrays each of 2m x 8) for cy7c1246v18, 4m x 9 (2 arrays each of 2m x 9) for cy7c1257v18, 2m x 18 (2 arrays each of 1m x 18) for cy7c1248v18, and 1m x 36 (2 arrays each of 512k x 36) for cy7c1250v18. r/w input- synchronous synchronous read/write input . when ld is low, this input desig nates the access type (read when r/w is high, write when r/w is low) for loaded address. r/w must meet the setup and hold times around edge of k. qvld valid output indicator valid output indicator . the q valid indicates valid output data. qvld is edge aligned with cq and cq . k input- clock positive input clock input . the rising edge of k is used to capture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. all accesses are initiated on the rising edge of k. k input- clock negative input clock input . k is used to capture synchron ous data being presented to the device and to drive out data through q [x:0] when in single clock mode. cq clock output synchronous echo clock outputs . this is a free running clock and is synchronized to the input clock (k) of the dd r-ii+. the timing for t he echo clocks is shown in ?switching character- istics? on page 22 . cq clock output synchronous echo clock outputs . this is a free running clock and is synchronized to the input clock (k ) of the ddr-ii+. t he timing for the echo clocks is shown in ?switching character- istics? on page 22 . [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 7 of 27 zq input output impedance matching input . this input is used to tune the device outputs to the system data bus impedance. cq, cq , and q [x:0] output impedance are set to 0.2 x rq, where rq is a resistor connected between zq and ground. alternatively, this pin can be connected directly to v ddq , which enables the minimum impedance mode. th is pin cannot be connected directly to gnd or left unconnected. doff input dll turn off, active low . connecting this pin to ground turns off the dll inside the device. the timing in the dll turned off operation is diff erent from that listed in this data sheet. for normal operation, this pin can be connected to a pull up through a 10 kohm or less pull up resistor. the device behaves in ddr-i mode when the dll is turned off. in this mode, the device can be operated at a frequency of up to 167 mhz with ddr-i timing. tdo output tdo for jtag . tck input tck pin for jtag . tdi input tdi pin for jtag . tms input tms pin for jtag . nc n/a not connected to the die . can be tied to any voltage level. nc/72m n/a not connected to the die . can be tied to any voltage level. nc/144m n/a not connected to the die . can be tied to any voltage level. nc/288m n/a not connected to the die . can be tied to any voltage level. v ref input- reference reference voltage input . static input used to set the reference level for hstl inputs, outputs, and ac measurement points. v dd power supply power supply inputs to the core of the device . v ss ground ground for the device . v ddq power supply power supply inputs for the outputs of the device . pin definitions (continued) pin name io pin description [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 8 of 27 functional overview the cy7c1246v18, cy7c1257v18, cy7c1248v18, and cy7c1250v18 are synchronous pipelined burst srams equipped with a ddr interface. accesses for both ports are init iated on the positive input clock (k). all synchronous input and output timing refer to the rising edge of the in put clocks (k and k ). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the ri sing edge of the input clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the input clocks (k and k ). all synchronous control (r/w , ld , bws [0:x] ) inputs pass through input registers controlled by the rising edge of the input clock (k\k ). cy7c1248v18 is described in the following sections. the same basic descriptions apply to cy7c1246v18, cy7c1257v18, and cy7c1250v18. read operations the cy7c1248v18 is organized internally as a single array of 2m x 18. accesses are completed in a burst of two sequential 18-bit data words. read operati ons are initiated by asserting r/w high and ld low at the rising edge of the positive input clock (k). following the next two k clock rising edges, the corresponding 18-bit word of data from this address location is driven onto the q [17:0] using k as the output timing reference. on the subsequent rising edge of k the next 18-bit data word is driven onto the q [17:0] . the requested data is valid 0.45 ns from the rising edge of the input clock (k and k ). to maintain the internal logic, each read access must be allowed to complete. read accesses can be initiated on every rising edge of the positive input clock (k). when read access is deselected, the cy7c1248v18 completes the pending read transactions. synchronous internal circuitry automatically tri-states the outputs following the next rising edge of the positive input clock (k). this enables a seamless transition between devices without the insertion of wait states in a depth expanded memory. write operations write operations are initiated by asserting r/w low and ld low at the rising edge of the positive input clock (k). the address presented to address inputs is stored in the write address register. on the following k clock rise, the data presented to d [17:0] is latched and stored into the 18-bit write data register, provided bws [1:0] are both asserted active. on the subsequent rising edge of the negative input clock (k ), the information presented to d [17:0] is also stored into the write data register, provided bws [1:0] are both asserted active. the 36 bits of data are then written into the memory array at the specified location. write accesse s can be initiated on every rising edge of the positive input clock (k). doing so pipelines the data flow such that 18 bits of data can be transferred into the device on every rising edge of the input clocks (k and k ). when write access is deselected, the device ignores all inputs after the pending write operations are completed. byte write operations byte write operations are supported by the cy7c1248v18. a write operation is initiated as described in the write operations section. the bytes that are written are determined by bws 0 and bws 1 , which are sampled with each set of 18-bit data words. asserting the appropriate byte write select input during the data portion of a write enables the data being presented to be latched and written into the device. deasserting the byte write sele ct input during the data portion of a write enables the data stored in the device for that byte to remain unaltered. this feat ure can be used to simplify read/modify/write operations to a byte write operation. double data rate operation the cy7c1248v18 enables high-performance operation through high clock frequencies (achieved through pipelining) and ddr mode of operation. the cy7c1248v18 requires two no operation (nop) cycles when transitioning from a read to a write cycle. at higher frequenc ies, some applications may require a third nop cycle to avoid contention. if a read occurs after a write cycle, address and data for the write are stored in registers. the write information must be stored because the sram cannot perform the last word write to the array without conflicting with the read. the data stays in this register until the next writ e cycle occurs. on the first write cycle after the read(s), the stored data from the earlier write is written into the sram array. this is called a posted write. if a read is performed on the same address on which a write is performed in the previous cycle, the sram reads out the most current data. the sram does this by bypassing the memory array and reading the data from the registers. depth expansion depth expansion require s replicating the ld control signal for each bank. all other control signals can be common between banks as appropriate. programmable impedance an external resistor, rq, must be connected between the zq pin on the sram and v ss to enable the sram to adjust its output driver impedance. the va lue of rq must be 5x the value of the intended line impedance driven by the sram. the allowable range of rq to guarantee impedance matching with a tolerance of 15%, is between 175 ? and 350 ? , with v ddq = 1.5v. the output impedance is adjusted every 1024 cycles upon power up to account for drifts in supply voltage and temperature. echo clocks echo clocks are provided on the ddr-ii+ to simplify data capture on high speed system s. two echo clocks are generated by the ddr-ii+. cq is referenced with respect to k and cq is referenced with respect to k . these are free-running clocks and are synchronized to the input clock of the ddr-ii+. the timing for the echo clocks is shown in ?switching characteristics? on page 22 . valid data indicator (qvld) qvld is provided on the ddr-ii+ to simplify data capture on high speed systems. the qvld is generated by the ddr-ii+ [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 9 of 27 device along with data output. this signal is also edge aligned with the echo clock and follows the timing of any data pin. this signal is asserted half a cycl e before valid data arrives. delay lock loop (dll) these chips use a dll that is designed to function between 120 mhz and the specified maximum clock frequency. the dll may be disabled by applying ground to the doff pin. when the dll is turned off, t he device behaves in ddr-i mode (with 1.0 cycle latency and a longer access time). for more information, refer to the application note, dll considerations in qdrii/ddrii/qdrii+/ddrii+ . the dll can also be reset by slowing or stopping the input clocks k and k for a minimum of 30 ns. however, it is not necessary for the dll to be reset to lock to the desired frequency. during power up, when the doff is tied high, the dll gets locked after 2048 cycles of stable clock. application example figure 1 shows the use of two ddr-ii+ in an application. figure 1. application example truth table the truth table for the cy7c1246v18, cy7c1257v 18, cy7c1248v18, and cy7c1250v18 follows. [2, 3, 4, 5, 6, 7] operation k ld r/w dq dq write cycle: load address; wait one cycle; input write data on consecutive k and k rising edges. l-h l l d(a) at k(t + 1) d(a + 1) at k (t + 1) read cycle: (2.0 cycle latency) load address; wait two cycle; read data on consecutive k and k rising edges. l-h l h q(a) at k(t + 2) q(a + 1) at k (t + 2) nop: no operation l-h h x high-z high-z standby: clock stopped stopped x x previous state previous state bus master (cpu or asic) dq addresses cycle start r/w source clk source clk echo clock1/echo clock1 echo clock2/echo clock2 r = 250ohms ld r/w dq a sram#1 k zq cq/cq k r = 250ohms ld r/w dq a sram#2 k zq cq/cq k notes 2. x = ?don?t care,? h = logic high, l = logic low, represents rising edge. 3. device powers up deselected with the outputs in a tri-state condition. 4. ?a? represents address location latched by the devices when transaction was initiated. a + 1 represents the address sequence in the burst. 5. ?t? represents the cycle at which a read/w rite operation is started. t + 1 and t + 2 are the first and second clock cycles su cceeding the ?t? clock cycle. 6. data inputs are registered at k and k rising edges. data outputs are delivered on k and k rising edges. 7. cypress recommends that k = k = high when clock is stopped. this is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 10 of 27 write cycle descriptions the write cycle descriptions table for cy7c1246v18 and cy7c 1248v18 follows. [2, 8] bws 0 / nws 0 bws 1 / nws 1 k k comments l l l?h ? during the data portion of a write sequence : cy7c1246v18 ? both nibbles (d [7:0] ) are written into the device, cy7c1248v18 ? both bytes (d [17:0] ) are written into the device. l l ? l-h during the data portion of a write sequence : cy7c1246v18 ? both nibbles (d [7:0] ) are written into the device, cy7c1248v18 ? both bytes (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence : cy7c1246v18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1248v18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence : cy7c1246v18 ? only the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1248v18 ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence : cy7c1246v18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1248v18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence : cy7c1246v18 ? only the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1248v18 ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h h l?h ? no data is written into the devices during this portion of a write operation. h h ? l?h no data is written into the devices during this portion of a write operation. write cycle descriptions the write cycle descriptions ta ble for cy7c1257v18 follows. [2, 8] bws 0 kk comments l l-h ? during the data portion of a write sequence , the single byte (d [8:0] ) is written into the device. l ? l-h during the data portion of a write sequence , the single byte (d [8:0] ) is written into the device. h l-h ? no data is written into the device during this portion of a write operation. h ? l-h no data is written into the device during this portion of a write operation. note 8. assumes a write cycle was initiated per the write cycle descriptions table. nws 0 , nws 1 , bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are met. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 11 of 27 write cycle descriptions the write cycle descriptions ta ble for cy7c1250v18 follows. [2, 8] bws 0 bws 1 bws 2 bws 3 kk comments lllll-h?during the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. llll?l-hduring the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. l h h h l-h ? during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. l h h h ? l-h during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. h l h h l-h ? during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remain unaltered. h l h h ? l-h during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remain unaltered. h h l h l-h ? during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remain unaltered. h h l h ? l-h during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remain unaltered. h h h l l-h ? during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h l ? l-h during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. hhhhl-h?no data is written into the device during this portion of a write operation. hhhh?l-hno data is written into the device during this portion of a write operation. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 12 of 27 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. this part is fully compliant with ieee standard #1149.1-2001. the tap operates using jedec standard 1.8v io logic levels. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tie tck low (v ss ) to prevent device clocking. tdi and tms are internally pulled up and may be unconnected. they may alternately be connected to v dd through a pull up resistor. tdo should be left uncon- nected. upon power up, the devi ce comes up in a reset state which does not interfere with the operation of the device. test access port ? test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. you can leave this pin unconnected if the tap is not used. the pin is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information about loading the instruction register, see ?tap controller state diagram? on page 14 . tdi is internally pulled up and can be unconnected if the tap is unused in an appli- cation. tdi is connected to the most significant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data-out from the registers. whether the output is active depends on the current state of the tap state machine (see ?instruction codes? on page 17 ). the output changes on t he falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected betw een the tdi and tdo pins and enable data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register s. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions can be seri ally loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins as shown in ?tap controller block diagram? on page 15 . upon power up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to enable fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between tdi and tdo pins. this enables data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all of the input and output pins on the sram. seve ral no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is loaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instruc- tions can be used to capture the contents of the input and output ring. ?boundary scan order? on page 18 shows the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in ?identification register defini- tions? on page 17 . tap instruction set eight different instructions are possible with the three-bit instruction register. all combinations are listed in ?instruction codes? on page 17 . three of these instructions are listed as reserved and must not be used. the other five instructions are described in this section in detail. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this stat e, instructions are shifted through the instruction register through the tdi and tdo pins. to execute the instruction afte r it is shifted in, the tap controller must be moved into the update-ir state. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 13 of 27 idcode the idcode instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo pins and enables the idcode to be shif ted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power up or whenever the tap controller is in a test-logic-reset state. sample z the sample z instruction caus es the boundary scan register to be connected between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high-z state until the next command is issued during the update-ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructi ons are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. be aware that the tap controll er clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output may undergo a transition. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller's capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sampl e/preload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload enables an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells before the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when required ? that is, while data captured is shifted out, the pr eloaded data can be shifted in. bypass when the bypass instruction is loaded in t he instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instructio n is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction enables the preloaded data to be driven out through the system out put pins. this instruction also selects the boundary scan register to be connected for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates that t he tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit #108. when this scan cell, called the ?extest output bus tri-state,? is latched into the preload register during the update-dr state in the tap contro ller, it directly controls the state of the output (q-bus) pi ns, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bit places the output bus into a high-z condition. this bit can be set by entering the sample/preload or extest command, and then shifting the desired bit into that cell, during the shift-dr stat e. during update-dr, the value loaded into that shift-register cell latches into the preload register. when the extest instruction is entered, this bit directly controls th e output q-bus pins. note that this bit is preset high to enable the output when the device is powered-up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 14 of 27 tap controller state diagram the state diagram for the tap controller follows. [9] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr select ir-scan capture-ir shift-ir exit1-ir pause-ir exit2-ir update-ir 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 note 9. the 0/1 next to each state represents the value at tms at the rising edge of tck. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 15 of 27 tap controller block diagram tap electrical characteristics over the operating range [10, 11, 12] parameter description test conditions min max unit v oh1 output high voltage i oh = ? 2.0 ma 1.4 v v oh2 output high voltage i oh = ? 100 a1.6 v v ol1 output low voltage i ol = 2.0 ma 0.4 v v ol2 output low voltage i ol = 100 a0.2v v ih input high voltage 0.65v dd v dd + 0.3 v v il input low voltage ?0.3 0.35v dd v i x input and output load current gnd v i v dd ? 55 a 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 108 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms notes 10. these characteristics apply to the tap inputs (tms, tck, tdi and tdo). parallel load levels are specified in ?electrical characteristics? on page 20 . 11. overshoot: v ih (ac) < v ddq + 0.3v (pulse width less than t cyc /2). undershoot: v il (ac) > ? 0.3v (pulse width less than t cyc /2). 12. all voltage refers to ground. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 16 of 27 tap ac switching characteristics over the operating range [13, 14] parameter description min max unit t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high 20 ns t tl tck clock low 20 ns setup times t tmss tms setup to tck clock rise 5 ns t tdis tdi setup to tck clock rise 5 ns t cs capture setup to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns tap timing and test conditions figure 2 shows the tap timing and test conditions. [14] figure 2. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 ? gnd 0.9v 50 ? 1.8v 0v all input pulses 0.9v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo notes 13. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 14. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 17 of 27 identification register definitions instruction field value description cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 revision number (31:29) 000 000 000 000 version number. cypress device id (28:12) 11010111100000111 11010 1111 00001111 11010111100010111 11010111100100111 defines the type of sram. cypress jedec id (11:1) 00000110100 00000110100 00000110100 00000110100 enables unique identification of sram vendor. id register presence (0) 1111indicates the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 109 instruction codes instruction code description extest 000 captures the in put/output ring contents. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input/ output contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures the input/output ring contents. plac es the boundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between td i and tdo. this operation does not affect sram operation. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 18 of 27 boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 28 10g 56 6a 84 1j 16p299g575b852j 2 6n 30 11f 58 5a 86 3k 3 7p 31 11g 59 4a 87 3j 47n329f605c882k 5 7r 33 10f 61 4b 89 1k 6 8r 34 11e 62 3a 90 2l 7 8p 35 10e 63 2a 91 3l 8 9r 36 10d 64 1a 92 1m 9 11p 37 9e 65 2b 93 1l 10 10p 38 10c 66 3b 94 3n 11 10n 39 11d 67 1c 95 3m 12 9p 40 9c 68 1b 96 1n 13 10m 41 9d 69 3d 97 2m 14 11n 42 11b 70 3c 98 3p 15 9m 43 11c 71 1d 99 2n 16 9n 44 9b 72 2c 100 2p 17 11l 45 10b 73 3e 101 1p 18 11m 46 11a 74 2d 102 3r 19 9l 47 10a 75 2e 103 4r 20 10l 48 9a 76 1e 104 4p 21 11k 49 8b 77 2f 105 5p 22 10k 50 7c 78 3f 106 5n 23 9j 51 6c 79 1g 107 5r 24 9k 52 8a 80 1f 108 internal 25 10j 53 7a 81 3g 26 11j 54 7b 82 2g 27 11h 55 6b 83 1h [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 19 of 27 power up sequence in ddr-ii+ sram ddr-ii+ srams must be powered up and initialized in a predefined manner to prevent undefined operations. during power up, when the doff is tied high, the dll is locked after 2048 cycles of stable clock. power up sequence ? apply power with doff tied high (all other inputs can be high or low) ?apply v dd before v ddq ?apply v ddq before v ref or at the same time as v ref ? provide stable power and clock (k, k ) for 2048 cycles to lock the dll dll constraints ? dll uses k clock as its synchronizing input. the input must have low phase jitter, which is specified as t kc var . ? the dll functions at frequencies down to 120 mhz. ? if the input clock is unstable and the dll is enabled, then the dll may lock onto an in correct frequency, causing unstable sram behavior. to avoid this, provide 2048 cycles stable clock to relock to the desired clock frequency. power up waveforms figure 3. power up waveforms k k fix high (tie to v ddq ) v dd /v ddq doff clock start (clock starts after v dd /v ddq is stable) unstable clock > 2048 stable clock start normal operation ~ ~ ~ ~ v dd /v ddq stable (< + 0.1v dc per 50 ns) [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 20 of 27 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ............. .............. ..... ?65c to + 150c ambient temperature with powe r applied . ?55c to + 125c supply voltage on v dd relative to gnd....... ?0.5v to + 2.9v supply voltage on v ddq relative to gnd ..... ?0.5v to + v dd dc applied to outputs in high-z..........?0.5v to v ddq + 0.3v dc input voltage [11] ...............................?0.5v to v dd + 0.3v current into outputs (low).... ..................................... 20 ma static discharge voltage (mil-std-883, m 3015).... >2001v latch up current..................................................... >200 ma \ operating range range ambient temperature v dd [15] v ddq [15] com?l 0c to +70c 1.8 0.1v 1.4v to v dd ind?l ?40c to +85c electrical characteristics over the operating range [12] dc electrical characteristics parameter description test conditions min typ max unit v dd power supply voltage 1.7 1.8 1.9 v v ddq io supply voltage 1.4 1.5 v dd v v oh output high voltage note 16 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v ol output low voltage note 17 v ddq /2 ? 0.12 v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ?0.1 ma, nominal impedance v ddq ? 0.2 v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss 0.2 v v ih input high voltage v ref + 0.1 v ddq + 0.15 v v il input low voltage ?0.15 v ref ? 0.1 v i x input leakage current gnd v i v ddq ?2 2 a i oz output leakage current gnd v i v ddq, output disabled ?2 2 a v ref input reference voltage [18] typical value = 0.75v 0.68 0.75 0.95 v i dd v dd operating supply v dd = max., i out = 0 ma, f = f max = 1/t cyc 300 mhz 1000 ma 333 mhz 1080 ma 375 mhz 1210 ma i sb1 automatic power down current max. v dd , both ports deselected, v in v ih or v in v il f = f max = 1/t cyc , inputs static 300 mhz 290 ma 333 mhz 300 ma 375 mhz 320 ma ac input requirements over the operating range [11] parameter description test conditions min. typ. max. unit v ih input high voltage v ref + 0.2 ? v ddq + 0.24 v v il input low voltage ?0.24 ? v ref ? 0.2 v notes 15. power up: assumes a linear ramp from 0v to v dd (min) within 200 ms. during this time v ih < v dd and v ddq < v dd . 16. outputs are impedance controlled. i oh = ?(v ddq /2)/(rq/5) for values of 175 ? < rq < 350 ? . 17. outputs are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 ? < rq < 350 ? . 18. v ref (min) = 0.68v or 0.46v ddq , whichever is larger. v ref (max) = 0.95v or 0.54v ddq , whichever is smaller. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 21 of 27 capacitance tested initially and after any design or proc ess change that may affect these parameters. parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 1.8v v ddq = 1.5v 5pf c clk clock input capacitance 4 pf c o output capacitance 5 pf thermal resistance tested initially and after any design or proc ess change that may affect these parameters. parameter description test conditions 165 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuri ng thermal impedance, per eia/jesd51. 16.25 c/w jc thermal resistance (junction to case) 2.91 c/w ac test loads and waveforms figure 4. ac test loads and waveforms 1.25v 0.25v r = 50 ? 5pf including jig and scope all input pulses device r l = 50 ? z 0 = 50 ? v ref = 0.75v v ref = 0.75v [19] 0.75v under te s t 0.75v device under te s t output 0.75v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 ? (b) rq = 250 ? note 19. unless otherwise noted, test conditions assume signal trans ition time of 2v/ns, timing reference levels of 0.75v, v ref = 0.75v, rq = 250 ? , v ddq = 1.5v, input pulse levels of 0.25v to 1.25v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of ac test loads and waveforms . [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 22 of 27 switching characteristics over the operating range [19, 20] cypress parameter consortium parameter description 375 mhz 333 mhz 300 mhz unit minmaxminmaxminmax t power v dd (typical) to the first access [21] 1?1?1?ms t cyc t khkh k clock cycle time 2.66 8.4 3.0 8.4 3.3 8.4 ns t kh t khkl input clock (k/k ) high 0.4 ? 0.4 ? 0.4 ? t cyc t kl t klkh input clock (k/k ) low 0.4 ? 0.4 ? 0.4 ? t cyc t khk h t khk h k clock rise to k clock rise (rising edge to rising edge) 1.13 ? 1.28 ? 1.40 ? ns setup times t sa t avkh address setup to k clock rise 0.4 ? 0.4 ? 0.4 ? ns t sc t ivkh control setup to k clock rise (ld , r/w ) 0.4 ? 0.4 ? 0.4 ? ns t scddr t ivkh double data rate control setup to clock (k, k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.28 ? 0.28 ? 0.28 ? ns t sd t dvkh d [x:0] setup to clock (k/k ) rise 0.28?0.28?0.28? ns hold times t ha t khax address hold after k clock rise 0.4 ? 0.4 ? 0.4 ? ns t hc t khix control hold after k clock rise (ld , r/w ) 0.4 ? 0.4 ? 0.4 ? ns t hcddr t khix double data rate control hold after clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.28 ? 0.28 ? 0.28 ? ns t hd t khdx d [x:0] hold after clock (k/k ) rise 0.28?0.28?0.28? ns output times t co t chqv k/k clock rise to data valid ? 0.45 ? 0.45 ? 0.45 ns t doh t chqx data output hold after k/k clock rise (active to active) ?0.45 ? ?0.45 ? ?0.45 ? ns t ccqo t chcqv k/k clock rise to echo clock valid ?0.45?0.45?0.45ns t cqoh t chcqx echo clock hold after k/k clock rise ?0.45 ? ?0.45 ? ?0.45 ? ns t cqd t cqhqv echo clock high to data valid ? 0.2 ? 0.2 ? 0.2 ns t cqdoh t cqhqx echo clock high to data invalid ?0.2 ? ?0.2 ? ?0.2 ? ns t cqh t cqhcql output clock (cq/cq ) high [22] 0.88 ? 1.03 ? 1.15 ? ns t cqhcq h t cqhcq h cq clock rise to cq clock rise [22] (rising edge to rising edge) 0.88 ? 1.03 ? 1.15 ? ns t chz t chqz clock (k/k ) rise to high-z (active to high-z) [23, 24] ?0.45?0.45?0.45ns t clz t chqx1 clock (k/k ) rise to low-z [23, 24] ?0.45 ? ?0.45 ? ?0.45 ? ns t qvld t cqhqvld echo clock high to qvld valid [25] ?0.20 0.20 ?0.20 0.20 ?0.20 0.20 ns dll timing t kc var t kc var clock phase jitter ? 0.20 ? 0.20 ? 0.20 ns t kc lock t kc lock dll lock time (k) 2048 ? 2048 ? 2048 ? cycles t kc reset t kc reset k static to dll reset [26] 30?30?30? ns notes 20. when a part with a maximum frequency above 300 mhz is operating at a lower clock frequency, it requires the input timing of the frequency range in which it is being operated and will output data with the output timing of that frequency range. 21. this part has an internal voltage regulator; t power is the time that the power needs to be supplied above v dd minimum initially before a read or write operation can be initiated. 22. these parameters are extrapolated from the input timing parameters (t khk h - 250 ps, where 250 ps is the internal jitter. an input jitter of 200 ps (t kc var ) is already included in the t khk h ). these parameters are only guaranteed by design and are not tested in production. 23. t chz , t clz , are specified with a load capacitance of 5 pf as in (b) of ?ac test loads and waveforms? on page 21 . transition is measured 100 mv from steady-state voltage. 24. at any voltage and temperature t chz is less than t clz and t chz less than t co . 25. t qvld spec is applicable for both risi ng and falling edges of qvld signal. 26. hold to >v ih or cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 23 of 27 switching waveforms read/write/deselect sequence [27, 28, 29] figure 5. waveform for 2.0 cycle read latency dont care undefined 1 2 3 4 5 6 7 8 9 10 read read read nop write write t nop 11 k k ld r/w a t kh t kl t cyc t hc t sa t ha sc a0 a1 a2 a3 a4 cq cq qvld qvld t nop t qvld t t ccqo t cqoh t t cqoh qvld t nop dq khkh 12 (read latency = 2.0 cycles) nop nop ccqo t sd hd t sd t hd t clz t chz d20 d21 d30 d31 t cqdoh q00 q11 q01 q10 t doh t co q40 q41 t cqd t t t cqh cqhcqh notes 27. q00 refers to output from address a0. q01 refers to output from the next internal burst address following a0, that is, a0 + 1. 28. outputs are disabled (high-z) one clock cycle after a nop. 29. the third nop cycle between read to write transition is not necessary for correct device operation when read latency = 2.0 c ycles; however at high frequency operation, it may be required to avoid bus contention. [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 24 of 27 ordering information not all of the speed, package and temperat ure ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range 375 cy7c1246v18-375bzc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) commercial CY7C1257V18-375BZC cy7c1248v18-375bzc cy7c1250v18-375bzc cy7c1246v18-375bzxc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-375bzxc cy7c1248v18-375bzxc cy7c1250v18-375bzxc cy7c1246v18-375bzi 51-85195 165-ball fine pitch ba ll grid array (15 x 17 x 1.4 mm) industrial cy7c1257v18-375bzi cy7c1248v18-375bzi cy7c1250v18-375bzi cy7c1246v18-375bzxi 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-375bzxi cy7c1248v18-375bzxi cy7c1250v18-375bzxi 333 cy7c1246v18-333bzc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) commercial cy7c1257v18-333bzc cy7c1248v18-333bzc cy7c1250v18-333bzc cy7c1246v18-333bzxc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-333bzxc cy7c1248v18-333bzxc cy7c1250v18-333bzxc cy7c1246v18-333bzi 51-85195 165-ball fine pitch ba ll grid array (15 x 17 x 1.4 mm) industrial cy7c1257v18-333bzi cy7c1248v18-333bzi cy7c1250v18-333bzi cy7c1246v18-333bzxi 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-333bzxi cy7c1248v18-333bzxi cy7c1250v18-333bzxi [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 25 of 27 300 cy7c1246v18-300bzc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) commercial cy7c1257v18-300bzc cy7c1248v18-300bzc cy7c1250v18-300bzc cy7c1246v18-300bzxc 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-300bzxc cy7c1248v18-300bzxc cy7c1250v18-300bzxc cy7c1246v18-300bzi 51-85195 165-ball fine pitch ba ll grid array (15 x 17 x 1.4 mm) industrial cy7c1257v18-300bzi cy7c1248v18-300bzi cy7c1250v18-300bzi cy7c1246v18-300bzxi 51-85195 165-ball fine pitch ball grid array (15 x 17 x 1.4 mm) pb-free cy7c1257v18-300bzxi cy7c1248v18-300bzxi cy7c1250v18-300bzxi ordering information (continued) not all of the speed, package and temperat ure ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram package type operating range [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 26 of 27 ? cypress semiconductor corporation, 2006-2007. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent o r other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. qdr rams and quad data rate rams comprise a new family of produc ts developed by cypress, idt, ne c, renesas, and samsung. all ot her trademarks or registered trademarks referenced herein are property of the respective corporations. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and international treaty provisions. cypress hereby grants to licensee a personal, non-e xclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the so le purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, tran slation, compilation, or representation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or im plied, with regard to this mate rial, including, but not limited to, the implied war- ranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further not ice to the materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. package diagram figure 6. 165-ball fbga (15 x 17 x 1.40 mm), 51-85195 !  0).#/2.%2 ? ?   ?8 ?-#!" ?-# " ! 8 ? -!8 3%!4).'0,!.% ? # # 0).#/2.%2 4/06)%7 "/44/-6)%7            " # $ % & ' ( * + , - .            0 2 0 2 + - . , * ( ' & % $ # " ! #      3/,$%20!$490%./.3/,$%2-!3+$%&).%$.3-$ ./4%3 0!#+!'%7%)'(4g *%$%#2%&%2%.#%-/ $%3)'.# 0!#+!'%#/$%""!$ 51-85195-*a [+] feedback [+] feedback
cy7c1246v18 cy7c1257v18 cy7c1248v18 cy7c1250v18 document number: 001-06348 rev. *c page 27 of 27 document history page document title: cy7c1246v18/cy7c1 257v18/cy7c1248v18/cy7c1250v18, 36-mb it ddr-ii+ sram 2-word burst ar- chitecture (2.0 cycle read latency) document number: 001-06348 rev. ecn no. issue date orig. of change description of change ** 425689 see ecn nxr new data sheet *a 461639 see ecn nxr revised the mpns from cy7c1257av18 to cy7c1257v18 cy7c1248av18 to cy7c1248v18 cy7c1250av18 to cy7c1250v18 changed t th and t tl from 40 ns to 20 ns, changed t tmss , t tdis , t cs , t tmsh , t tdih , t ch from 10 ns to 5 ns and changed t tdov from 20 ns to 10 ns in tap ac switching characteristics table modified power-up waveform *b 497628 see ecn nxr changed the v ddq operating voltage to 1.4v to v dd in the features section, in operating range table and in the dc electrical characteristics table added foot note in page# 1 changed the maximum rating of ambi ent temperature with power applied from ?10c to +85c to ?55c to +125c changed v ref (max.) spec from 0.85v to 0.95v in the dc electrical characteristics table and in the note below the table updated foot note #17 to specify overshoot and undershoot spec updated ja and jc values removed x9 part and it s related information updated footnote #24 *c 1093183 see ecn vkn converted from preliminary to final added x8 and x9 parts updated logic block diagram for x18 and x36 parts changed i dd values from 925 ma to 1210 ma for 375 mhz, 800 ma to 1080 ma for 333 mhz, 725 ma to 1000 ma for 300 mhz changed i sb values from 290 ma to 320 ma for 375 mhz, 270 ma to 300 ma for 333 mhz, 250 ma to 290 ma for 300 mhz changed ja value from 12.43 c/w to 16.25 c/w changed t cyc max spec to 8.4 ns for all speed bins updated ordering information table [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1257V18-375BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X