Part Number Hot Search : 
IVRC059X 40N06 S10K75 TEA1066T ZXFBF04 2SC3930 XTV12750 MMBT2222
Product Description
Full Text Search
 

To Download B43867A2476M002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors single-ended capacitors series/type: b43867 date: december 2006 ? epcos ag 2007. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
long-life grade capacitors for professional electronic ballasts applications energy-saving lamps power supplies features compact dimensions high ripple current capability wide temperature range up to 140 c construction radial leads charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulating sleeve stand-off rubber seal case with safety vent delivery mode terminal configurations and packing: bulk taped, ammo pack cut kinked papr (protection against polarity reversal): crimped leads, j leads, bent leads refer to chapter "single-ended capacitors  taping, packing and lead configurations" for further details and ordering example. single-ended capacitors b43867 up to 140 c page 2 of 23 please read cautions and warnings and important notes at the end of this document.
specifications and characteristics in brief rated voltage v r surge voltage v s 160 ... 350 v dc 1.1  v r rated capacitance c r capacitance tolerance 3.3 ... 100 f 20%  m dissipation factor tan d (20 c, 120 hz) v r 250 v dc: tan d = 0.20 v r 3 350 v dc: tan d = 0.25 useful life 140 c, v r , i ac,r > 1000 h requirements d c/c 35% of initial value tan d 3 times initial specified limit i leak initial specified limit voltage endurance test 140 c, v r 1000 h post test requirements d c/c 30% of initial value tan d 2 times initial specified limit i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: displacement amplitude 0.75 mm, frequency range 10 ... 2000 hz, acceleration max. 20 g, duration 3 2 h. capacitor rigidly clamped by the aluminum case. iec climatic category to iec 60068-1: v r 250 v: 40/140/56 (  40 c/+140 c/56 days damp heat test) v r 3 350 v: 25/140/56 (  25 c/+140 c/56 days damp heat test) sectional specification iec 60384-4 b43867 up to 140 c page 3 of 23 please read cautions and warnings and important notes at the end of this document.
dimensional drawing with stand-off rubber seal diameters (mm): 10, 12.5, 16 dimensions and weights dimensions (mm) approx. weight d +0.5 l a 0.5 b g 10 20 +2.0 5.0 0.60 0.05 2.6 12.5 20 +2.0 5.0 0.60 0.05 3.6 12.5 25 +2.0 5.0 0.60 0.05 4.5 16 20 +2.0 7.5 0.80 0.05 5.5 16 25 +2.0 7.5 0.80 0.05 7.5 16 31.5 +2.0 7.5 0.80 0.05 7.8 b43867 up to 140 c page 4 of 23 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 160 200 250 350 case dimensions d l (mm) c r ( m f) 3.3 10 20 3.9 10 20 4.7 10 20 6.8 12.5 20 10 10 20 10 20 12.5 25 15 10 20 12.5 20 22 10 20 12.5 20 12.5 25 16 25 33 12.5 20 12.5 25 12.5 25 16 31.5 47 12.5 25 12.5 25 16 31.5 68 16 20 16 25 100 16 25 16 31.5 other voltage and capacitance ratings are available upon request. b43867 up to 140 c page 5 of 23 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 120 hz 20 c m f case dimensions d l mm i leak 5 min 20 c m a esr max 120 hz 20 c w i ac,r 120 hz 140 c ma i ac,r 100 khz 140 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for ? 3 10 mm) 002 = for cut leads, bulk (for ? 3 10 mm) 003 = for crimped leads, blister (for ? 3 16 mm) 004 = for j leads, blister (from d l = 10 20 mm to 16 31.5 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (from d l = 10 20 mm to 12.5 25 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (from d l = 16 20 mm to 16 31.5 mm) 012 = for bent 90 leads, blister (for ? 16 mm) v r = 160 v dc 22 10 20 95 15.1 145 217 b43867a1226m*** 33 12.5 20 130 10.0 200 300 b43867a1336m*** 47 12.5 25 175 7.1 270 405 b43867a1476m*** 68 16 20 242 4.9 345 517 b43867a1686m*** 100 16 25 345 3.3 450 675 b43867a1107m*** v r = 200 v dc 10 10 20 65 33.2 90 135 b43867a2106m*** 15 10 20 85 22.1 120 180 b43867a2156m*** 22 12.5 20 113 15.1 170 255 b43867a2226m*** 33 12.5 25 157 10.0 225 337 b43867a2336m*** 47 12.5 25 213 7.1 270 405 b43867a2476m*** 68 16 25 297 4.9 370 555 b43867a2686m*** 100 16 31.5 425 3.3 495 742 b43867a2107m*** v r = 250 v dc 10 10 20 75 33.2 95 142 b43867f2106m*** 15 12.5 20 100 22.1 120 180 b43867f2156m*** 22 12.5 25 135 15.1 185 277 b43867f2226m*** 33 12.5 25 190 10.0 225 337 b43867f2336m*** 47 16 31.5 260 7.1 330 495 b43867f2476m*** v r = 350 v dc 3.3 10 20 48 125.6 55 82 b43867a4335m*** 3.9 10 20 52 106.3 65 97 b43867a4395m*** 4.7 10 20 57 88.2 75 112 b43867a4475m*** 6.8 12.5 20 72 61.0 90 135 b43867a4685m*** 10 12.5 25 95 41.4 122 183 b43867a4106m*** 22 16 25 179 18.8 210 315 b43867a4226m*** 33 16 31.5 256 12.6 280 420 b43867a4336m*** b43867 up to 140 c page 6 of 23 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5.3 calculation of useful life" for an explanation on how to interpret the useful life graphs. useful life depending on ambient temperature t a under ripple current operating conditions 1) frequency factor of permissible ripple current i ac versus frequency f b43867 up to 140 c page 7 of 23 please read cautions and warnings and important notes at the end of this document.
taping, packing and lead configurations taping single-ended capacitors are available taped in ammo pack from diameter 5 to 18 mm as follows: lead spacing f = 2.5 mm ( ? d = 5 ? 6.3 mm) lead spacing f = 3.5 mm ( ? d = 8 mm) lead spacing f = 5.0 mm ( ? d = 5 ? 12.5 mm) lead spacing f = 7.5 mm ( ? d = 16 ... 18 mm). lead spacing 2.5 mm ( ? d = 5 ... 6.3 mm) last 3 digits of ordering code: 007 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 5 2.5 18.5 18.0 5.5 9.0 1.5 16.0 12.7 12.7 5.1 1.0 0.7 1.0 4.0 6.3 toler- ance +0.8  02 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. 0.2 max. 0.2 b43867 up to 140 c page 8 of 23 please read cautions and warnings and important notes at the end of this document.
lead spacing 3.5 mm ( ? d = 8 mm) last 3 digits of ordering code: 006 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d h d 0 8 3.5 18.5 18.0 12.5 9.0 1.5 12.7 12.7 4.6 1.0 0.7 1.0 4.0 toler- ance +0.8  02 1.0 0.5 min. 0.5 max. 1.0 0.2 0.5 max. 0.2 max. 0.2 b43867 up to 140 c page 9 of 23 please read cautions and warnings and important notes at the end of this document.
lead spacing 5.0 mm ( ? d = 5 ... 8 mm) last 3 digits of ordering code: 008 lead spacing 5.0 mm ( ? d = 10 ... 12.5 mm) last 3 digits of ordering code: 008 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 5 5.0 18.5 18.0 5.5 9.0 1.5 16.0 12.7 12.7 3.85 1.0 0.7 1.0 4.0 6.3 8 20.0 16.0 12.7 12.7 3.85 10 5.0 19.0 18.0 12.5 9.0 1.5  12.7 12.7 3.85 1.0 0.7 1.0 4.0 12.5 19.0  15.0 15.0 5.0 toler- ance +0.8  02 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. 0.2 max. 0.2 b43867 up to 140 c page 10 of 23 please read cautions and warnings and important notes at the end of this document.
lead spacing 7.5 mm ( ? d = 16 ...18 mm) last 3 digits of ordering code: 009 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d p d h d 0 16 7.5 18.5 18.0 12.5 9.0 1.5 30.0 15.0 3.75 1.0 0.7 0 0 4.0 18 *) toler- ance 0.8  0.5 +0.75 0.5 min. 0.5 max. 1.0 0.2 0.5 max. 0.2 1.0 1.0 0.2 *) available only for case dimensions 18 20, 18 25 and 18 31.5 mm b43867 up to 140 c page 11 of 23 please read cautions and warnings and important notes at the end of this document.
packing units and box dimensions ammo pack case size d l dimensions (mm) packing units mm a max b max c max pcs. 5 11 345 55 240 2000 6.3 11 345 55 290 2000 8 11.5 345 55 240 1000 10 12.5 345 55 280 750 10 16 345 60 200 500 10 20 345 60 200 500 12.5 20 345 65 280 500 12.5 25 345 65 280 500 12.5 25 345 65 280 500 12.5 30 345 65 275 500 16 20 315 65 275 300 16 25 315 65 275 300 16 31.5 315 65 275 300 18 20 315 65 275 250 18 25 315 65 275 250 18 31.5 315 65 275 250 b43867 up to 140 c page 12 of 23 please read cautions and warnings and important notes at the end of this document.
kinked or cut leads single-ended capacitors are available with kinked or cut leads. other lead configurations also available upon request. kinked leads last 3 digits of ordering code: 001 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 20 5.0 12.5 20 5.0 12.5 25 5.0 12.5 30 5.0 12.5 35 5.0 12.5 40 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 20 20 10.0 20 25 10.0 20 40 10.0 22 30 10.0 22 35 10.0 22 40 10.0 with flat rubber seal b43867 up to 140 c page 13 of 23 please read cautions and warnings and important notes at the end of this document.
cut leads last 3 digits of ordering code: 002 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 12.5 5.0 10 16 5.0 10 20 5.0 12.5 20 5.0 12.5 25 5.0 12.5 30 5.0 12.5 35 5.0 12.5 40 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 20 20 10.0 20 25 10.0 20 40 10.0 with flat rubber seal b43867 up to 140 c page 14 of 23 please read cautions and warnings and important notes at the end of this document.
papr leads (protection against polarity reversal) these lead configurations ensure correct placement of the capacitor on the pcb with regard to polarity. papr leads are available for diameters from 10 mm up to 20 mm. there are three configurations available: crimped leads, j leads, bent 90 leads crimped leads last 3 digits of ordering code: 003 with stand-off rubber seal with flat rubber seal suggestion for pcb hole diameter case size dimensions (mm) d l (mm) b 0.2 c 0.5 d 0.1 e 0.1 a 0.5 ? b 16 20 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 25 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 18 20 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 25 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 35 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 40 1.5 3.0 1.3 0.3 7.5 0.8 0.1 20 20 1.5 3.0 1.6 0.3 10.0 1.0 0.1 20 25 1.5 3.0 1.6 0.3 10.0 1.0 0.1 20 40 1.5 3.0 1.6 0.3 10.0 1.0 0.1 b43867 up to 140 c page 15 of 23 please read cautions and warnings and important notes at the end of this document.
j leads last 3 digits of ordering code: 004 suggestion for pcb hole diameter case size dimensions (mm) d l (mm) c 0.5 e 0.5 j 0.2 a 0.5 ? b 10 12.5 3.2 0.7 1.2 5.0 0.6 0.05 10 16 3.2 0.7 1.2 5.0 0.6 0.05 10 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 25 3.2 0.7 1.2 5.0 0.6 0.05 16 20 3.5 0.7 1.6 7.5 0.8 0.05 16 25 3.5 0.7 1.6 7.5 0.8 0.05 16 31.5 3.5 0.7 1.6 7.5 0.8 0.05 18 20 3.5 0.7 1.6 7.5 0.8 0.1 18 25 3.5 0.7 1.6 7.5 0.8 0.1 18 31.5 3.5 0.7 1.6 7.5 0.8 0.1 18 35 3.5 0.7 1.6 7.5 0.8 0.1 b43867 up to 140 c page 16 of 23 please read cautions and warnings and important notes at the end of this document.
bent 90 leads for horizontal mounting pinning last 3 digits of ordering code: 012 case size dimensions (mm) d l (mm) c 0.5 e 0.5 f 0.5 a 0.5 ? b 16 20 4.0 4.0 12.0 7.5 0.8 0.05 16 25 4.0 4.0 12.0 7.5 0.8 0.05 16 31.5 4.0 4.0 12.0 7.5 0.8 0.05 18 20 4.0 4.0 13.0 7.5 0.8 0.1 18 25 4.0 4.0 13.0 7.5 0.8 0.1 18 31.5 4.0 4.0 13.0 7.5 0.8 0.1 18 35 4.0 4.0 13.0 7.5 0.8 0.1 18 40 4.0 4.0 13.0 7.5 0.8 0.1 bent leads for diameter 12.5 mm available upon request. b43867 up to 140 c page 17 of 23 please read cautions and warnings and important notes at the end of this document.
1) available upon request overview of packing units and code numbers for case sizes 5 11 ... 16 31.5 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads j leads bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 5 11 2000 2000     6.3 11 2500 2000     8 11.5 1000 1000     10 12.5 1000 750  1000  675 10 16 100 500  1000  675 10 20 500 500 500 500  500 12.5 20 350 500 350 350  300 1) 12.5 25 250 500 500 500  225 1) 12.5 30 200 500 175 175  180 1) 12.5 35 175 - 175 175  150 1) 12.5 40 175 - 175 175  150 1) 16 20 250 300 200 200 200 200 120 16 25 250 300 200 200 200 200 120 16 31.5 200 300 250 250 344 344 120 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 006 007 008 009 3.5 2.5 5 7.5 8 5...6.3 5...12.5 16...18 b43867 up to 140 c page 18 of 23 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 18 20 ... 25 40 papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads j leads bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 18 20 175 250 175 175 200 200 120 18 25 150 250 150 150 200 200 120 18 31.5 100 250 100 100 150 150 120 18 35 100  100 100 150 150 150 18 40 125  100 100 120  72 20 20 125  125 125 200   20 25 125  125 125 200   20 30 100  100 100 120   20 35 100  100 100 120   20 40 100  100 100 120   22 30 80  100 100    22 35 80  100 100    22 40 80  100 100    25 40 40  100     the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 007 008 009 2.5 5 7.5 4...6.3 6.3...12.5 16...18 b43867 up to 140 c page 19 of 23 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, part of the high-voltage electrolytes used by epcos are self-extinguishing. they contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. however, the amount of dangerous materials used in our products has been limited to an absolute minimum. nevertheless, the following rules should be observed when handling al electrolytic capacitors: any escaping electrolyte should not come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected parts immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid breathing in electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b43867 up to 140 c page 20 of 23 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarize the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages polarity classes should be prevented by connecting a diode. 3.1.6 "reverse voltage" upper category temperature do not exceed the upper category temperatur. 7.2 "maximum permissible operating temperature" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply any mechanical stress to the capacitor terminals. 10 "maintenance" mounting position of screw terminal capacitors do not mount the capacitor with the terminals (safety vent) upside down. 11.1. "mounting positions of capacitors with screw terminals" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2 nm m6: 2.5 nm 11.3 "mounting torques" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" b43867 up to 140 c page 21 of 23 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" passive flammability avoid external energy, such as fire or electricity. 8.1 "passive flammability" active flammability avoid overload of the capacitors. 8.2 "active flammability" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals - accessories" b43867 up to 140 c page 22 of 23 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of passive electronic compon- ents or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applica- tions requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the ?general terms of delivery for products and services in the electrical in- dustry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, epcos-jones, baoke, alu-x, ceradiode, cssp, mlsc, phasecap, phasemod, siferrit, sifi, sikorel, silvercap, simid, siov, sip5d, sip5k, ultracap, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 23 of 23


▲Up To Search▲   

 
Price & Availability of B43867A2476M002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X