Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download AT90SC256144RCFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6534as?scic?13oct06 features general  high-performance, low-power secureavr ? enhanced risc architecture ? 137 powerful instructions (most executed in a single clock cycle)  low power idle and power-down modes  bond pad locations conforming to iso 7816-2  esd protection to 6000v  operating ranges: 2.7v to 5.5v  compliant with icao and fips201 specifications, gsm and emv2000 specifications  available in wafers, contact modules, dual interface modu les, full contactless modules or inlays and industry-standard packages contactless mode  rf contactless interface with full support for iso/iec 14443 type a and b protocols  supply voltage clamp and regulation  full-bridge power rectification  on-chip tuning capacitance: 10 pf up to 120 pf  13.56 mhz clock extraction  internal bus maximum frequenc y: 3.4 mhz (external clock) or 40mhz (internal clock)  reader-to-card: ? iso/iec type a: 100% ask modulatio n and modified miller bit coding ? iso/iec type b: 10% ask modulation and nrz bit coding  card-to-reader: ? iso/iec type a: generation of 847.5k hz subcarrier with ook modulation and manchester bit coding ? iso/iec type b: modulation of incoming rf carrier by resistive load switching / generation of 847.5khz subcarrier with bpsk modulation / nrz data encoding  baud rates: up to 848 kbps  rf frame: up to 256 bytes memory  256k bytes of rom program memory  32k bytes of rom dedicated to atmel?s cryptographic libraries  144k bytes of eeprom, including 128 otp bytes and 384-byte bit-addressable bytes ? 1 to 128-byte program / erase ? 1ms program / 1ms erase ? typically 500,000 write/erase cy cles at a temperature of 25 o c ? 10 years data retention  8k bytes of ram + 256 bytes of dma dedicated ram peripherals  interrupt driven iso14443 contactless controller with transmit / receive  one iso 7816 controller ? up to 625 kbps at 5 mhz ? compliant with t=0 and t=1 protocols  one i/o port  programmable internal oscill ator (up to 40 mhz for advx ? and up to 20 mhz for internal cpu clock)  three 16-bit timers (watchdog capability)  random number generator (rng)  2-level, 8-vector interrupt controller  hardware des and triple des dpa/spa/dema resistant  checksum accelerator  crc16 & 32 engine (compliant with iso/iec 3309) secure microcontroller for smart cards at90sc 256144rcft summary note: this is a summary document. a complete document will be available under nda. for more information, please contact your local atmel sales office.
2 AT90SC256144RCFT 6534as?scic?13oct06  32-bit advx ? cryptographic accelerator for public key operations with gf92n) multiplier and firm ware (rsa, dsa, ecc, key generation, aes, md5, sha-1, sha-256)  dma controller to speed-up data transfers when communicating via the contactless interface  eaes 128 engine (optional) security  dedicated hardware for protection against spa/dpa/sema/dema attacks  advanced protection against physical attack, including active shield  environmental protection systems  voltage monitor  frequency monitor  light protection  temperature monitor  secure memory management/acce ss protection (supervisor mode)  designed to meet common criteria eal5+ development tools  voyager emulation platform (atv4 adva nced) to support software development  iar embedded workbench avr ? v3.20c debugger or atmel?s avr studio ? version 4.07 or above  software libraries an d application notes description the AT90SC256144RCFT is a low-power, high-performance, 8-/16-bit microcontroller with rom program memory, eeprom data memory, based on the secureavr enhanced risc architecture and with a dual interface (contact+contactless). by executing powerful instructions in a single clock cycle, the AT90SC256144RCFT achieves throughputs close to 1 mips per mhz. its harvard architecture includes 32 general-purpose working registers directly connected to the alu, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the AT90SC256144RCFT uses the secureavr architecture that allows the linear addressing of up to 8m bytes of code and up to 16m bytes of data as well as a number of new functional and security features. the AT90SC256144RCFT features 144k bytes of high-performance eeprom (f ast erase/write time, high endurance).this allows system developers to offer their customers a true 128k bytes eeprom, while still being able to use the remaining 16k bytes for their own purposes (custo mization and patches, for example). th e ability to map the eeprom in the code space allows parts of the program memory to be reprogrammed in-system. the cryptographic accelerator featured in the at90sc256144rc ft is the new advx, a n-bit multiplier-accumulator dedicated to performing fast encryption and authenticatio n functions. all cryptographic routines are executed on the secureavr core which uses the advx accelerator during encryption/decryption. advx is based on a 32-bit technology, thus enabling fast computation and low power operation. advx suppo rts standard finite fields arithmetic functions (including rsa, dsa and dh) and gf(2n) arithmetic functions (including ecc). an aes 128 engine is provid ed as an optional feature. additional security features include power, frequency and temperature protection logic, logical scrambling on program data and addresses, power analysis countermeasures, and memory accesses controlled by a supervisor mode. this product is specifically designed for smart ca rds and targets access control and id applications. a block diagram of the at90sc256144rcf is shown in figure 1
3 AT90SC256144RCFT 6534as?scic?13oct06 figure 1. AT90SC256144RCFT contact/contactless secureavr enhanced risc architecture 144kb eeprom user memory + otp 256kb rom program memory pc 16 instruction register instruction decoder 16 control lines 16 access control general purpose registers x alu 8 y z data bus 8-bit 8 8 status register access control rng secure control vcc clk gnd crc and checksum accelerator dpa counter measures des / tdes timers rst reset circuit iso 7816 i/o port 0 iso 7816 controller in/out0 interrupt unit 8kb ram data memory iso14443 controller (cic) rf modulator power and clock rf1 rf2 iso 7816 i/o port 1 in/out1 advx crypto-accelerator 32kb rom cryptography dma controller
. 6534as?scic?13oct06 disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel? s web site, atmel assumes no liability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to , the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, conseque ntial, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if at mel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or co mpleteness of the contents of this document and reserves the rig ht to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained her ein. atmel?s products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imagin g/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? 2006 atmel corporation . all rights reserved. atmel ? , logo and combinations thereof, everywhere you are ? and others are registered trademarks, secureavr? and others are trademarks of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT90SC256144RCFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X