Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download 95PFR80W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high surge current capability designed for a wide range of applications stud cathode and stud anode version leaded version available/ wire version available low thermal resistance ul approval pending typical applications battery charges converters power supplies machine tool controls welding parameters units 95pf (r)...(w) 40 to 120 i f(av) 95 a @ t c 140 c i f(rms) 149 a i fsm @ 50hz 2000 a @ 60hz 2090 i 2 t@ 50hz 20000 a 2 s @ 60hz 18180 v rrm range 400 to 1200 v t j range - 55 to 180 c major ratings and characteristics 95pf(r)...(w) series standard recovery diodes gen ii do5 95 a 1 stud version bulletin i20108 rev. c 03/04 case style do-203ab (do-5) 95pf(r)...w 95pf(r)... case style do-203ab (do-5) www.irf.com
95pf(r)...(w) series 2 bulletin i20208 rev. c 03/04 www.irf.com voltage v rrm , maximum v rsm , maximum non- i rrm max. type number code repetitive peak repetitive peak @ t j = 150c reverse voltage reverse voltage vvma 40 400 500 95pf (r)...(w) 80 800 960 9 120 1200 1440 electrical specifications voltage ratings i f(av) max. average forward current 95 a 180 conduction, half sine wave @ case temperature 140 c i f(rms) max. rms forward current 149 a i fsm max. peak, one-cycle forward, 2000 t = 10ms no voltage non-repetitive surge current 2090 t = 8.3 ms reapplied 1680 t = 10ms 100% v rrm 1760 t = 8.3 ms reapplied sinusoidal half wave, i 2 t maximum i 2 t for fusing 20000 t = 10ms no voltage initial t j = 150c 18180 t = 8.3ms reapplied 14100 t = 10ms 100% v rrm 12800 t = 8.3ms reapplied i 2 t maximum i 2 t for fusing 200000 a 2 s t = 0.1 to 10ms, no voltage reapplied v f(to) low level value of threshold voltage r f low level value of forward slope resistance v fm max. forward voltage drop 1.40 v i pk = 267a, t j = 25c, t p = 400s rectangular wave parameter units conditions 2.4 m ? (16.7% x x i f(av) < i < x i f(av) ), t j = t j max. 0.73 v (16.7% x x i f(av) < i < x i f(av) ), t j = t j max. a 2 s a forward conduction 95pf(r)...(w) 40 to 120
95pf(r)...(w) series 3 bulletin i20208 rev. c 03/04 www.irf.com parameter units conditions 95pf (r)...(w) 40 to 120 t j max. junction operating temperature range -55 to 180 t stg max. storage temperature range -55 to 180 r thjc max. thermal resistance, junction to case 0.27 dc operation r thcs max. thermal resistance, case mounting surface, smooth, flat and to heatsink greased t max. allowed mounting torque 10% 2.3 3.4 nm tighting on nut (1) 20 30 lbf in 3.2 4.3 nm tighting on hexagon (2) 28 38 lbf in wt approximate weight 15.8 (0.56) g (oz) case style do-203ab (do5) see outline table c 0.25 k/w thermal and mechanical specifications 180 0.14 0.10 t j = t j max. 120 0.16 0.17 90 0.21 0.22 60 0.30 0.31 30 0.50 0.50 conduction angle sinusoidal conduction rectangular conduction units conditions k/w ? r thjc conduction (the following table shows the increment of thermal resistence r thjc when devices operate at different conduction angles than dc) (1) as general recommendation we suggest to tight on hexagon and not on nut (2) torque must be appliable only to hexagon and not to plastic structure average forward current (a) fig. 1 - current ratings characteristics average forward current (a) fig. 2 - current ratings characteristics maximum allowable case temperature (c) maximum allowable case temperature (c) 120 130 140 150 160 170 180 0 2040608010 0 30 ? 60 ? 90 ? 120 ? 180 ? conduction angle 95pf(r) serie rthjc = 0.27 k/w 120 130 140 150 160 170 180 0 40 80 120 160 dc 30 ? 60 ? 90 ? 120 ? 180 ? conduction period 95pf(r) series rthjc (dc) = 0.27 k/w
95pf(r)...(w) series 4 bulletin i20208 rev. c 03/04 www.irf.com average forward current (a) fig. 3 - forward power loss characteristics maximum allowable forward power loss (w) average forward current (a) fig. 4 - forward power loss characteristics maximum allowable forward power loss (w) maximum allowable ambient temperature (c) maximum allowable ambient temperature (c) 0 30 60 90 120 150 18 0 1 k/w 2 k/w 0.3 k/w 0.7 k/w 0.5 k/w 5 k/w 1.5 k/w 3 k/w 0 20 40 60 80 100 120 140 160 0 2040608010 0 rms limit conduction angle 180 ? 120 ? 90 ? 60 ? 30 ? 95pf(r) series tj = 180 ? c 0 30 60 90 120 150 18 0 1 k/w 2 k/w 0.3 k/w 0.7 k/w 0.5 k/w 5 k/w 1.5 k/w 3 k/w 0 20 40 60 80 100 120 140 160 0 30 60 90 120 15 0 rms limit conduction period 180 ? 120 ? 90 ? 60 ? 30 ? 95pf(r) series tj = 180 ? c dc
95pf(r)...(w) series 5 bulletin i20208 rev. c 03/04 www.irf.com instantaneous forward voltage (v) fig. 7 - forward voltage drop characteristics instantaneous forward current (a) square wave pulse duration (s) fig. 8 - thermal impedance z thjc characteristics transient thermal impedance z thjc (k/w) number of equal amplitude half cycle current pulses (n) fig. 5 - maximum non -repetitive surge current peak haf sine wave forward current (a) pulse train duration (s) fig. 6 - maximum non -repetitive surge current peak haf sine wave forward current (a) 400 600 800 1000 1200 1400 1600 1800 11010 0 at any rated load condition and with rated vrrm applied following surge. 95pf(r) series initial tj = 150 ? c @ 60 hz 0.0083 s @ 50 hz 0.0100 s 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 0.01 0.1 1 maximum non repetitive surge current versus pulse train duration. 95pf(r) series initial tj = 150 ? c no voltage reapplied rated vrrm reapplied 1 10 100 1000 00.511.522.53 tj = 25 ? c 95pf(r) series tj = 180 ? c 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 steady state value rthjc = 0.27 k/w (dc operation) 95pf(r) series
95pf(r)...(w) series 6 bulletin i20208 rev. c 03/04 www.irf.com outline table fig. a - 95pf (r)... case style do-203ab (do-5) note: for metric device please contact factory fig. b - 95pf (r)...(w) case style do-203ab (do-5) note: for metric device please contact factory fig. c - 97pf (r)... case style do-203ab (do-5) note: for metric device please contact factory
95pf(r)...(w) series 7 bulletin i20208 rev. c 03/04 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7309 visit us at www.irf.com for sales contact information. 03/04 data and specifications subject to change without notice. this product has been designed and qualified for multiple level. qualification standards can be found on ir's web site. ordering information table 1 2 3 device code 95 pf r 120 w 1 - 95 = standard device 97 = isolated lead on standard terminal with silicone sleeve available for 1200v only (red = reverse polarity) (blue = normal polarity) 2 - pf = plastic package 3 - none = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) 4 - voltage code: code x 10 = v rrm (see voltage ratings table) 5 - none = standard terminal (see fig. a) - w = wire terminal (see fig. b) 4 5


▲Up To Search▲   

 
Price & Availability of 95PFR80W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X