Part Number Hot Search : 
FB2022B 0APBF ALE12F06 XQVR1000 2SB1126 1N5235B VC00P 06022031
Product Description
Full Text Search
 

To Download 2SD211411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2sd2114 0.5a , 25v npn plastic-encapsulate transistor 24-feb-2011 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 emitter collector 3 rohs compliant product a suffix of -c specifies halogen & lead-free feature  high dc current gain.  high emitter-base voltage. v ebo =12v (min.) classification of h fe product-rank 2sd2114-v 2sd2114-w range 820~1800 1200~2700 marking bbv bbw package information package mpq leadersize sot-23 3k 7 inch absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 25 v collector to emitter voltage v ceo 20 v emitter to base voltage v ebo 12 v collector current - continuous i c 500 ma collector power dissipation p c 250 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 25 - - v i c =10 a, i e =0 collector to emitter breakdown voltage v (br)ceo 20 - - v i c =1ma, i b =0 emitter to base breakdown voltage v (br)ebo 12 - - v i e =10 a, i c =0 collector cut-off current i cbo - - 0.5 a v cb =20v, i e =0 emitter cut-off current i ebo - - 0.5 a v eb =10v, i c =0 dc current gain h fe 820 - 2700 v ce =3v, i c =10ma collector to emitter saturation voltage v ce(sat) - - 0.4 v i c =500ma, i b =20ma transition frequency f t - 350 - mhz v ce =10v, i c =50ma, f=100mhz collector output capacitance c ob - 8 - pf v cb =10v, i e =0, f=1mhz on resistance r (on) - 0.8 -  v in =0.1v(rms), i b =1ma, f=1kh z sot-23 top view a l c b d g h j f k e 1 2 3 1 2 3 millimeter millimeter ref. min. max. ref. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50
elektronische bauelemente 2sd2114 0.5a , 25v npn plastic-encapsulate transistor 24-feb-2011 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente 2sd2114 0.5a , 25v npn plastic-encapsulate transistor 24-feb-2011 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SD211411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X