Part Number Hot Search : 
90160 102M5 035CT PBYR240 19001 2SJ220L EFM32 020DI
Product Description
Full Text Search
 

To Download 1KSMBJ11A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon avalanche diodes 270 www.littelfuse.com 1000w surface mount transient voltage suppressor the 1ksmbj range of surface mount protectors utilizes the proven glass passivated technology used in many littelfuse product portfolios. rated at 1000 watts (10 x 1000 ? double exponential waveform), the 1ksmbj bridges the gap left by traditional types rated at 600 watts and 1500 watts, suiting many applications where both power handling and size are paramount. the extremely fast turn-on time (less than one pico second), coupled with the low clamping factor and low on-state impedance, make this range ideal for the protection of todays circuits. our specially selected range of voltages has been chosen to fulfill optimum protection for use in automotive and telecom applications. features ? rohs compliant ? available in breakdown voltages from 6.8v. to 160v; specially designed for automotive applications ? response time: 1x10 -12 . secs (theoretical) ? glass passivated junction ? offers high-surge rating in compact package: bridges the gap between 600w and 1.5kw ? forward surge rating: 100a 8.3ms single half sine wave ? 100% tested ? operating temperature: -55? to +150? agency approvals: recognized under the components program of underwriters laboratories. agnecy file numbers : e128662 1ksmbj series smbj voltage c a bi-directional 5% voltage tolerance tape and reeled (3000 pcs) ordering information mechanical specifications: weight: 0.093 grammes (approx) case: do-214aa outline moulded plastic over glass passivated junction. ul 94 v-0 rated terminals: solderable to mil-std-750 method 2026 solderable leads: 23? for 10 seconds marking: cathode band, device code logo standard packaging: supplied on reels of 3000 pieces. tape width 12mm. follows requirements of eia 481-1 rohs
silicon avalanche diodes 271 www.littelfuse.com 6 silicon diode arrays reverse stand off voltage v r (volts) part number breakdown voltage v br (volts) @ i t min max i t (ma) maximum reverse leakage i r @ v r (?) maximum clamping voltage v c @ i pp (volts) maximum peak pulse current i pp (a) 1ksmbj series 1ksmbj 6.8 n10a 5.50 6.12 7.46 10.0 1000.0 (4) 10.8 92.5 1ksmbj 6.8a n10b 5.80 6.45 7.14 10.0 1000.0 (4) 10.5 95.0 1ksmbj 7.5 n10c 6.05 6.75 8.25 10.0 500.0 (4) 11.7 85.0 1ksmbj 7.5a n10d 6.40 7.13 7.88 10.0 500.0 (4) 11.3 88.3 1ksmbj 8.2 n10e 6.63 7.38 9.02 10.0 200.0 (4) 12.5 80.0 1ksmbj 8.2a n10f 7.02 7.79 8.61 10.0 200.0 (4) 12.1 83.3 1ksmbj 9.1 n10g 7.37 8.19 10.0 1.0 50.0 (4) 13.8 73.3 1ksmbj 9.1a n10h 7.78 8.65 9.55 1.0 50.0 (4) 13.4 75.0 1ksmbj 10 n10i 8.10 9.00 11.0 1.0 10.0 (4) 15.0 66.7 1ksmbj 10a n10j 8.55 9.50 10.5 1.0 10.0 (4) 14.5 68.3 1ksmbj 11 n10k 8.92 9.90 12.1 1.0 5.0 (4) 16.2 61.7 1ksmbj 11a n10l 9.40 10.5 11.6 1.0 5.0 (4) 15.6 63.3 1ksmbj 12 n10m 9.72 10.80 13.2 1.0 5.0 (4) 17.3 58.3 1ksmbj 12a n10n 10.2 11.4 12.6 1.0 5.0 16.7 60.0 1ksmbj 13 n10o 10.5 11.7 14.3 1.0 5.0 19.0 53.3 1ksmbj 13a n10p 11.1 12.4 13.7 1.0 5.0 18.2 55.0 1ksmbj 15 n10q 12.1 13.5 16.5 1.0 5.0 22.0 45.0 1ksmbj 15a n10r 12.8 14.3 15.8 1.0 5.0 21.2 46.7 1ksmbj 16 n10s 12.9 14.4 17.6 1.0 5.0 23.5 43.3 1ksmbj 16a n10t 13.6 15.2 16.8 1.0 5.0 22.5 45.0 1ksmbj 18 n10u 14.5 16.2 19.8 1.0 5.0 26.5 38.0 1ksmbj 18a n10v 15.3 17.1 18.9 1.0 5.0 25.2 40.0 1ksmbj 20 n10w 16.2 18.0 22.0 1.0 5.0 29.1 35.0 1ksmbj 20a n10x 17.1 19.0 21.0 1.0 5.0 27.7 36.7 1ksmbj 22 n10y 17.8 19.8 24.2 1.0 5.0 31.9 31.7 1ksmbj 22a n10z 18.8 20.9 23.1 1.0 5.0 30.6 33.3 1ksmbj 24 o10a 19.4 21.6 26.4 1.0 5.0 34.7 28.3 1ksmbj 24a o10b 20.5 22.8 25.2 1.0 5.0 33.2 30.0 1ksmbj 27 o10c 21.8 24.3 29.7 1.0 5.0 39.1 25.5 1ksmbj 27a o10d 23.1 25.7 28.4 1.0 5.0 37.5 26.7 1ksmbj 30 o10e 24.3 27.0 33.0 1.0 5.0 43.5 22.9 1ksmbj 30a o10f 25.6 28.5 31.5 1.0 5.0 41.4 24.0 1ksmbj 33 o10g 26.8 29.7 36.3 1.0 5.0 47.7 21.0 1ksmbj 33a o10h 28.2 31.4 34.7 1.0 5.0 45.7 22.0 1ksmbj 36 o10i 29.1 32.4 39.6 1.0 5.0 52.0 19.2 1ksmbj 36a o10j 30.8 34.2 37.8 1.0 5.0 49.9 20.0 electrical specification @ tamb 25? notes: 1. all testing is performed at tamb = 25?c (+/- 3?c) 2. bv is measured using a pulse of 20 milliseconds or less 3. ir is doubled for bi-directional devices only with vr equal or less than 10 volts 4. peak pulse current is quoted @ 10/1000 sec 5. all parameters are stated as tested on a fet tester model 3400 6. devices are uni-directional. vf is not specified. 1000w surface mount transient voltage suppressor device code rohs
silicon avalanche diodes 272 www.littelfuse.com reverse stand off voltage v r (volts) part number breakdown voltage v br (volts) @ i t min max maximum reverse leakage i r @ v r (?) maximum clamping voltage v c @ i pp (volts) maximum peak pulse current i pp (a) 1ksmbj 39 o10k 31.6 35.1 42.9 1.0 5.0 56.4 17.5 1ksmbj 39a o10l 33.3 37.1 41.0 1.0 5.0 53.9 18.7 1ksmbj 43 o10m 34.8 38.7 47.3 1.0 5.0 61.9 16.0 1ksmbj 43a o10n 36.8 40.9 45.2 1.0 5.0 59.3 16.8 1ksmbj 47 o10o 38.1 42.3 51.7 1.0 5.0 67.8 14.8 1ksmbj 47a o10p 40.2 44.7 49.4 1.0 5.0 64.8 15.5 1ksmbj 51 o10q 41.3 45.9 56.1 1.0 5.0 73.5 13.7 1ksmbj 51a o10r 43.6 48.5 53.6 1.0 5.0 70.1 14.3 1ksmbj 56 o10s 45.4 50.4 61.6 1.0 5.0 80.5 12.3 1ksmbj 56a o10t 47.8 53.2 58.8 1.0 5.0 77.0 13.0 1ksmbj 62 o10u 50.2 55.8 68.2 1.0 5.0 89.0 11.3 1ksmbj 62a o10v 53.0 58.9 65.1 1.0 5.0 85.0 11.8 1ksmbj 68 o10w 55.1 61.2 74.8 1.0 5.0 98.0 10.2 1ksmbj 68a o10x 58.1 64.6 71.4 1.0 5.0 92.0 10.8 1ksmbj 75 o10y 60.7 67.5 82.5 1.0 5.0 108.0 9.2 1ksmbj 75a o10z 64.1 71.3 78.8 1.0 5.0 103.0 9.7 1ksmbj 82 p10a 66.4 73.8 90.2 1.0 5.0 118.0 8.5 1ksmbj 82a p10b 70.1 77.9 86.1 1.0 5.0 113.0 8.8 1ksmbj 91 p10c 73.7 81.9 100.0 1.0 5.0 131.0 7.5 1ksmbj 91a p10d 77.8 86.5 95.5 1.0 5.0 125.0 8.0 1ksmbj 100 p10e 81.0 90.0 110.0 1.0 5.0 144.0 7.0 1ksmbj 100a p10f 85.5 95.0 105.0 1.0 5.0 137.0 7.3 1ksmbj 110 p10g 89.2 99.0 121.0 1.0 5.0 158.0 6.3 1ksmbj 110a p10h 94.0 105.0 116.0 1.0 5.0 152.0 6.6 1ksmbj 120 p10i 97.2 108.0 132.0 1.0 5.0 173.0 5.8 1ksmbj 120a p10j 102.0 114.0 126.0 1.0 5.0 165.0 6.1 1ksmbj 130 p10k 105.0 117.0 143.0 1.0 5.0 187.0 5.3 1ksmbj 130a p10l 111.0 124.0 137.0 1.0 5.0 179.0 5.6 1ksmbj 150 p10m 121.0 135.0 165.0 1.0 5.0 215.0 4.7 1ksmbj 150a p10n 128.0 143.0 158.0 1.0 5.0 207.0 4.8 1ksmbj 160 p10o 130.0 144.0 176.0 1.0 5.0 230.0 4.3 1ksmbj 160a p10p 136.0 152.0 168.0 1.0 5.0 219.0 4.6 1ksmbj series electrical specification @ tamb 25? notes: 1. all testing is performed at tamb = 25?c (+/- 3?c) 2. bv is measured using a pulse of 20 milliseconds or less 3. ir is doubled for bi-directional devices only with vr equal or less than 10 volts 4. peak pulse current is quoted @ 10/1000 sec 5. all parameters are stated as tested on a fet tester model 3400 6. vf, for uni-directional devices, is measured using a 300 microsecond square wave pulse @ it = 50a 1000w surface mount transient voltage suppressor device code i t (ma) rohs
silicon avalanche diodes 273 www.littelfuse.com 6 silicon diode arrays 1ksmbj series 1000w surface mount transient voltage suppressor 2.16 2.74 2.16 2.26 solder pads all dimensions in mm rohs


▲Up To Search▲   

 
Price & Availability of 1KSMBJ11A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X