Part Number Hot Search : 
32M50 A12BB S5KC20 2N7002F H393P 07108GOA BA159G H22B1
Product Description
Full Text Search
 

To Download 10114826-00002LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.fciconnect.com description features & benefits target markets & applications 1.25mm wire-to-board system fci?s 1.25mm pitch wire-to-board connector series is designed for a wide variety of applications in industrial, automotive and consumer. the range consists of terminals, crimp housings and pcb headers in straight and right angle, surface mount and through mount con?gurations. it is a single row design, available with from 2 to 15 circuits. a crimping application tool is also available for wire harness assembly. unlike many other products for the same applications, fci?s 1.25mm wire-to-board range conforms to the eu industry safety standard, pcb header material meets h alogen free requirements and the products can be operated in the temperature range from -40 to +105. operating temperature: -40c to +105c plating optionsgold flash or tin circuits: #2~#15 positions available, extension up to 20 positions current rating: 1 amp polarized mating geometry: crimping housing is polarized to prevent mis-mating with pcb header friction lock: crimping housing is equipped with friction locks to secure retention force with pcb header pcb header material (resin) meets halogen free requirement housing meets eu industry safety standard rohs compliance and ul approved tape and reel packaging befits pick and place of smt production process. board-to-board/wire-to-board connectors
www.fciconnect.com /electronics technical information part numbers packaging pcb header: tape and reel crimping housing: bag terminal: reel environmental elxwtbsy0711ea4 printed on recyclable paper materials contact: copper alloy plating: matt tin or gold flash over nickel housing: thermoplastic or thermoplastic high temperature, ul94v-0 metal hold down: copper alloy plating: matt tin electrical performance contact resistance: 20m (maximum) insulation resistance: 100m (minimum) voltage rating: 125 volts ac,dc current rating: 1 amp (0.8 a --32 awg) dielectric withstand voltage: 500 vac/minute resistance to reflow soldering heat: ? pre-heat: 150c to 180c, 60 - 90 seconds ? heat: 230c minimum, 40 seconds minimum ? peak temperature: 260c maximum, 10seconds maximum resistance to hand soldering heat: ? soldering iron: 35010c ? duration: 3 - 4 seconds minimum thermal shock (temperature cycling): conforms to eia-364-32a humidity (temperature cycling): conforms to eia-361-31a temperature life (heat aging): conforms to eia-361-17a, 105c for 96 hours salt spray: conforms to eia-364-26b solderability: solderable area to have minimum 95% solder coverage mechanical performances mating & un-mating force: conforms to eia-364-13 contact retention force: 0.5kgf (minimum) hold down/housing retention force: 1.0kgf (minimum) wire retention force: 0.5kgf (minimum) terminal/ housing retention force: 0.5kgf (minimum) vibration: 1s (maximum), eia-364-28 condition i shock: 1s (maximum), eia-364-27a durability: 30 cycles specifications product spec.: gs-12-675 packaging spec.: gs-14-1592; gs-14-1593 approvals and certifications rohs conforms to eu directive 2002/95/ec ul approval housing connector conforms to iec 60695-2 industry safety standard (glow wire test) 101148xx - x x x xx lf 28 = smt vertical header 29 = through hole vertical header 30 = smt right angle header 31 = through hole right angle header total number of positions (2 to 15) lead free resin material 1 = lcp packing 1 = tape and reel plating 0 = tin 1= gold flash total number of positions (2 to 15) 101148xx - x 0 x xx lf 26 = housing lead free packing 0 = bulk resin material 0 = pa66 101148xx - 00x 27 = terminal plating 1 = matt tin 2 = gold flash 1.25mm wire-to-board system for more information, please contact: elxcommunications@fci.com


▲Up To Search▲   

 
Price & Availability of 10114826-00002LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X