Part Number Hot Search : 
AD8306 2SC33 74HC2440 EW730 STC12C B2901 200100 HD6305
Product Description
Full Text Search
 

To Download STP16NE06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STP16NE06L STP16NE06L/fp n - channel enhancement mode single feature size ? power mosfet target data n typical r ds(on) = 0.09 w n avalanche rugged technology n 100% avalanche tested n 175 o c operating temperature n high dv/dt capability n application oriented characterization description this power mosfet is the latest development of sgs-thomson unique "single feature size" process whereby a single body is implanted on a strip layout structure. the resulting transistor shows extremely high packing density for low on- resistance, rugged avalance characteristics and less critical alignment steps therefore a remark- able manufacturing reproducibility. applications n dc motor control n dc-dc & dc-ac converters n synchronous rectification internal schematic diagram absolute maximum ratings symbol parameter value unit STP16NE06L STP16NE06Lfp v ds drain-source voltage (v gs = 0) 60 v v dgr drain- gate voltage (r gs = 20 k w )60v v gs gate-source voltage 15 v i d drain current (continuous) at t c = 25 o c1611a i d drain current (continuous) at t c = 100 o c107a i dm ( ) drain current (pulsed) 64 64 a p tot total dissipation at t c = 25 o c6030w derating factor 0.4 0.2 w/ o c v iso insulation withstand voltage (dc) ? 2000 v dv/dt peak diode recovery voltage slope 6 v/ns t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ) pulse width limited by safe operating area ( 1 ) i sd 16 a, di/dt 200 a/ m s, v dd v (br)dss , t j t jmax type v dss r ds(on) i d STP16NE06L STP16NE06Lfp 60 v 60 v < 0.12 w < 0.12 w 16 a 11 a october 1997 to-220 to-220fp 1 2 3 1 2 3 1/7
thermal data to-220 to-220fp r thj-case thermal resistance junction-case max 2.5 5 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max, d < 1%) 16 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 25 v) 80 mj electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125 o c 1 10 m a m a i gss gate-body leakage current (v ds = 0) v gs = 15v ? 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a 234v r ds(on) static drain-source on resistance v gs = 5v i d = 8 a v gs = 10v i d = 8 a 0.090 0.12 w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 16 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d =8 a 6 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 800 100 50 pf pf pf STP16NE06L/fp 2/7
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd = 30 v i d = 8 a r g =4.7 w v gs = 5v ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 40 v i d = 16 a v gs = 5 v nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 48 v i d = 16 a r g =4.7 w v gs = 5 v ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) a a v sd ( * ) forward on voltage i sd = 16 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 16 a di/dt = 100 a/ m s v dd = 30 v t j = 150 o c ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area STP16NE06L/fp 3/7
fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times STP16NE06L/fp 4/7
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c STP16NE06L/fp 5/7
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data STP16NE06L/fp 6/7
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specifications ment ioned in this publication are subject to change without noti ce. this publication supersedes and replaces all info rmation previously supplied. sgs-thomson microelectronics products are not authorized for use as critical components in l ife support dev ices or systems without express written approval of s gs-thomson microelectonics. ? 1997 sgs-thomson microelectronics - printed in it aly - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - hong kong - i taly - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a . . . STP16NE06L/fp 7/7


▲Up To Search▲   

 
Price & Availability of STP16NE06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X