Part Number Hot Search : 
HT82V732 V54C312 NJU6214 G2002 L1935 2SK1315L FR9120 PSD83
Product Description
Full Text Search
 

To Download K4E641611D-TC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmos dram k4e661611d, k4e641611d this is a family of 4,194,304 x 16 bit extended data out mode cmos drams. extended data out mode offers high speed random access of memory cells within the same row. refresh cycle(4k ref. or 8k ref.), access time (-50 or -60) are optional features of this family. all of this family have cas -before- ras refresh, ras -only refresh and hidden refresh capabilities. this 4mx16 edo mode dram family is fabricated using samsung s advanced cmos process to realize high band-width, low power consumption and high reliability. ? extended data out mode operation ? 2 cas byte/word read/write operation ? cas -before- ras refresh capability ? ras -only and hidden refresh capability ? fast parallel test mode capability ? ttl(5.0v) compatible inputs and outputs ? early write or output enable controlled write ? jedec standard pinout ? available in plastic tsop(ii) package ? +5.0v 10% power supply control clocks lower data out buffer ras ucas lcas w vcc vss dq0 to dq7 a0~a12 (a0~a11)*1 a0~a8 (a0~a9)*1 memory array 4,194,304 x 16 cells samsung electronics co., ltd. reserves the right to change products and specifications without notice. 4m x 16bit cmos dynamic ram with extended data out description functional block diagram note) *1 : 4k refresh s e n s e a m p s & i / o upper data in buffer upper data out buffer lower data in buffer dq 8 to dq15 oe row decoder column decoder vbb generator refresh timer refresh control refresh counter row address buffer col. address buffer ? part identification - k4e661611d-tc(5.0v, 8k ref.) - k4e641611d-tc(5.0v, 4k ref.) features ? refresh cycles part no. refresh cycle refresh time normal k4e661611d* 8k 64ms k4e641611d 4k ? performance range speed t rac t cac t rc t hpc -50 50ns 13ns 84ns 20ns -60 60ns 15ns 104ns 25ns ? active power dissipation speed 8k 4k -50 495 660 -60 440 605 unit : mw * access mode & ras only refresh mode : 8k cycle/64ms cas -before- ras & hidden refresh mode : 4k cycle/64ms
cmos dram k4e661611d, k4e641611d v cc dq0 dq1 dq2 dq3 v cc dq4 dq5 dq6 dq7 n.c v cc w ras n.c n.c n.c n.c a0 a1 a2 a3 a4 a5 v cc v ss dq15 dq14 dq13 dq12 v ss dq11 dq10 dq9 dq8 n.c v ss lcas ucas oe n.c n.c a12(n.c)* a11 a10 a9 a8 a7 a6 v ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 pin configuration (top views) pin name pin function a0 - a12 address inputs(8k product) a0 - a11 address inputs(4k product) dq0 - 15 data in/out v ss ground ras row address strobe ucas upper column address strobe lcas lower column address strobe w read/write input oe data output enable v cc power(+5.0v) n.c no connection (400mil tsop(ii)) *(n.c) : n.c for 4k refresh product ? k4e661611d-t ? k4e641611d-t
cmos dram k4e661611d, k4e641611d absolute maximum ratings * permanent device damage may occur if "absolute maximum ratings" are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for ex tended periods may affect device reliability. parameter symbol rating units voltage on any pin relative to v ss v in, v out -1.0 to +7.0 v voltage on v cc supply relative to v ss v cc -1.0 to +7.0 v storage temperature tstg -55 to +150 c power dissipation p d 1 w short circuit output current i os address 50 ma recommended operating conditions (voltage referenced to vss, t a = 0 to 70 c) *1 : v cc +2.0v at pulse width 20ns which is measured at v cc *2 : -2.0 at pulse width 20ns which is measured at v ss parameter symbol min typ max units supply voltage v cc 4.5 5.0 5.5 v ground v ss 0 0 0 v input high voltage v ih 2.6 - v cc +1.0 *1 v input low voltage v il -1.0 *2 - 0.7 v dc and operating characteristics (recommended operating conditions unless otherwise noted.) parameter symbol min max units input leakage current (any input 0 v in v cc +0.5v, all other pins not under test=0 volt) i i(l) -5 5 ua output leakage current (data out is disabled, 0v v out v cc ) i o(l) -5 5 ua output high voltage level(i oh =-5ma) v oh 2.4 - v output low voltage level(i ol =4.2ma) v ol - 0.4 v
cmos dram k4e661611d, k4e641611d *note : i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 , i cc3 and i cc6, address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle time t hpc . dc and operating characteristics (continued) i cc1 * : operating current ( ras and ucas , lcas , address cycling @ t rc =min.) i cc2 : standby current ( ras = ucas = lcas = w =v ih ) i cc3 * : ras -only refresh current ( ucas = lcas =v ih , ras , address cycling @ t rc =min.) i cc4 * : extended data out mode current ( ras =v il , ucas or lcas , address cycling @ t hpc =min.) i cc5 : standby current ( ras = ucas = lcas = w =v cc -0.2v) i cc6 * : cas -before- ras refresh current ( ras and ucas or lcas cycling @ t rc =min) symbol power speed max units k4e661611d k4e641611d i cc1 don t care -50 -60 90 80 120 110 ma ma i cc2 normal don t care 2 2 ma i cc3 don t care -50 -60 90 80 120 110 ma ma i cc4 don t care -50 -60 100 90 110 100 ma ma i cc5 normal don t care 1 1 ma i cc6 don t care -50 -60 120 110 120 110 ma ma
cmos dram k4e661611d, k4e641611d capacitance (t a =25 c, v cc =5.0v, f=1mhz) parameter symbol min max units input capacitance [a0 ~ a12] c in1 - 5 pf input capacitance [ ras , ucas , lcas , w , oe ] c in2 - 7 pf output capacitance [dq0 - dq15] c dq - 7 pf ac characteristics (0 c t a 70 c, see note 1,2) test condition : v cc =5.0v 10%, vih/vil=2.6/0.7v, voh/vol=2.0/0.8v parameter symbol -50 -60 units note min max min max random read or write cycle time t rc 84 104 ns read-modify-write cycle time t rwc 116 138 ns access time from ras t rac 50 60 ns 3,4,10 access time from cas t cac 13 15 ns 3,4,5 access time from column address t aa 25 30 ns 3,10 cas to output in low-z t clz 3 3 ns 3 output buffer turn-off delay from cas t cez 3 13 3 13 ns 6,21 oe to output in low-z t olz 3 3 ns 3 transition time (rise and fall) t t 1 50 1 50 ns 2 ras precharge time t rp 30 40 ns ras pulse width t ras 50 10k 60 10k ns ras hold time t rsh 13 15 ns cas hold time t csh 38 45 ns cas pulse width t cas 8 10k 10 10k ns ras to cas delay time t rcd 20 37 20 45 ns 4 ras to column address delay time t rad 15 25 15 30 ns 10 cas to ras precharge time t crp 5 5 ns row address set-up time t asr 0 0 ns row address hold time t rah 10 10 ns column address set-up time t asc 0 0 ns column address hold time t cah 8 10 ns 13 column address to ras lead time t ral 25 30 ns 13 read command set-up time t rcs 0 0 ns read command hold time referenced to cas t rch 0 0 ns 8 read command hold time referenced to ras t rrh 0 0 ns 8 write command hold time t wch 10 10 ns write command pulse width t wp 10 10 ns write command to ras lead time t rwl 13 15 ns write command to cas lead time t cwl 8 10 ns 16 data set-up time t ds 0 0 ns 9,19
cmos dram k4e661611d, k4e641611d ac characteristics (continued) parameter symbol -50 -60 units note min max min max data hold time t dh 8 10 ns 9,19 refresh period (4k, normal) t ref 64 64 ms refresh period (8k, normal) t ref 64 64 ms write command set-up time t wcs 0 0 ns 7 cas to w delay time t cwd 30 32 ns 7,15 ras to w delay time t rwd 67 77 ns 7 column address w delay time t awd 42 47 ns 7 cas set-up time ( cas -before- ras refresh) t csr 5 5 ns 17 cas hold time ( cas -before- ras refresh) t chr 10 10 ns 18 ras to cas precharge time t rpc 5 5 ns access time from cas precharge t cpa 28 35 ns 3 hyper page cycle time t hpc 20 25 ns 20 hyper page read-modify-write cycle time t hprwc 47 56 ns 20 cas precharge time (hyper page cycle) t cp 8 10 ns 14 ras pulse width (hyper page cycle) t rasp 50 200k 60 200k ns ras hold time from cas precharge t rhcp 30 35 ns oe access time t oea 13 15 ns oe to data delay t oed 13 13 ns cas precharge to w delay time t cpwd 45 54 ns output buffer turn off delay time from oe t oez 3 13 3 13 ns 6 oe command hold time t oeh 13 15 ns write command set-up time (test mode in) t wts 10 10 ns 11 write command hold time (test mode in) t wth 10 10 ns 11 w to ras precharge time ( c -b- r refresh) t wrp 10 10 ns w to ras hold time ( c -b- r refresh) t wrh 10 10 ns output data hold time t doh 5 5 ns output buffer turn off delay from ras t rez 3 13 3 13 ns 6,21 output buffer turn off delay from w t wez 3 13 3 13 ns 6 w to data delay t wed 15 15 ns oe to cas hold time t och 5 5 ns cas hold time to oe t cho 5 5 ns oe precharge time t oep 5 5 ns w pulse width (hyper page cycle) t wpe 5 5 ns ras pulse width ( c -b- r self refresh) t rass 100 100 us 22,23,24 ras precharge time ( c -b- r self refresh) t rps 90 110 ns 22,23,24 cas hold time ( c -b- r self refresh) t chs -50 -50 ns 22,23,24
cmos dram k4e661611d, k4e641611d test mode cycle parameter symbol -50 -60 units note min max min max random read or write cycle time t rc 89 109 ns read-modify-write cycle time t rwc 121 145 ns access time from ras t rac 55 65 ns 3,4,10,12 access time from cas t cac 18 20 ns 3,4,5,12 access time from column address t aa 30 35 ns 3,10,12 ras pulse width t ras 55 10k 65 10k ns cas pulse width t cas 13 10k 15 10k ns ras hold time t rsh 18 20 ns cas hold time t csh 43 50 ns column address to ras lead time t ral 30 35 ns cas to w delay time t cwd 35 39 ns 7 ras to w delay time t rwd 72 84 ns 7 column address to w delay time t awd 47 54 ns 7 hyper page cycle time t hpc 25 30 ns 20 hyper page read-modify-write cycle time t hprwc 53 61 ns 20 ras pulse width (hyper page cycle) t rasp 55 200k 65 200k ns access time from cas precharge t cpa 33 40 ns 3 oe access time t oea 18 20 ns oe to data delay t oed 18 20 ns oe command hold time t oeh 18 20 ns ( note 11 )
cmos dram k4e661611d, k4e641611d k4e64(6)1611c truth table ras lcas ucas w oe dq0 - dq7 dq8-dq15 state h x x x x hi-z hi-z standby l h h x x hi-z hi-z refresh l l h h l dq-out hi-z byte read l h l h l hi-z dq-out byte read l l l h l dq-out dq-out word read l l h l h dq-in - byte write l h l l h - dq-in byte write l l l l h dq-in dq-in word write l l l h h hi-z hi-z - notes an initial pause of 200us is required after power-up followed by any 8 ras -only refresh or cas -before- ras refresh cycles before proper device operation is achieved. v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times are measured between v ih (min) and v il (max) and are assumed to be 2ns for all inputs. measured with a load equivalent to 2 ttl load and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met, t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes that t rcd 3 t rcd (max). these parameter defines the time at which the output achieves the open circuit condition and is not referenced to v oh or v ol . t wcs , t rwd , t cwd and t awd are non restrictive operating parameters. they are included in the data sheet as electrical charac- teristics only. if t wcs 3 t wcs (min), the cycle is an early write cycle and the data output will remain high impedance for the dura- tion of the cycle. if t cwd 3 t cwd (min), t rwd 3 t rwd (min) and t awd 3 t awd (min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. if neither of the above conditions is satisfied, the condition of the data out is indeterminate. either t rch or t rrh must be satisfied for a read cycle. these parameters are referenced to cas falling edge in early write cycles and to w falling edge in oe controlled write cycle and read-modify-write cycles. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as a reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled by t aa . these specifications are applied in the test mode. in test mode read cycle, the value of t rac , t aa , t cac is delayed by 2ns to 5ns for the specified values. these parameters should be specified in test mode cycles by adding the above value to the specified value in this data sheet. t asc , t cah are referenced to the earlier cas falling edge. t cp is specified from the later cas rising edge in the previous cycle to the earlier cas falling edge in the next cycle. t cwd is referenced to the later cas falling edge at word read-modify-write cycle. 7. 6. 5. 10. 9. 8. 13. 12. 11. 15. 14. 3. 2. 1. 4.
cmos dram k4e661611d, k4e641611d t cwl is specified from w falling edge to the earlier cas rising edge. t csr is referenced to the earlier cas falling edge before ras transition low. t chr is referenced to the later cas rising edge after ras transition low. t ds is specified for the earlier cas falling edge and t dh is specified by the later cas falling edge in early write cycle. t asc 3 6ns, assume t t = 2.0ns if ras goes high before cas high going, the open circuit condition of the output is achieved by cas high going. if cas goes high before ras high going, the open circuit condition of the output is achieved by ras high going. if t rass 3 100us, then ras precharge time must use t rps instead of t rp . for ras -only refresh and burst cas -before- ras refresh mode, 4096(4k/8k) cycles of burst refresh must be executed within 64ms before and after self refresh, in order to meet refresh specification. for distributed cas -before- ras with 15.6us interval cas -before- ras refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification. t csr t chr ras lcas ucas t ds t dh lcas ucas dq0 ~ dq15 din 22. 21. 20. 19. 18. 17. 16. 23. 24.
cmos dram k4e661611d, k4e641611d t crp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open t cez t rch don t care undefined lcas v ih - v il - t crp t csh t rsh t rcd t cas t rad t rrh v oh - v ol - dq8 ~ dq15 t cac t clz t rac open data-out data-out t cez t oez t oez t rcs word read cycle t olz
cmos dram k4e661611d, k4e641611d note : d in = open lower byte read cycle ras v ih - v il - lcas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open data-out t oez t cez t rrh t rch don t care undefined t crp t rpc ucas v ih - v il - open v oh - v ol - dq8 ~ dq15 t rcs t olz
cmos dram k4e661611d, k4e641611d note : d in = open upper byte read cycle ras v ih - v il - lcas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open data-out t oez t cez t rrh t rch don t care undefined ucas v ih - v il - open v oh - v ol - dq8 ~ dq15 t crp t rpc t rcs t olz
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care word write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t crp t wch t wp t dh data-in t ds t dh data-in
cmos dram k4e661611d, k4e641611d t crp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t rp t ral t rad t asr t rah t asc t cah don t care lower byte write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t wch t wp t dh data-in t crp
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care upper byte write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t wch t wp t ds t dh data-in t crp
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t crp don t care word write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t crp t rsh t rcd t cas t crp t rwl t wp t cwl t dh t dh data-in column address t oeh t oed t ds t ds data-in t csh t cah
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t rp t ral t rad t asr t rah t asc t cah don t care lower byte write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - t rwl v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t crp t wp t cwl t dh data-in t crp t rpc t oeh t oed
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care upper byte write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - v ih - v il - v ih - v il - t crp t rwl t wp t cwl t ds t dh data-in t oeh t oed dq0 ~ dq7 dq8 ~ dq15 t crp
cmos dram k4e661611d, k4e641611d t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp don t care word read - modify - write cycle undefined lcas v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 v i/oh - v i/ol - dq8 ~ dq15 t wp t cwl t ds t dh t rsh t rcd t cas t crp t awd t cwd t oea t rwd t oed t oez t rac t aa t oez t rac t aa t ds t oed t dh valid data-out valid data-in valid data-out valid data-in t cac t clz t cac t clz t olz t olz
cmos dram k4e661611d, k4e641611d t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t ras t rwc t rp t csh t rad t asr t rah t asc t cah t crp don t care lower-byte read - modify - write cycle undefined lcas v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wp t cwl t ds t dh t rsh t rcd t cas t crp t awd t cwd t oea t rwd t oed t oez t rac t aa valid data-out valid data-in t rpc t cac t clz open t olz
cmos dram k4e661611d, k4e641611d t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp don t care upper-byte read - modify - write cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v i/oh - v i/ol - dq8 ~ dq15 t wp t cwl t awd t cwd t oea t rwd t oez t rac t aa t ds t oed t dh valid data-out valid data-in t crp t rpc t cac t clz open t olz
cmos dram k4e661611d, k4e641611d t asc t olz t clz t olz t clz ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t crp don t care hyper page mode word read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t cas t cas t cas t cas t cp t cp t cp t rez t hpc t hpc t hpc t rhcp t csh t rcd t crp t cas t cas t cas t cas t cp t cp t cp t rad t rcs t oea t rch t rrh column address column addr t oez t oep t cho t aa t cpa t aa t cac valid data-out t oep t oez t rac t cac t doh valid data-out valid data-out t och t cpa t aa t cac t cac t cpa t oez valid data-out valid data-out valid data-out t oep t oez t rac t cac valid data-out valid data-out t oez valid data-out valid data-out t doh t oea t asr t rah t asc t cah t asc t cah t cah t cah t asc t ral
cmos dram k4e661611d, k4e641611d t oea t olz t clz ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t crp don t care hyper page mode lower byte read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t rez t rhcp t csh t rcd t cas t cas t cas t cas t cp t cp t cp t rad t rcs t rch t rrh column address column addr t oez t oep t cho t cpa t cac valid data-out t oep t oez t rac t cac t doh valid data-out valid data-out t och t cpa t cac t cac t cpa t oez valid data-out valid data-out open ? t rpc t asr t rah t asc t cah t asc t cah t cah t asc t cah t asc t aa t hpc t hpc t hpc t aa t aa t aa t oea t ral
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page mode upper byte read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t cas t cas t cas t cas t cp t cp t cp t rez t hpc t hpc t hpc t rhcp t csh t crp t rah t asc t cah t cah t cah t asc t cah t rcs t oea t rch t rrh column address column addr. t oez t oep t cho t cpa t cac valid data-out t oep t oez t rac t cac t olz t clz t doh valid data-out valid data-out t och t cpa t cac t cac t cpa t oez valid data-out valid data-out open ? t asc t rpc t rpc t rad t asc t aa t aa t aa t oea t ral
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care hyper page mode word write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t crp t hpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh valid data-in valid data-in valid data-in ? ? t dh t dh t dh t ds t ds t ds note : d out = open t hpc t ral
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t asr t crp don t care hyper page mode lower byte write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh note : d out = open t ral
cmos dram k4e661611d, k4e641611d t wcs ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t asr t crp don t care hyper page mode upper byte write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh note : d out = open ? ? t ral
cmos dram k4e661611d, k4e641611d ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode word read - modify - write cycle undefined t rcd t cp t rad t cah t wp t dh col. addr col. addr t cas t cas t crp t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t asc t clz t oea t cac t aa t dh t oed lcas v ih - v il - t rcd t cp t cas t cas t crp t crp t crp v i/oh - v i/ol - dq8 ~ dq15 valid data-out t dh t aa t rac t clz t cac valid data-in valid data-out valid data-in t clz t cac t aa t dh t oez t oed t ds t ds t ds t oed t oez t oez valid data-out valid data-in valid data-out valid data-in t ds t hprwc t rsh t rwl t rcs t rah
cmos dram k4e661611d, k4e641611d t asc ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode lower byte read - modify - write cycle undefined t rad t cah t wp t dh col. addr col. addr t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t clz t oea t cac t aa t dh t oed t rwl t rcd t cp t cas t cas t crp t crp t crp v i/oh - v i/ol - dq8 ~ dq15 t ds t oez valid data-out valid data-in valid data-out valid data-in t ds t rpc t rsh open lcas v ih - v il - ucas v ih - v il - t hprwc t rcs t olz t olz t rah
cmos dram k4e661611d, k4e641611d t asc t crp ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode upper byte read - modify - write cycle undefined t rad t cah t wp t dh col. addr col. addr t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t clz t oea t cac t aa t dh t oed t rwl t rcd t cp t cas t cas t crp t crp v i/oh - v i/ol - dq8 ~ dq15 t ds t oez valid data-out valid data-in valid data-out valid data-in t ds t rpc t rsh open lcas v ih - v il - ucas v ih - v il - t hprwc t asc t rcs t rah t olz t olz
cmos dram k4e661611d, k4e641611d hyper page read and write mixed cycle ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp don t care undefined v i/oh - v i/ol - dq0 ~ dq7 t wez t cp t hpc t hpc t hpc t rcd t rah t asc t cah t cah t cah t asc t cah t rch t rcs t rcs t rch t asc column address col. addr valid data-out t rez t aa t wcs valid data-out valid data-out valid data-in t rac col. addr t cas t asr t cas t cas t cas t asc t cp t rch t wch t wpe t clz t cpa t wed t aa t wez t ds t dh t cac t oea t cp t hpc t hpc t cas t cas t cas t cas t cp v i/oh - v i/ol - dq8 ~ dq15 t wez valid data-out t rez t aa valid data-out valid data-out valid data-in t rac t aa t wez t ds t dh t cac t oea lcas v ih - v il - ucas v ih - v il - t cp t hpc t cp read( t cac ) read( t cpa ) write read( t aa ) t rad t rhcp t ral
cmos dram k4e661611d, k4e641611d t crp open ras v ih - v il - ucas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp ras - only refresh cycle lcas v ih - v il - t ras t rah note : w , oe , d in = don t care d out = open t rpc cas - before - ras refresh cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rc t rp lcas v ih - v il - t ras t rpc t cp t rpc t csr t chr t cp t csr t chr t cez open v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wrp t wrh w v ih - v il - don t care t rp undefined
cmos dram k4e661611d, k4e641611d t oez data-in data-out t rp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care hidden refresh cycle ( read ) undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t rsh t rcd t crp t wrh column address t oea t ras t rc t chr t cah t rcs t aa t rac t clz t cac data-out t cez open open t rp t rez t wez t olz * in hidden refresh cycle of 64mb a-die & b-die, when cas signal transits from low to high, the valid data may be cut off. t ral
cmos dram k4e661611d, k4e641611d t wcs t rp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care hidden refresh cycle ( write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rsh t rcd t crp t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t ds data-in t dh t rp
cmos dram k4e661611d, k4e641611d open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rps lcas v ih - v il - t rass t rpc t cp t rpc t csr t cez open v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wrp t wrh w v ih - v il - t chs t cp t csr t chs test mode in cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rp lcas v ih - v il - t rc t rpc t cp t rpc t csr open v oh - v ol - dq0 ~ dq15 t chr t cp t csr t chr t rp t rp don t care undefined t wts t wth w v ih - v il - t cez t ras
cmos dram k4e661611d, k4e641611d 50 tsop(ii) 400mil units : inches (millimeters) max 0.047 (1.20) min 0.002 (0.05) 0.018 (0.45) 0.010 (0.25) 0.0315 (0.80) 0.034 (0.875) 0.821 (20.85) 0.829 (21.05) 0.841 (21.35) max 0.010 (0.25) 0.004 (0.10) 0 . 4 0 0 ( 1 0 . 1 6 ) 0 . 4 7 1 ( 1 1 . 9 6 ) 0 . 4 5 5 ( 1 1 . 5 6 ) 0~8 0.030 (0.75) 0.018 (0.45) typ 0.010 (0.25) o package dimension


▲Up To Search▲   

 
Price & Availability of K4E641611D-TC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X