Part Number Hot Search : 
CJ7908 FFJSF MP6301 EFEPBF 2SD1621U T301041 MC68EC03 MAX15026
Product Description
Full Text Search
 

To Download DPC10-440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : DPC10-440 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 17.03.2008 a-8 8 pin 6.35 (0.250) size (va) 4.4 31.75 (1.250) (1.625) 41.28 lw (1.375) h 34.93 unit : mm (inch) optional bracket * wt. (gram) 197.86 (1.100) b 27.94 --- no. mw --- md --- series connected 4 pri 230v 1 6 7 5 8 parallel connected 115v pri 4 1 6 8 7 5 eo eo a. primary voltage ac 115/230 v 50/60 hz . b. no load primary current less than 30ma . c. secondary volt age (5%) series ac - v . parallel ac - v . d. secondary load current series 440ma . parallel 880ma . e. full load primary current less than - ma . f. full load secondary voltage (5%) series 10.00v . pin 3-4 pin 1-2 g. dc resistance primary-1 = 277 ohm . parallel 5.00v . pin 5-6 pin 7-8 h. insulation resistance i. withstand voltage (hi-pot) secondary = - ohm . = - ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ei-41 x 13.50 m/m . j. temperature rise k. core size - l. turns & wire gauge primary-1 - - primary-2 secondary-1 - pin 5-6 pin 3-4 pin 1-2 pin 7-8 secondary-2 turns diameter - - turns diameter - turns diameter - turns diameter primary-2 = 332 ohm . m/m . m/m . m/m . m/m . b a-8 a-8 a-8 4 3 2 1 1.041 (0.041) l 6 5 h 7 8 type dpc 8 pins pc terminal (plug-in mounting) b pcb pattern w 4.76 (0.188) a-8 a-8 2 3 2 3


▲Up To Search▲   

 
Price & Availability of DPC10-440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X