Part Number Hot Search : 
C1101 6047611 D74LS04P 00000 50N60 SMBJ4 23226153 HD404052
Product Description
Full Text Search
 

To Download BU24020GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 rev. a structure silicon monolithic integrated circuit product series lens control lsi type BU24020GU applications digital still cameras functions ?built-in 4 channels driver block : 1-4ch voltage c ontrol type h-bridge(adaptable to stm 2systems) ?built-in 2 channels pi driving circuit ?built-in pll circuit absolute maximum ratings (ta ? 25 ? c) parameter symbol limits unit remark power supply voltage dvdd -0.34.5 v mvcc -0.37.0 v mvcc12,mvcc34 input voltage vin -0.3dvdd+0.3 v input/output current *1 iin 500 ma mvcc12,mvcc34 50 ma by piout pin storage temperature range tstg -55125 ? c operating temperature range tope -2085 ? c permissible dissipation ? 2 pd 800 mw this product is not designed for anti-radiation applications. *1 must not exceed pd. *2 to use at a temperature higher than ta=25 ?c, derate 11mw per 1 ?c (at mounting 50mm x 58mm x 1.75mm glass epoxy board. ) operating conditions (ta ? 25 ? c) parameter symbol limits unit remark digital power supply voltage dvdd 2.73.6 vddQmvcc driver power supply voltage mvcc 2.75.5 v mvcc12,mvcc34 clock operating frequency fclk 128 mhz reference clock
2/3 rev. a block diagram dvdd dvss out1a out1b out2a out2b mvcc12 pre- driver mvcc12 pre- driver out3a out3b out4a out4b mvcc34 pre- driver mvcc34 pre- driver mvcc34 mgnd34 mvcc12 mgnd12 test mvcc12 mgnd12 mvcc34 mgnd34 tsd dvdd por dvdd dvdd dvdd fclk csb sclk sdata state1 state2 sout logic
3/3 rev. a pin functions outline dimensions/marking figure land matrix no. pin name power supply function c5 dvdd - digital power supply d2 dvss - ground a5 fclk dvdd fclk logic input b4 csb dvdd csb logic input d3 sclk dvdd sclk logic input c4 sdata dvdd sdata logic input b5 sout dvdd sout logic output c2 state1 dvdd state1 logic input/output b3 state2 dvdd state2 logic input/output c3 test dvdd test logic output b1 piout1 dvdd pi driving output 1 d4 piout2 dvdd pi driving output 2 a2 mvcc12 - 1ch, 2ch driver power supply d1 mgnd12 - 1ch, 2ch driver ground a1 out1a mvcc12 1ch driver a output c1 out1b mvcc12 1ch driver b output a3 out2a mvcc12 2ch driver a output a4 out2b mvcc12 2ch driver b output e4 mvcc34 - 3ch, 4ch driver power supply e1 mgnd34 - 3ch, 4ch driver ground e5 out3a mvcc34 3ch driver a output d5 out3b mvcc34 3ch driver b output e3 out4a mvcc34 4ch driver a output e2 out4b mvcc34 4ch driver b output pin assignment diagram (bottom view) cautions on use (1)absolute maximum ratings if applied voltage, operating tem perature range, or other absol ute maximum ratings are exceeded, the lsi may be damaged. do no t apply voltages or temperatures that exceed the absolute maximum ratin gs. if you expect that any voltage or temperature could be exc eeding the absolute maximum ratings, take physical safety measures suc h as fuses to prevent any conditions exceeding the absolute max imum ratings from being applied to the lsi. (2)gnd potential maintain the gnd pin at the minimum voltage even under any oper ating conditions. actually check to be sure that none of the pins have voltage lo wer than that of gnd pin, including transient phenomena. (3)thermal design with consideration given to the permissible dissipation under a ctual use conditions, perform thermal design so that adequate m argins will be provided. (4)short circuit between pins and malfunctions to mount the lsi on a board, pay utmost attention to the orient ation and displacement of the lsi. faulty mounting to apply a voltage to the lsi may cause damage to the lsi. furthermore, the lsi m ay also be damaged if any foreign matters enter between pins, between pin and power supply, or between pin and gnd of the lsi . (5)operation in strong magnetic field make a thorough evaluation on use of the lsi in a strong magnet ic field. not doing so may malfunction the lsi. vcsp85h2 lot no. 24020 mgnd34 out4b out4a mvcc34 out3a mgnd12 dvss sclk piout2 out3b out1b state1 test sdata dvdd piout1 state2 csb sout out1a mvcc12 out2a out2b fclk e d c b 45 a 123
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BU24020GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X