Part Number Hot Search : 
RYA31012 SA60CA IT122 1N5528 W270M D204X PI5V331 PM4550
Product Description
Full Text Search
 

To Download BTA216BSERIESB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  philips semiconductors product specification triacs bta216b series b high commutation general description quick reference data glass passivated high commutation symbol parameter max. max. max. unit triacs in a plastic envelope suitable for surface mounting, intended for use bta216b- 500b 600b 800b in circuits where high static and v drm repetitive peak off-state 500 600 800 v dynamic dv/dt and high di/dt can voltages occur. these devices will commutate i t(rms) rms on-state current 16 16 16 a the full rated rms current at the i tsm non-repetitive peak on-state 140 140 140 a maximum rated junction temperature, current without the aid of a snubber. pinning - sot404 pin configuration symbol pin description 1 main terminal 1 2 main terminal 2 3 gate mb main terminal 2 limiting values limiting values in accordance with the absolute maximum system (iec 134). symbol parameter conditions min. max. unit -500 -600 -800 v drm repetitive peak off-state - 500 1 600 1 800 v voltages i t(rms) rms on-state current full sine wave; - 16 a t mb 99 ?c i tsm non-repetitive peak full sine wave; on-state current t j = 25 ?c prior to surge t = 20 ms - 140 a t = 16.7 ms - 150 a i 2 ti 2 t for fusing t = 10 ms - 98 a 2 s di t /dt repetitive rate of rise of i tm = 20 a; i g = 0.2 a; 100 a/ m s on-state current after di g /dt = 0.2 a/ m s triggering i gm peak gate current - 2 a v gm peak gate voltage - 5 v p gm peak gate power - 5 w p g(av) average gate power over any 20 ms - 0.5 w period t stg storage temperature -40 150 ?c t j operating junction - 125 ?c temperature 13 mb 2 t1 t2 g 1 although not recommended, off-state voltages up to 800v may be applied without damage, but the triac may switch to the on-state. the rate of rise of current should not exceed 15 a/ m s. october 1997 1 rev 1.100
philips semiconductors product specification triacs bta216b series b high commutation thermal resistances symbol parameter conditions min. typ. max. unit r th j-mb thermal resistance full cycle - - 1.2 k/w junction to mounting base half cycle - - 1.7 k/w r th j-a thermal resistance minimum footprint, fr4 board - 55 - k/w junction to ambient static characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit i gt gate trigger current 2 v d = 12 v; i t = 0.1 a t2+ g+ 2 18 50 ma t2+ g- 2 21 50 ma t2- g- 2 34 50 ma i l latching current v d = 12 v; i gt = 0.1 a t2+ g+ - 31 60 ma t2+ g- - 34 90 ma t2- g- - 30 60 ma i h holding current v d = 12 v; i gt = 0.1 a - 31 60 ma v t on-state voltage i t = 20 a - 1.2 1.5 v v gt gate trigger voltage v d = 12 v; i t = 0.1 a - 0.7 1.5 v v d = 400 v; i t = 0.1 a; t j = 125 ?c 0.25 0.4 - v i d off-state leakage current v d = v drm(max) ; t j = 125 ?c - 0.1 0.5 ma dynamic characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit dv d /dt critical rate of rise of v dm = 67% v drm(max) ; t j = 125 ?c; 1000 4000 - v/ m s off-state voltage exponential waveform; gate open circuit di com /dt critical rate of change of v dm = 400 v; t j = 125 ?c; i t(rms) = 16 a; - 28 - a/ms commutating current without snubber; gate open circuit t gt gate controlled turn-on i tm = 20 a; v d = v drm(max) ; i g = 0.1 a; - 2 - m s time di g /dt = 5 a/ m s 2 device does not trigger in the t2-, g+ quadrant. october 1997 2 rev 1.100
philips semiconductors product specification triacs bta216b series b high commutation fig.1. maximum on-state dissipation, p tot , versus rms on-state current, i t(rms) , where a = conduction angle. fig.2. maximum permissible non-repetitive peak on-state current i tsm , versus pulse width t p , for sinusoidal currents, t p 20ms. fig.3. maximum permissible non-repetitive peak on-state current i tsm , versus number of cycles, for sinusoidal currents, f = 50 hz. fig.4. maximum permissible rms current i t(rms) , versus mounting base temperature t mb . fig.5. maximum permissible repetitive rms on-state current i t(rms) , versus surge duration, for sinusoidal currents, f = 50 hz; t mb 99?c. fig.6. normalised gate trigger voltage v gt (t j )/ v gt (25?c), versus junction temperature t j . 0 5 10 15 20 0 5 10 15 20 25 = 180 120 90 60 30 bt139 it(rms) / a ptot / w tmb(max) / c 125 119 113 107 101 95 1 -50 0 50 100 150 0 5 10 15 20 bt139 99 c tmb / c it(rms) / a 10us 100us 1ms 10ms 100ms 10 100 1000 bta216 t / s itsm / a t i tsm time i tj initial = 25 c max t di /dt limit t 0.01 0.1 1 10 0 10 20 30 40 50 bt139 surge duration / s it(rms) / a 1 10 100 1000 0 50 100 150 bt139 number of cycles at 50hz itsm / a t i tsm time i tj initial = 25 c max t -50 0 50 100 150 0.4 0.6 0.8 1 1.2 1.4 1.6 bt136 tj / c vgt(tj) vgt(25 c) october 1997 3 rev 1.100
philips semiconductors product specification triacs bta216b series b high commutation fig.7. normalised gate trigger current i gt (t j )/ i gt (25?c), versus junction temperature t j . fig.8. normalised latching current i l (t j )/ i l (25?c), versus junction temperature t j . fig.9. normalised holding current i h (t j )/ i h (25?c), versus junction temperature t j . fig.10. typical and maximum on-state characteristic. fig.11. transient thermal impedance z th j-mb , versus pulse width t p . fig.12. typical, critical rate of change of commutating current di com /dt versus junction temperature. -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 bta216 tj / c t2+ g+ t2+ g- t2- g- igt(tj) igt(25 c) 0 0.5 1 1.5 2 2.5 3 0 10 20 30 40 50 bt139 vt / v it / a tj = 125 c tj = 25 c typ max vo = 1.195 v rs = 0.018 ohms -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 triac tj / c il(tj) il(25 c) 0.001 0.01 0.1 1 10 bt139 tp / s zth j-mb (k/w) 10us 0.1ms 1ms 10ms 0.1s 1s 10s t p p t d unidirectional bidirectional -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 triac tj / c ih(tj) ih(25c) 20 40 60 80 100 120 140 1 10 100 1000 bta216 tj / c dicom/dt (a/ms) october 1997 4 rev 1.100
philips semiconductors product specification triacs bta216b series b high commutation mechanical data dimensions in mm net mass: 1.4 g fig.13. sot404 : centre pin connected to mounting base. notes 1. epoxy meets ul94 v0 at 1/8". mounting instructions dimensions in mm fig.14. sot404 : minimum pad sizes for surface mounting . notes 1. plastic meets ul94 v0 at 1/8". 11 max 4.5 max 1.4 max 10.3 max 0.5 15.4 2.5 0.85 max (x2) 2.54 (x2) 17.5 11.5 9.0 5.08 3.8 2.0 october 1997 5 rev 1.100
philips semiconductors product specification triacs bta216b series b high commutation definitions data sheet status objective specification this data sheet contains target or goal specifications for product development. preliminary specification this data sheet contains preliminary data; supplementary data may be published later. product specification this data sheet contains final product specifications. limiting values limiting values are given in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of this specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the specification. philips electronics n.v. 1997 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. life support applications these products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. october 1997 6 rev 1.100


▲Up To Search▲   

 
Price & Availability of BTA216BSERIESB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X