Part Number Hot Search : 
05S12 MPL031 MLL3825A MURF815 B90M1 BA7181FS 03600 1N5927B
Product Description
Full Text Search
 

To Download BF998R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-04-20 1 bf998... silicon n_channel mosfet tetrode ? short-channel transistor with high s / c quality factor ? for low-noise, gain-controlled input stage up to 1 ghz ? pb-free (rohs compliant) package 1) ? qualified according aec q101 esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type package pin configuration marking bf998 BF998R sot143 sot143r 1=s 1=d 2=d 2=s 3=g2 3=g1 4=g1 4=g2 - - - - mos mrs maximum ratings parameter symbol value unit drain-source voltage v ds 12 v continuous drain current i d 30 ma gate 1/ gate 2-source current i g1/2sm 10 total power dissipation t s 76 c, bf998, BF998R p tot 200 storage temperature t stg -55 ... 150 c channel temperature t ch 150 thermal resistance parameter symbol value unit channel - soldering point 2) , bf998, BF998R r thchs 370 k/w 1 pb-containing package may be available upon special request 2 for calculation of r thja please refer to application note thermal resistance
2007-04-20 2 bf998... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics drain-source breakdown voltage i d = 10 a, v g1s = -4 v, v g2s = -4 v v (br)ds 12 - - v gate 1 source breakdown voltage i g2s = 10 ma, v g2s = v ds = 0 v (br)g1ss 8 - 12 gate2 source breakdown voltage i g2s = 10 ma, v g2s = v ds = 0 v (br)g2ss 8 - 12 gate 1 source leakage current v g1s = 5 v, v g2s = v ds = 0 i g1ss - - 50 na gate 2 source leakage current v g2s = 5 v, v g2s = v ds = 0 i g2ss - - 50 na drain current v ds = 8 v, v g1s = 0 , v g2s = 4 v i dss 5 9 15 ma gate 1 source pinch-off voltage v ds = 8 v, v g2s = 4 v, i d = 20 a - v g1s(p) - 0.8 2.5 v gate 2 source pinch-off voltage v ds = 8 v, v g1s = 0 , i d = 20 a - v g2s(p) - 0.8 2
2007-04-20 3 bf998... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) forward transconductance v ds = 8 v, i d = 10 ma, v g2s = 4 v g fs 20 24 - - gate1 input capacitance v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 10 mhz c g1ss - 2.1 2.5 pf gate 2 input capacitance v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 10 mhz c g2ss - 1.2 - pf feedback capacitance v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 10 mhz c dg1 - 25 - ff output capacitance v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 10 mhz c dss - 1.1 - pf power gain v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 45 mhz v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 800 mhz g p - - 28 20 - - db noise figure v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 45 mhz v ds = 8 v, i d = 10 ma, v g2s = 4 v, f = 800 mhz f - - 2.8 1.8 - - db gain control range v ds = 8 v, v g2s = 4 ...-2 v, f = 800 mhz ? g p 40 50 -
2007-04-20 4 bf998... total power dissipation p tot = ? ( t s ) bf998, BF998R 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 mw 220 p tot output characteristics i d = ? ( v ds ) v g2s = 4 v v g1s = parameter 0 2 4 6 8 10 v 14 v ds 0 2 4 6 8 10 12 14 16 18 20 22 ma 26 i d 0.4v 0.2v 0v -0.2v -0.4v gate 1 forward transconductance g fs = ? ( i d ) v ds = 5v, v g2s = parameter 0 4 8 12 16 ma 24 i d 0 2 4 6 8 10 12 14 16 18 20 22 ms 26 g fs 4v 2v 1v 0v gate 1 forward transconductance g fs1 = ? ( v g1s ) -1 -0.75 -0.5 -0.25 0 0.25 v 0.75 v g1s 0 2 4 6 8 10 12 14 16 18 20 22 ms 26 g fs 4v 2v 1v 0v
2007-04-20 5 bf998... drain current i d = ? ( v g1s ) v ds = 5v v g2s = parameter -1 -0.75 -0.5 -0.25 0 0.25 0.5 v 1 v g1s 0 5 10 15 20 ma 30 i d 4v 2v 1v 0v power gain g ps = ? ( v g2s ) f = 45 mhz 0 1 2 v 4 v g2s 0 5 10 15 20 db 30 g ps noise figure f = ? ( v g2s ) f = 45 mhz 0 1 2 v 4 v g2s 0 1 2 3 4 5 6 7 8 db 10 f noise figure f = ? ( v g2s ) f = 800 mhz 0 1 2 v 4 v g2s 0 1 2 3 db 5 f
2007-04-20 6 bf998... power gain g ps = ? ( v g2s ) f = 800 mhz 0 1 2 v 4 v g2s -10 -5 0 5 10 db 20 g ps gate 1 input capacitance c g1ss = ? ( v g1s ) -3 -2.6 -2.2 -1.8 -1.4 -1 -0.6 v 0.2 v g1s 1 1.2 1.4 1.6 1.8 2 2.2 pf 2.6 c g1ss output capacitance c dss = ? ( v ds ) 0 2 4 6 8 v 12 v ds 0 0.5 1 1.5 2 2.5 3 pf 4 c dss
2007-04-20 7 bf998... package sot143 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel rf s 2005, june date code (ym) bfp181 type code 56 pin 1 0.8 0.8 1.2 0.9 1.1 0.9 1.2 0.8 0.8 0.8 -0.05 +0.1 1.9 1.7 0.1 2.9 +0.1 -0.05 0.4 0.1 max. 12 3 4 0.25 m b 0.1 1 10? max. 0.15 min. 0.2 a m 2.4 0.15 0.2 10? max. a 1.3 0.1 0...8? 0.08...0.15 2.6 4 3.15 pin 1 8 0.2 1.15 b manufacturer
2007-04-20 8 bf998... package sot143r 1.1 0.8 0.8 1.2 0.9 0.9 0.8 0.8 1.2 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 2.6 4 3.15 pin 1 8 0.2 1.15 reverse bar 2005, june date code (ym) bfp181r type code pin 1 1.9 1.7 0.4 -0.05 +0.1 +0.1 -0.05 0.8 b 0.25 m b 2.9 0.1 0.2 12 43 a 0?... 8? 10? 10? 0.1 max. 0.15 min. 1.3 0.1 2.4 0.15 1 0.1 0.08...0.15 a m 0.2 max. max. manufacturer
2007-04-20 9 bf998... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BF998R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X