![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1999. 11. 12 1/2 semiconductor technical data B10A60VIC schottky barrier type diode stack revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a (tc=114 1 ). repetitive peak reverse voltage : v rrm =60v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.52v(typ.) maximum rating (ta=25 1 ) dim millimeters 1. anode 2. cathode 3. anode to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - 0.52 0.58 v repetitive peak reverse current (note) i rrm v rrm =rated - - 0.5 ma reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ ] - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 1 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=114 1 ) (rated v r ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 1 storage temperature range t stg -55 150 1 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
1999. 11. 12 2/2 B10A60VIC revision no : 1 f(av) average forward current i (a) average forward current i (a) f(av) ambient temperature t ( c) a case temperature tc ( c) p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff i - t fc i - t fc rr 0 0 0 100 110 120 130 140 150 4.0 8.0 12 16 rated voltage r =4.0 c/w jc dc 180 square wave applied 40 80 120 160 4 8 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 180 square wave 0 0 0.001 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 t =125 c j j t =75 c j t =25 c 20 40 60 80 0.01 0.1 1.0 10 100 t =150 c j j t =125 c j t =100 c j t =75 c j t =25 c 2.0 4.0 6.0 8.0 2.0 4.0 10 12 sine wave 180 square wave dc 6.0 8.0 t =50 c j 10 12 |
Price & Availability of B10A60VIC
![]() |