Part Number Hot Search : 
HI3507 1N4728A 85Z1K STBB030 FEP30DP DTC143XK PTN2111 AIC1781A
Product Description
Full Text Search
 

To Download AT25128-10UC-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 8-pin soic 1 2 3 4 8 7 6 5 cs so wp gnd vcc hold sck si features ? serial peripheral interface (spi) compatible  supports spi modes 0 (0,0) and 3 (1,1)  low-voltage and standard-voltage operation ? 5.0 (v cc = 4.5v to 5.5v) ? 2.7 (v cc = 2.7v to 5.5v) ? 1.8 (v cc = 1.8v to 3.6v)  3 mhz clock rate  64-byte page mode and byte write operation  block write protection ? protect 1/4, 1/2, or entire array  write protect (wp ) pin and write disable instructions for both hardware and software data protection  self-timed write cycle (5 ms typical)  high-reliability ? endurance: 100,000 write cycles ? data retention: >200 years ? esd protection: >4000v  automotive grade and extended temperature devices available  8-pin pdip, 8-pin eiaj soic, 8-pin and 16-pin jedec soic, 14-pin and 20-pin tssop, 8-pin leadless array, and 8-ball dbga ? packages description the at25128/256 provides 131,072/262,144 bits of serial electrically-erasable pro- grammable read only memory (eeprom) organized as 16,384/32,768 words of 8 bits each. the device is optimized for use in many industrial and commercial applications rev. 0872g?01/01 *note: pins 3, 4 and 17, 18 are internally connected for 14-lead tssop socket compatibility. spi serial eeproms 128k (16,384 x 8) 256k (32,768 x 8) at25128 at25256 pin configurations pin name function cs chip select sck serial data clock si serial data input so serial data output gnd ground vcc power supply wp write protect hold suspends serial input nc no connect dc don't connect (continued) 20-lead tssop* 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 nc cs so so nc nc wp gnd dc nc nc vcc hold hold nc nc sck si dc nc 8-pin pdip 1 2 3 4 8 7 6 5 cs so wp gnd vcc hold sck si 16-pin soic 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 cs so nc nc nc nc wp gnd vcc hold nc nc nc nc sck si 14-lead tssop 1 2 3 4 5 6 7 14 13 12 11 10 9 8 cs so nc nc nc wp gnd vcc hold nc nc nc sck si 8-pin leadless array bottom view 1 2 3 4 8 7 6 5 vcc hold sck si cs so wp gnd 8-ball dbga bottom view vcc hold sck si cs so wp gnd 1 2 3 4 8 7 6 5
2 at25128/256 0872g?01/01 where low-power and low-voltage operation are essential. the devices are available in space saving 8-pin pdip (at25128/256), 8-pin eiaj soic (at25128/256), 8-pin and 16-pin jedec soic (at25128), 14-pin tssop (at25128), 20-pin tssop (at25128/256), 8-pin leadless array (at25128/256), and 8-ball dbga packages. in addition, the entire family is available in 5.0v (4.5v to 5.5v), 2.7v (2.7v to 5.5v) and 1.8v (1.8v to 3.6v) versions. the at25128/256 is enabled through the chip select pin (cs ) and accessed via a 3- wire interface consisting of serial data input (si), serial data output (so), and serial clock (sck). all programming cycles are completely self-timed, and no separate erase cycle is required before write. block write protection is enabled by programming the status register with top ?, top ? or entire array of write protection. separate program enable and program disable instructions are provided for additional data protection. hardware data protection is pro- vided via the wp pin to protect against inadvertent write attempts to the status register. the hold pin may be used to suspend any serial communication without resetting the serial sequence. block diagram absolute maximum ratings* operating temperature.................................. -55 c to +125 c *notice: stresses beyond those listed under ?absolute maxi- mum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi- tions beyond those indicated in the operational sec- tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65 c to +150 c voltage on any pin with respect to ground .....................................-1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma 16384/32768 x 8
3 at25128/256 0872g?01/01 note: 1. this parameter is characterized and is not 100% tested. note: 1. v il and v ih max are reference only and are not tested. pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted). symbol test conditions max units conditions c out output capacitance (so) 8 pf v out = 0v c in input capacitance (cs , sck, si, wp , hold )6pfv in = 0v dc characteristics applicable over recommended operating range from t ai = -40c to +85c, v cc = +1.8v to +5.5v, t ac = 0 c to +70 c, v cc = +1.8v to +5.5v(unless otherwise noted). symbol parameter test condition min typ max units v cc1 supply voltage 1.8 3.6 v v cc2 supply voltage 2.7 5.5 v v cc3 supply voltage 4.5 5.5 v i cc1 supply current v cc = 5.0v at 1 mhz, so = open, read 2.0 3.0 ma i cc2 supply current v cc = 5.0v at 2 mhz, so = open, read, write 3.0 5.0 ma i sb1 standby current v cc = 1.8v, cs = v cc 0.1 2.0 a i sb2 standby current v cc = 2.7v, cs = v cc 0.2 2.0 a i sb3 standby current v cc = 5.0v, cs = v cc 2.0 5.0 a i il input leakage v in = 0v to v cc -3.0 3.0 a i ol output leakage v in = 0v to v cc , t ac = 0 c to 70 c -3.0 3.0 a v il (1) input low-voltage -1.0 v cc x 0.3 v v ih (1) input high-voltage v cc x 0.7 v cc + 0.5 v v ol1 output low-voltage 4.5 v cc 5.5v i ol = 3.0 ma 0.4 v v oh1 output high-voltage i oh = -1.6 ma v cc - 0.8 v v ol2 output low-voltage 1.8v v cc 3.6v i ol = 0.15 ma 0.2 v v oh2 output high-voltage i oh = -100 a v cc - 0.2 v
4 at25128/256 0872g?01/01 ac characteristics applicable over recommended operating range from t a = -40 c to + 85 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter voltage min max units f sck sck clock frequency 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 0 0 0 3.0 2.1 0.5 mhz t ri input rise time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 2 2 2 s t fi input fall time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 2 2 2 s t wh sck high time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 150 200 800 ns t wl sck low time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 150 200 800 ns t cs cs high time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 250 250 1000 ns t css cs setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 100 250 1000 ns t csh cs hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 150 250 1000 ns t su data in setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 30 50 100 ns t h data in hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 50 50 100 ns t hd hold setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 100 100 400 ns t cd hold hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 200 300 400 ns t v output valid 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 0 0 0 150 200 800 ns t ho output hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 0 0 0 ns t lz hold to output low z 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 0 0 0 100 200 300 ns
5 at25128/256 0872g?01/01 note: 1. this parameter is characterized and is not 100% tested. contact atmel for further information. serial interface description master: the device that generates the serial clock. slave: because the serial clock pin (sck) is always an input, the at25128/256 always operates as a slave. transmitter/receiver: the at25128/256 has separate pins designated for data transmission (so) and reception (si). msb: the most significant bit (msb) is the first bit transmitted and received. serial op-code: after the device is selected with cs going low, the first byte will be received. this byte contains the op-code that defines the operations to be performed. invalid op-code: if an invalid op-code is received, no data will be shifted into the at25128/256, and the serial output pin (so) will remain in a high impedance state until the falling edge of cs is detected again. this will reinitialize the serial communication. chip select: the at25128/256 is selected when the cs pin is low. when the device is not selected, data will not be accepted via the si pin, and the serial output pin (so) will remain in a high impedance state. hold: the hold pin is used in conjunction with the cs pin to select the at25128/256. when the device is selected and a serial sequence is underway, hold can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, the hold pin must be brought low while the sck pin is low. to resume serial communication, the hold pin is brought high while the sck pin is low (sck may still toggle during hold ). inputs to the si pin will be ignored while the so pin is in the high impedance state. write protect: the write protect pin (wp ) will allow normal read/write operations when held high. when the wp pin is brought low and wpen bit is ?1?, all write opera- tions to the status register are inhibited. wp going low while cs is still low will interrupt a write to the status register. if the internal write cycle has already been initiated, wp going low will have no effect on any write operation to the status register. the wp pin function is blocked when the wpen bit in the status register is ?0?. this will allow the user to install the at25128/256 in a system with the wp pin tied to ground and still be able to write to the status register. all wp pin functions are enabled when the wpen bit is set to ?1?. t hz hold to output high z 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 100 200 300 ns t dis output disable time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 200 250 1000 ns t wc write cycle time 4.5 - 5.5 2.7 - 5.5 1.8 - 3.6 5 10 10 ms endurance (1) 5.0v, 25 c, page mode 100k write cycles ac characteristics (continued) applicable over recommended operating range from t a = -40 c to + 85 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter voltage min max units
6 at25128/256 0872g?01/01 spi serial interface functional description the at25128/256 is designed to interface directly with the synchronous serial periph- eral interface (spi) of the 6800 type series of microcontrollers. the at25128/256 utilizes an 8-bit instruction register. the list of instructions and their operation codes are contained in table 1. all instructions, addresses, and data are transferred with the msb first and start with a high-to-low cs transition.. at25128/256 table 1. instruction set for the at25128/256 instruction name instruction format operation wren 0000 x110 set write enable latch wrdi 0000 x100 reset write enable latch rdsr 0000 x101 read status register wrsr 0000 x001 write status register read 0000 x011 read data from memory array write 0000 x010 write data to memory array
7 at25128/256 0872g ? 01/01 write enable (wren): the device will power-up in the write disable state when v cc is applied. all programming instructions must therefore be preceded by a write enable instruction. write disable (wrdi): to protect the device against inadvertent writes, the write disable instruction disables all programming modes. the wrdi instruction is indepen- dent of the status of the wp pin. read status register (rdsr): the read status register instruction provides access to the status register. the ready/busy and write enable status of the device can be determined by the rdsr instruction. similarly, the block write protection bits indicate the extent of protection employed. these bits are set by using the wrsr instruction . write status register (wrsr): the wrsr instruction allows the user to select one of four levels of protection. the at25128/256 is divided into four array segments. top quarter (1/4), top half (1/2), or all of the memory segments can be protected. any of the data within any selected segment will therefore be read only. the block write pro- tection levels and corresponding status register control bits are shown in table 4. the three bits, bp0, bp1, and wpen are nonvolatile cells that have the same properties and functions as the regular memory cells (e.g. wren, t wc , rdsr). table 2. status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 wpen x x x bp1 bp0 wen rdy table 3. read status register bit definition bit definition bit 0 (rdy ) bit 0 = 0 (rdy ) indicates the device is ready. bit 0 = 1 indicates the write cycle is in progress. bit 1 (wen) bit 1 = 0 indicates the device is not write enabled. bit 1 = 1 indicates the device is write enabled. bit 2 (bp0) see table 4. bit 3 (bp1) see table 4. bits 4 - 6 are 0s when device is not in an internal write cycle. bit 7 (wpen) see table 5. bits 0 - 7 are 1s during an internal write cycle. table 4. block write protect bits level status register bits array addresses protected bp1 bp0 at25128 at25256 0 0 0 none none 1(1/4) 0 1 3000 - 3fff 6000 - 7fff 2(1/2) 1 0 2000 - 3fff 4000 - 7fff 3(all) 1 1 0000 - 3fff 0000 - 7fff
8 at25128/256 0872g ? 01/01 the wrsr instruction also allows the user to enable or disable the write protect (wp ) pin through the use of the write protect enable (wpen) bit. hardware write protection is enabled when the wp pin is low and the wpen bit is ? 1 ? . hardware write protection is disabled when either the wp pin is high or the wpen bit is ? 0. ? when the device is hard- ware write protected, writes to the status register, including the block protect bits and the wpen bit, and the block-protected sections in the memory array are disabled. writes are only allowed to sections of the memory which are not block-protected. note: when the wpen bit is hardware write protected, it cannot be changed back to ? 0 ? , as long as the wp pin is held low. read sequence (read): reading the at25128/256 via the so (serial output) pin requires the following sequence. after the cs line is pulled low to select a device, the read op-code is transmitted via the si line followed by the byte address to be read (refer to table 6). upon completion, any data on the si line will be ignored. the data (d7 - d0) at the specified address is then shifted out onto the so line. if only one byte is to be read, the cs line should be driven high after the data comes out. the read sequence can be continued since the byte address is automatically incremented and data will continue to be shifted out. when the highest address is reached, the address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read cycle. write sequence (write): in order to program the at25128/256, two separate instructions must be executed. first, the device must be write enabled via the write enable (wren) instruction. then a write (write) instruction may be executed. also, the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block write protection level. during an internal write cycle, all commands will be ignored except the rdsr instruction. a write instruction requires the following sequence. after the cs line is pulled low to select the device, the write op-code is transmitted via the si line followed by the byte address and the data (d7 - d0) to be programmed (refer to table 6). programming will start after the cs pin is brought high. (the low-to-high transition of the cs pin must occur during the sck low time immediately after clocking in the d0 (lsb) data bit. the ready/busy status of the device can be determined by initiating a read sta- tus register (rdsr) instruction. if bit 0 = 1, the write cycle is still in progress. if bit 0 = 0, the write cycle has ended. only the read status register instruction is enabled during the write programming cycle. table 5. wpen operation wpen wp wen protected blocks unprotected blocks status register 0 x 0 protected protected protected 0 x 1 protected writable writable 1 low 0 protected protected protected 1 low 1 protected writable protected x high 0 protected protected protected x high 1 protected writable writable
9 at25128/256 0872g ? 01/01 the at25128/256 is capable of a 64-byte page write operation. after each byte of data is received, the six low order address bits are internally incremented by one; the high order bits of the address will remain constant. if more than 64 bytes of data are transmitted, the address counter will roll over and the previously written data will be overwritten. the at25128/256 is automatically returned to the write disable state at the completion of a write cycle. note: if the device is not write enabled (wren), the device will ignore the write instruction and will return to the standby state, when cs is brought high. a new cs fall- ing edge is required to re-initiate the serial communication. table 6. address key address at25128 at25256 a n a 13 - a 0 a 14 - a 0 don ? t care bits a 15 - a 14 a 15
10 at25128/256 0872g ? 01/01 timing diagrams (for spi mode 0 (0, 0)) synchronous data timing wren timing wrdi timing so v oh v ol hi-z hi-z t v valid in si v ih v il t h t su t dis sck v ih v il t wh t csh cs v ih v il t css t cs t wl t ho
11 at25128/256 0872g ? 01/01 rdsr timing wrsr timing read timing cs sck 01234567891011121314 si instruction so 76543210 data out msb high impedance
12 at25128/256 0872g ? 01/01 write timing hold timing so sck hold t cd t hd t hz t lz t cd t hd cs
13 at25128/256 0872g ? 01/01 at25128 ordering information t wc (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 5 5000 5.0 3000 at25128-10cc at25128c1-10cc at25128-10pc at25128n-10sc at25128w-10sc at25128-10uc at25128n1-10sc at25128t1-10tc at25128t2-10tc 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t commercial (0 c to 70 c) 5000 5.0 3000 at25128-10ci at25128c1-10ci at25128-10pi at25128n-10si at25128w-10si at25128-10ui at25128n1-10si at25128t1-10ti at25128t2-10ti 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t industrial (-40 c to 85 c) package type 8c 8-lead, 0.230" wide, leadless array package (lap) 8c1 8-lead, 0.300" wide, leadless array package (lap) 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u1 8-ball, die ball grid array package (dbga) 16s1 16-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 14t 14-lead, 0.170" wide, thin shrink small outline package (tssop) 20t 20-lead, 0.170" wide, thin shrink small outline package (tssop) options blank standard device (4.5v to 5.5v) -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 3.6v)
14 at25128/256 0872g ? 01/01 10 2000 2.0 2100 at25128-10cc-2.7 at25128c1-10cc-2.7 at25128-10pc-2.7 at25128n-10sc-2.7 at25128w-10sc-2.7 at25128-10uc-2.7 at25128n1-10sc-2.7 at25128t1-10tc-2.7 at25128t2-10tc-2.7 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t commercial (0 c to 70 c) 2000 2.0 2100 at25128-10ci-2.7 at25128c1-10ci-2.7 at25128-10pi-2.7 at25128n-10si-2.7 at25128w-10si-2.7 at25128-10ui-2.7 at25128n1-10si-2.7 at25128t1-10ti-2.7 at25128t2-10ti-2.7 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t industrial (-40 c to 85 c) at25128 ordering information (continued) t wc (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range package type 8c 8-lead, 0.230" wide, leadless array package (lap) 8c1 8-lead, 0.300" wide, leadless array package (lap) 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u1 8-ball, die ball grid array package (dbga) 16s1 16-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 14t 14-lead, 0.170" wide, thin shrink small outline package (tssop) 20t 20-lead, 0.170" wide, thin shrink small outline package (tssop) options blank standard device (4.5v to 5.5v) -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 3.6v)
15 at25128/256 0872g ? 01/01 10 1000 2.0 500 at25128-10cc-1.8 at25128c1-10cc-1.8 at25128-10pc-1.8 at25128n-10sc-1.8 at25128w-10sc-1.8 at25128-10uc-1.8 at25128n1-10sc-1.8 at25128t1-10tc-1.8 at25128t2-10tc-1.8 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t commercial (0 c to 70 c) 1000 2.0 500 at25128-10ci-1.8 at25128c1-10ci-1.8 at25128-10pi-1.8 at25128n-10si-1.8 at25128w-10si-1.8 at25128-10ui-1.8 at25128n1-10si-1.8 at25128t1-10ti-1.8 at25128t2-10ti-1.8 8c 8c1 8p3 8s1 8s2 8u1 16s1 14t 20t industrial (-40 c to 85 c) at25128 ordering information (continued) t wc (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range package type 8c 8-lead, 0.230" wide, leadless array package (lap) 8c1 8-lead, 0.300" wide, leadless array package (lap) 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u1 8-ball, die ball grid array package (dbga) 16s1 16-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 14t 14-lead, 0.170" wide, thin shrink small outline package (tssop) 20t 20-lead, 0.170" wide, thin shrink small outline package (tssop) options blank standard device (4.5v to 5.5v) -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 3.6v)
16 at25128/256 0872g ? 01/01 at25256 ordering information t wc (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range 5 5000 5.0 3000 at25256-10cc at25256c1-10cc at25256-10pc at25256w-10sc at25256-10uc at25256t2-10tc 8c 8c1 8p3 8s2 8u4 20t commercial (0 c to 70 c) 5000 5.0 3000 at25256-10ci at25256c1-10ci at25256-10pi at25256w-10si at25256-10ui at25256t2-10ti 8c 8c1 8p3 8s2 8u4 20t industrial (-40 c to 85 c) 10 2000 2.0 2100 at25256-10cc-2.7 at25256c1-10cc-2.7 at25256-10pc-2.7 at25256w-10sc-2.7 at25256-10uc-2.7 at25256t2-10tc-2.7 8c 8c1 8p3 8s2 8u4 20t commercial (0 c to 70 c) 2000 2.0 2100 at25256-10ci-2.7 at25256c1-10ci-2.7 at25256-10pi-2.7 at25256w-10si-2.7 at25256-10ui-2.7 at25256t2-10ti-2.7 8c 8c1 8p3 8s2 8u4 20t industrial (-40 c to 85 c) package type 8c 8-lead, 0.230" wide, leadless array package (lap) 8c1 8-lead, 0.300" wide, leadless array package (lap) 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u4 8-ball, die ball grid array package (dbga) 20t 20-lead, 0.170" wide, thin shrink small outline package (tssop) options blank standard device (4.5v to 5.5v) -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 3.6v)
17 at25128/256 0872g ? 01/01 10 1000 2.0 500 at25256-10cc-1.8 at25256c1-10cc-1.8 at25256-10pc-1.8 at25256w-10sc-1.8 at25256-10uc-1.8 at25256t2-10tc-1.8 8c 8c1 8p3 8s2 8u4 20t commercial (0 c to 70 c) 1000 2.0 500 at25256-10ci-1.8 at25256c1-10ci-1.8 at25256-10pi-1.8 at25256w-10si-1.8 at25256-10ui-1.8 at25256t2-10ti-1.8 8c 8c1 8p3 8s2 8u4 20t industrial (-40 c to 85 c) at25256 ordering information (continued) t wc (max) (ms) i cc (max) (a) i sb (max) (a) f max (khz) ordering code package operation range package type 8c 8-lead, 0.230" wide, leadless array package (lap) 8c1 8-lead, 0.300" wide, leadless array package (lap) 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u4 8-ball, die ball grid array package (dbga) 20t 20-lead, 0.170" wide, thin shrink small outline package (tssop) options blank standard device (4.5v to 5.5v) -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 3.6v)
packaging information 18 at25128/256 0872g ? 01/01 5.03 (0.198) 4.83 (0.190) 6.09 (0.240) 5.89 (0.232) 0.38 (0.015) 0.30 (0.012) 1.14 (0.045) 0.94 (0.037) 0.61 (0.024) 0.51 (0.020) 0.61 (0.024) 0.51 (0.020) 0.89 (0.035) 0.79 (0.031) 1.19 (0.047) 1.09 (0.043) 1.32 (0.052) 1.22 (0.048) 1 2 3 4 8 7 6 5 top view side view bottom view 5.10 (0.201) 4.90 (0.193) 8.10 (0.319) 7.90 (0.311) 0.38 (0.015) 0.30 (0.012) 1.14 (0.045) 0.94 (0.037) 4.76 (0.187) 4.66 (0.183) 0.34 (0.013) 0.24 (0.009) 0.95 (0.037) 0.85 (0.033) 0.92 (0.036) 0.82 (0.032) 1.22 (0.048) 1.12 (0.044) 1 2 3 4 8 7 6 5 top view side view bottom view 1.32 (0.052) 1.22 (0.048) .400 (10.16) .355 (9.02) pin 1 .280 (7.11) .240 (6.10) .037 (.940) .027 (.690) .300 (7.62) ref .210 (5.33) max seating plane .100 (2.54) bsc .015 (.380) min .022 (.559) .014 (.356) .150 (3.81) .115 (2.92) .070 (1.78) .045 (1.14) .325 (8.26) .300 (7.62) 0 15 ref .430 (10.9) max .012 (.305) .008 (.203) .020 (.508) .013 (.330) pin 1 .157 (3.99) .150 (3.81) .244 (6.20) .228 (5.79) .050 (1.27) bsc .196 (4.98) .189 (4.80) .068 (1.73) .053 (1.35) .010 (.254) .004 (.102) 0 8 ref .010 (.254) .007 (.203) .050 (1.27) .016 (.406) 8c , 8-lead, 0.230" wide, leadless array package (lap) dimensions in inches and (millimeters) 8c1 , 8-lead, 0.300" wide, leadless array package (lap) dimensions in inches and (millimeters) 8p3 , 8-lead, 0.300" wide, plastic dual in-line package (pdip) dimensions in inches and (millimeters) jedec standard ms-001 ba 8s1 , 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) dimensions in inches and (millimeters)
19 packaging information at25128/256 0872g ? 01/01 .020 (.508) .012 (.305) .213 (5.41) .205 (5.21) .330 (8.38) .300 (7.62) pin 1 .050 (1.27) bsc .212 (5.38) .203 (5.16) .080 (2.03) .070 (1.78) .013 (.330) .004 (.102) 0 8 ref .010 (.254) .007 (.178) .035 (.889) .020 (.508) *controlling dimension: millimeters 2.21 (0.087) 8 7 6 5 4 3 2 1 3.73 (0.147) 0.75 (0.029) 0.74 (0.029) 0.75 (0.029) 0.73 (0.028) 0.52 (0.020) 0.38 (0.015) top view bottom view side view *controlling dimension: millimeters 2.95 (0.116) 8 7 6 5 4 3 2 1 3.86 (0.152) 0.75 (0.029) 0.81 (0.032) 0.75 (0.029) 1.10 (0.043) 0.52 (0.020) 0.38 (0.015) top view bottom view side view 0.158 (4.00) 0.150 (3.80) 0.020 (0.51) 0.013 (0.33) 0.244 (6.20) 0.228 (5.80) pin 1 .050 (1.27) bsc 0.394 (10.00) 0.386 (09.80) 0.010 (0.25) 0.004 (0.10) 0.069 (1.75) 0.053 (1.35) 0 8 ref 0.050 (1.27) 0.016 (0.40) 0.010 (0.25) 0.008 (0.19) 8s2 , 8-lead, 0.200" wide, plastic gull wing small outline (eiaj soic) dimensions in inches and (millimeters) 8u1 , 8-ball, die ball grid array package (dbga) dimensions in millimeters and (inches)* 8u4, 8-ball, die ball grid array package (dbga) dimensions in millimeters and (inches)* 16s1 , 16-lead, 0.150" wide, plastic gull wing small outline (jedec soic) dimensions in inches and (millimeters)
20 packaging information at25128/256 0872g ? 01/01 *controlling dimension: millimeters 5.10 (.201) 4.90 (.193) 1.20 (.047) max .650 (.026) bsc 0.20 (.008) 0.09 (.004) 0.15 (.006) 0.05 (.002) index mark 6.50 (.256) 6.25 (.246) seating plane 4.50 (.177) 4.30 (.169) pin 1 0.75 (.030) 0.45 (.018) 0 8 ref 0.30 (.012) 0.19 (.007) *controlling dimension: millimeters 6.60 (.260) 6.40 (.252) 1.20 (.047) max .650 (.026) bsc 0.20 (.008) 0.09 (.004) 0.15 (.006) 0.05 (.002) index mark 6.50 (.256) 6.25 (.246) seating plane 4.50 (.177) 4.30 (.169) pin 1 0.75 (.030) 0.45 (.018) 0 8 ref 0.30 (.012) 0.19 (.007) 14t , 14-lead, 0.170" wide, thin shrink small outline package (tssop) dimensions in millimeters and (inches)* 20t , 20-lead, 0.170" wide, thin shrink small outline package (tssop) dimensions in millimeters and (inches)*
? atmel corporation 2001. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company ? s standard warranty which is detailed in atmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without n otice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of at mel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not authorized for use as critical components in life support devices or systems. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel sarl route des arsenaux 41 casa postale 80 ch-1705 fribourg switzerland tel (41) 26-426-5555 fax (41) 26-426-5500 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan atmel japan k.k. 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex france tel (33) 4-4253-6000 fax (33) 4-4253-6001 atmel smart card ics scottish enterprise technology park east kilbride, scotland g75 0qr tel (44) 1355-357-000 fax (44) 1355-242-743 atmel grenoble avenue de rochepleine bp 123 38521 saint-egreve cedex france tel (33) 4-7658-3000 fax (33) 4-7658-3480 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 0872g ? 01/01/xm dbga is a rademark of atmel corporation. terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT25128-10UC-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X