Part Number Hot Search : 
G2993 2SK76 HMC43 BR5010 MPSA92RA LA70100M TN0205A 17182
Product Description
Full Text Search
 

To Download APM7312KC-TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   



     ?    
  !"#$%&&'  
 #    !   (  
 !  )
* )+ 
 $
!  )
  ! 
*  !

*
! *) *  
  

   ? power management in notebook computer, portable equipment and battery powered systems 
  
    n-channel mosfet apm7312 handling code temp. range package code package code k : sop-8 operating junction temp. range c : -55 to 150c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm7312 k : apm7312 xxxxx xxxxx - date code lead free code ? 20v/6a, r ds(on) =35m ? (typ.) @ v gs = 10v r ds(on) =45m ? (typ.) @ v gs = 4.5v r ds(on) =110m ? (typ.) @ v gs = 2.5v ? ? ? ? ? super high dense cell design ? ? ? ? ? reliable and rugged ? ? ? ? ? lead free available (rohs compliant) g1 s1 s2 g2 d1 d1 d2 d2 ? 8 g1 s1 d1 d1 (8) (7) (2) (1) g2 s2 d2 d2 (6) (5) (4) (3) note: anpec lead-free products contain molding compounds/die attach materials and 100% matte in plate termina- tion finish; which are fully compliant with rohs and compatible with both snpb and lead-free soldiering operations. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j std-020c for msl classifica- tion at lead-free peak reflow temperature.
  ?    
  !"#$%&&'  
 %  
  !  (t a = 25 c unless otherwise noted) "
  #$  
  (t a = 25 c unless otherwise noted) symbol parameter rating unit v dss drain-source voltage 20 v gss gate-source voltage 16 v i d * continuous drain current 6 i dm * 300 s pulsed drain current v gs =10v 24 a i s * diode continuous forward current 1.7 a t j maximum junction temperature 150 t stg storage temperature range -55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r ja * thermal resistance-junction to ambient 62.5 c/w note: *surface mounted on 1in 2 pad area, t 10sec.  apm7312k symbol parameter test condition min. typ. max. unit static characteristics bv dss drain-source breakdown voltage v gs =0v, i ds =250 a 20 v v ds =16v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 a v gs(th) gate threshold voltage v ds =v gs , i ds =250 a 0.7 0.9 1.5 v i gss gate leakage current v gs =16v, v ds =0v 100 na v gs =10v, i ds =6a 35 40 v gs =4.5v, i ds =4a 45 54 r ds(on) a drain-source on-state resistance v gs =2.5v, i ds =2a 110 120 m ? v sd a diode forward voltage i sd =1.7a, v gs =0v 0.7 1.3 v gate charge characteristics b q g total gate charge 12 16 q gs gate-source charge 3 q gd gate-drain charge v ds =10v, v gs =4.5v, i ds =6a 4.5 nc 
  ?    
  !"#$%&&'  
 ,  "
  #$  
 %# &' (t a = 25 c unless otherwise noted) apm7312k symbol parameter test condition min. typ. max. unit dynamic characteristics b r g gate resistance v gs =0v,v ds =0v,f=1mhz 2.7 ? c iss input capacitance 450 c oss output capacitance 100 c rss reverse transfer capacitance v gs =0v, v ds =15v, frequency=1.0mhz 60 pf t d(on) turn-on delay time 6 12 t r turn-on rise time 5 10 t d(off) turn-off delay time 16 30 t f turn-off fall time v dd =10v, r l =10 ? , i ds =1a, v gen =4.5v, r g =6 ? 5 10 ns notes: a : pulse test ; pulse width 300 s, duty cycle 2%. b : guaranteed by design, not subject to production testing.
  ?    
  !"#$%&&'  
 -  1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 () #$  
  i d - drain current (a) drain current t j - junction temperature ( c) safe operation area v ds - drain - source voltage (v) thermal transient impedance square wave pulse duration (sec) power dissipation p tot - power (w) t j - junction temperature ( c) i d - drain current (a) 0 20406080100120140160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20406080100120140160 0 2 4 6 8 t a =25 o c,v g =10v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 300 s 1ms rds(on) limit 1s t a =25 o c 10ms 100ms dc normalized transient thermal resistance
  ?    
  !"#$%&&'  
 '  r ds(on) - on - resistance (m ? ) drain-source on resistance i d - drain current (a) t j - junction temperature ( c) gate threshold voltage v ds - drain-source voltage (v) i d - drain current (a) output characteristics transfer characteristics v gs - gate - source voltage (v) i d - drain current (a) normalized threshold voltage () #$  
 %# &' 02468 0 2 4 6 8 10 12 14 16 18 20 2v v gs = 4, 5, 6, 7, 8, 9, 10v 3v 0 4 8 12 16 20 0 20 40 60 80 100 120 140 160 v gs =2.5v v gs =10v v gs =4.5v 0.0 0.5 1.0 1.5 2.0 2.5 0 4 8 12 16 20 24 t j =-55 o c t j =125 o c t j =25 o c -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds = 250 a
  ?    
  !"#$%&&'  
 .  v ds - drain - source voltage (v) drain-source on resistance normalized on resistance t j - junction temperature ( c) c - capacitance (pf) v sd - source - drain voltage (v) source-drain diode forward i s - source current (a) capacitance gate charge q g - gate charge (nc) v gs - gate - source voltage (v) () #$  
 %# &' -50 -25 0 25 50 75 100 125 150 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v gs = 10v i ds = 6a r on @t j =25 o c: 35m ? 0.0 0.3 0.6 0.9 1.2 1.5 1.8 0.3 1 10 20 t j =25 o c t j =150 o c 0 4 8 121620 0 125 250 375 500 625 750 frequency=1mhz ciss coss crss 0 3 6 9 12 15 0 1 2 3 4 5 v ds =10v i ds = 6a
  ?    
  !"#$%&&'  
 /      millimeters inches dim min. max. min. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 h 5.80 6.20 0.228 0.244 l 0.40 1.27 0.016 0.050 e1 0.33 0.51 0.013 0.020 e2 1.27bsc 0.50bsc 18 8 h e e1 e2 0.015x45 d a a1 0.004max. 1 l sop-8 pin ( reference jedec registration ms-012)
  ?    
  !"#$%&&'  
 0  terminal material solder-plated copper (solder material : 90/10 or 63/37 snpb), 100%sn lead solderability meets eia specification rsi86-91, ansi/j-std-002 category 3.  t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p  !
*#  (ir/convection or vpr reflow) #  !
*
 $) +
  profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat  temperature min (tsmin)  temperature max (tsmax)  time (min to max) (ts) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above:  temperature (t l )  time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak/classificatioon temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10-30 seconds 20-40 seconds ramp-down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package .measured on the body surface.
  ?    
  !"#$%&&'  
 1  # 
( 
,!

 t ao e w po p ko bo d1 d f p1 table 1. snpb entectic process ? package peak reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 <2.5 mm 240 +0/-5 c 225 +0/-5 c 2.5 mm 225 +0/-5 c 225 +0/-5 c  table 2. pb-free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350-2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level.  #  !
*
%# &' test item method description solderability mil-std-883d-2003 245 c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125 c pct jesd-22-b, a102 168 hrs, 100% rh, 121 c tst mil-std 883d-1011.9 -65 c ~ 150 c, 200 cycles !
  )(
  
  ?    
  !"#$%&&'  
 #&  #  
+
-
anpec electronics corp. head office : 5f, no. 2 li-hsin road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 7f, no. 137, lane 235, pac chiao rd., hsin tien city, taipei hsien, taiwan, r. o. c. tel : 886-2-89191368 fax : 886-2-89191369 #-
( 

 application carrier width cover tape width devices per reel sop- 8 12 9.3 2500 # 
( 
,!

%# &' a j b t2 t1 c application a b c j t1 t2 w p e 330 1 62 1.5 12.75 + 0.1 5 2 + 0.5 12.4 +0.2 2 0.2 12 + 0.3 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sop-8 5.5 0.1 1.55 0.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 5.2 0.1 2.1 0.1 0.3 0.013 (mm)


▲Up To Search▲   

 
Price & Availability of APM7312KC-TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X