Part Number Hot Search : 
647180X NE25139 STT03XX M68000 1MM30S 2SK193 73120 0B6TR
Product Description
Full Text Search
 

To Download AND190CRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  purdy electronics corporation 720 palomar avenue sunnyvale, ca 94086 tel: 408.523.8200 fax: 408.733.1287 email@purdyelectronics.com www.purdyelectronics.com 6-1-99 AND190CRP ultra bright led lamps: type 1 weight: 1.0 g unit: mm 2.0 0.2 13.5 0.3 11.0 0.3 10.0 0.2 cathode index 26.4 min. 1. anode 2. cathode 1.5 0.5 0.5 2.54 12 AND190CRP gaalas red light emission t-3 package (10 mm) features peak wavelength ( p = 660 nm) high bright emission all plastic mold type, clear colorless lens low drive current, (forward current = 1 to 20 ma) excellent on-off contrast ratio fast response time, capable of pulse operation high power luminous intensity suitable for outdoor message signboards maximum ratings (t a = 25?) characteristics symbol rating unit forward current i f 40 ma reverse voltage v r 5v power dissipation p d 125 mw operating temperature range t opr -40 to 85 c storage temperature range t stg -40 to 100 c precaution please be careful of the following: 1. soldering temperature: 260 c max soldering time: 5 sec. max soldering portion of lead: up to 1.6 mm from the body of the device 2. the lead can be formed up to 5 mm from the body of the device without forming stress. soldering should be performed after the lead forming. electro-optical characteristics (t a = 25?) characteristics symbol test condition minimum typical maximum unit forward voltage v f i f = 20 ma 1.85 2.4 v reverse current i r v r = 4 v 10 a luminous intensity i v i f = 20 ma 6,000 10,700 mcd peak emission wavelength l p i f = 20 ma 660 nm spectral line half width ? i f = 20 ma 20 nm dominant wavelength d i f = 20 ma 640 nm full viewing angle i v = 1/2 peak 8 degree
AND190CRP gaalas red light emission ultra bright led lamps: type 1 purdy electronics corporation 720 palomar avenue sunnyvale, ca 94086 tel: 408.523.8200 fax: 408.733.1287 email@purdyelectronics.com www.purdyelectronics.com 6-1-99 -20 0 20 40 60 80 0.1 0.3 0.5 1 3 i v t c case temperature t c ( c) relative luminous intensity 1.5 1.6 1.7 1.8 1.9 2.0 2.1 1 3 5 10 30 50 i f v f forward voltage v f (v) forward current i f (ma) t a = 25 c radiation pattern 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 0.2 0 0.4 0.8 0.6 i f t a ambient temperature t a ( c) allowable forward current i f (ma) 0 20 40 60 80 100 0 20 40 60 80 600 620 640 660 680 700 720 0 0.2 0.4 0.6 0.8 1.0 relative luminous intensity wavelength wavelength (nm) relative luminous intensity i f = 20 ma t a = 25 c i v v f forward current i f (ma) aluminous intensity i v (med) 12 51020 50 1,000 2,000 5,000 10,000 20,000 50,000


▲Up To Search▲   

 
Price & Availability of AND190CRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X