Part Number Hot Search : 
EPA3393 SMB30 A1870 6T612G G2310 95301E3 UF16C60 BU4914F
Product Description
Full Text Search
 

To Download AMEL10-MAZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series AMEL10-MAZ 10 watt | ac-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052e r8.h 1 of 4 north america only features: models single output model input voltage (vac/hz) input voltage (vdc) max output wattage (w) output voltage (v) output current max (a) maximum capacitive load (f) efficiency (%) amel10-3.3smaz 90-264/47-440 120-370 9.9 3.3 3.00 2200 75 amel10-5smaz 90-264/47-440 120-370 10 5 2.00 1000 77 amel10-12smaz 90-264/47-440 120-370 10 12 0.84 680 79 amel10-15smaz 90-264/47-440 120-370 10 15 0.67 470 80 amel10-24smaz 90-264/47-440 120-370 10 24 0.42 470 80 models asymmetric dual output model input voltage (vac/hz) input voltage (vdc) max output wattage (w) output voltage (v) rated output current (a) maximum capacitive load (f) efficiency (%) amel10-3.35dmaz 90-264/47-440 120-370 7.9 3.3/5 0.9/1.0 680 74 amel10-3.312dmaz 90-264/47-440 120-370 8 3.3/12 0.9/0.41 680 77 amel10-3.315dmaz 90-264/47-440 120-370 8 3.3/15 0.9/0.33 680 76 amel10-3.324dmaz 90-264/47-440 120-370 8 3.3/24 0.9/0.2 680 75 amel10-512dmaz 90-264/47-440 120-370 8 5/12 0.6/0.41 470 75 amel10-515dmaz 90-264/47-440 120-370 8 5/15 0.6/0.33 470 77 amel10-524dmaz 90-264/47-440 120-370 8 5/24 0.6/0.2 470 75 amel10-1215dmaz 90-264/47-440 120-370 8 12/15 0.25/0.33 330 76 amel10-1224dmaz 90-264/47-440 120-370 9 12/24 0.25/0.25 330 78 amel10-1524dmaz 90-264/47-440 120-370 9 15/24 0.2/0.25 330 79 amel10-3.3n5dmaz 90-264/47-440 120-370 7.3 -3.3/5 -0.7/1.0 680 74 amel10-3.3n12dmaz 90-264/47-440 120-370 8 -3.3/12 -0.9/0.41 680 75 amel10-3.3n15dmaz 90-264/47-440 120-370 8 -3.3/15 -0.9/0.33 680 75 amel10-5n5dmaz 90-264/47-440 120-370 8 -5/5 -0.6/1 680 74 amel10-5n12dmaz 90-264/47-440 120-370 8 -5/12 -0.6/0.41 470 74 amel10-5n15dmaz 90-264/47-440 120-370 8 -5/15 -0.6/0.33 470 74 amel10-12n12dmaz 90-264/47-440 120-370 8 -12/12 -0.25/0.41 470 76 amel10-12n15dmaz 90-264/47-440 120-370 8 -12/15 -0.25/0.33 330 75 *output power must not exceed the listed values. note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters conditions typical maximum units current 115vac 0.23 a 230vac 0.15 a inrush current <2ms (cold start) 115vac 10 a 230vac 20 a leakage current 0.25 ma external fuse slow blow type 1 a ? i/o isolation 4000vac ? energy star compliant ? operating temp: -40 o c to +80 o c ? ultra small package ? over load, over voltage, short circuit protection ? soft start ? up to 80% efficiency cb
series AMEL10-MAZ 10 watt | ac-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052e r8.h 2 of 4 north america only input specifications (continued) parameters conditions typical maximum units input dissipation no load <0.5 w start up time soft start 500 ms output specifications parameters conditions typical maximum units voltage accuracy 2 % line regulation 1 % load regulation (single output) 0-100% load 2 % load regulation (dual output) unbalanced (0-100% load) 3 % transient recovery time 500 s transient response deviation 25% load step 2 % of vout ripple & noise* 3.3 & 5v models 75 mv p-p 12, 15 & 24v models 100 hold-up time (min) 115vac 10 ms 230vac 25 *ripple and noise are measured at 20mhz bandwidth by us ing a 0.1f (m/c) & 4.7f (e/c) parallel capacitor. isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec, 1.2ma 4000 vac isolation resistance >1000 m ? isolation capacitor 2200 pf general specifications parameters conditions typical maximum units switching frequency 100% load 65 khz over load protection auto recovery, foldback 150 % over voltage protection zener diode clamp short circuit protection continuous short circuit restart auto recovery operating temperature with derat ing above 50oc -40 to +80 o c maximum case temperature 100 o c storage temperature -45 to +95 o c temperature coefficient 0.02 % / o c cooling free air convection humidity non condensing 20 ~ 95 % rh case material plastic resin + fiberglass (flammability to ul 94v-0) weight 70 g dimensions (l x w x h) 2.22 x 1.21 x 0.99 inches 56.48 x 30.86 x 25.10mm mtbf > 400 000 hrs (mil-hdbk -217f, t=+25 o c) environment approval test parameters conditions shock wave form half sine wave acceleration amplitude 5gn bump duration 30 ms converter operation before and after test, body mounted (on chassis) number of bumps 18 (3 in each direction for every axis) vibration test mode sweep sine displacement 1mm acceleration 3g converter operation 10-100hz, speed 0.05hz/s
series AMEL10-MAZ 10 watt | ac-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052e r8.h 3 of 4 north america only safety specifications parameters agency approvals culus, ce, cb standards medical electrical equipment iec\en\ul 60601-1 , csa-c22.2 no. 601.1-m90 information technology equipment en 60950-1:2006+a11:2009 emi - conducted and radiated emission en55011, class b harmonic current emissions iec/en 61000-3-2, (en60555-2) voltage fluctuations and flicker iec/en 61000-3-3, (en60555-3) electrostatic discharge immunity iec 61000-4-2 rf, electromagnetic field immunity iec 61000-4-3 electrical fast transient/burst immunity iec 61000-4-4 surge immunity iec 61000-4-5 rf, conducted disturbance immunity iec 61000-4-6 power frequency magnetic field immunity iec 61000-4-8 voltage dips, short interruptions immunity iec 61000-4-11 pin out specifications dimensions 30.86 (1.21) 20.40 (0.80) 5.27 (0.21) 5,27 (0.21) 10.20 (0.40) 10.20 (0.40) 25.10 (0.99) 8.00 (0.31) pin single dual positive dual negative/positive 1 ac input (n) ac input (n) ac input (n) 2 ac input (l) ac input (l) ac input (l) 3 +v output +v1 output +v1 output 4 -v output common common 5 no pin +v2 output -v2 output
series AMEL10-MAZ 10 watt | ac-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 052e r8.h 4 of 4 north america only derating -40 -20 0204060 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 50 o c note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AMEL10-MAZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X