Part Number Hot Search : 
BS170 B82801B 10PBF SKIIP BYC10 C601D TISP4290 FDA16N50
Product Description
Full Text Search
 

To Download 1N5391GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N5391GP thru 1n5399gp vishay semiconductors formerly general semiconductor document number 88515 www.vishay.com 08-jul-02 1 glass passivated junction rectifiers reverse voltage 50 to 1000v forward current 1.5a 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. patented* features ?plastic package has underwriters laboratories flammability classification 94v-0 ?high temperature metallurgically bonded construction ?cavity-free glass passivated junction ?capable of meeting environmental standards of mil-s-19500 ?1.5 ampere operation at t l = 70? with no thermal runaway ?typical i r less than 0.1 a high temperature soldering guaranteed: 350?/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: jedec do-204ac, molded plastic over glass body terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.015 oz., 0.4 g do-204ac (do-15) dimensions in inches and (millimeters) * glass-plastic encapsulation technique is covered by patent no. 3,996,602 and brazed-lead assembly by patent no. 3,930,306 maximum ratings & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symb. 1n53 1n53 1n53 1n53 1n53 1n53 1n53 1n53 1n53 unit 91gp 92gp 93gp 94gp 95gp 96gp 97gp 98gp 99gp * maximum repetitive peak reverse voltage v rrm 50 100 200 300 400 500 600 800 1000 v * maximum rms voltage v rms 35 70 140 210 280 350 420 560 700 v * maximum dc blocking voltage v dc 50 100 200 300 400 500 600 800 1000 v * maximum average forward rectified current 0.375 (9.5mm) lead length at t l = 70 c i f(av) 1.5 a * peak forward surge current 8.3ms single half sine-wave i fsm 50 a superimposed on rated load (jedec method) * maximum full load reverse current, full cycle average 0.375 (9.5mm) lead length at t a = 70 c i r(av) 300 a typical thermal resistance (1) r ja 45 c/w * operating junction and storage temperature range t j, t stg 65 to +175 c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. * max. instantaneous forward voltage at 1.5a t a = 70 cv f 1.4 v * maximum dc reverse current t a = 25 c 5.0 at rated dc blocking voltage t a = 150 c i r 300 a typical reverse recovery time at t rr 2.0 s i f = 0.5a, i r = 1.0a, i rr = 0.25a typical junction capacitance at 4.0v, 1mhz c j 15 pf note: (1) thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted *jedec registered values
1N5391GP thru 1n5399gp vishay semiconductors formerly general semiconductor www.vishay.com document number 88515 2 08-jul-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) 0 10 20 30 50 40 1 100 10 peak forward surge current (a) number of cycles at 60 h z 0 1.0 2.0 25 0 50 75 100 125 150 175 average forward rectified current (a) lead temperature ( c) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 fig. 3 ?typical instantaneous forward characteristics 020 60 40 100 80 fig. 4 ?typical reverse characteristics instantaneous reverse leakage current ( a) percent of rated peak reverse voltage (%) 0.5 0.375" (9.5mm) lead length t a, ambient temperature t l, lead temperature 0.01 0.1 10 1 instantaneous forward current (a) t j = 25 c reverse voltage (v) junction capacitance (pf) 1 10 100 100 10 1 0.01 0.1 10 1 fig. 5 ?typical junction capacitance t j = 25 c f = 1.0mh z vsig = 50mvp-p fig. 1 ?forward current derating curve fig. 2 ?maximum non-repetitive peak forward surge current instantaneous forward voltage (v) t j = t j max 8.3ms single half sine-wave (jedec method) t j = 25 c pulse width = 300 s 1% duty cycle t, pulse duration (sec.) transient thermal impedance ( c/w) 0.1 0.01 1 10 100 100 10 1 fig. 6 ?typical transient thermal impedance 0.1 60 h z resistive or inductive load t j = 75 c t j = 125 c


▲Up To Search▲   

 
Price & Availability of 1N5391GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X