Part Number Hot Search : 
ENN8179 PM1SA1 SP1630 IRG4B CONTRO EUA4890 5335H1LC 2412S
Product Description
Full Text Search
 

To Download 1991-6R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0019091062 status: active overview: standard_093 description: 2.36mm (.093") diameter, .093" pin and socket receptacle housing with positive latch, 6 circuits, without mounting ears documents: 3d model product specification ps-02-09 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 tuv r95725 ul e29179 general product family crimp housings series 1991 comments polarized to mating part overview standard_093 product name standard .093" physical breakaway no circuits (maximum) 6 circuits detail 2x3 color - resin natural flammability 94v-2 gender male glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 2 packaging type bag panel mount no pitch - mating interface (in) 0.248 in pitch - mating interface (mm) 6.30 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 9a material info old part number 1991-6R1 reference - drawing numbers packaging specification pk-1991-002 product specification ps-02-09 sales drawing sd-1991-6* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 1991 series mates with 19-09-2061 plug, 19-09-2062 plug use with 1189 crimp terminals, 1190 crimp terminals, 1380 male crimp terminals, 1381 female crimp terminals, 1433 crimp terminals, 1434 male crimp terminals, 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , 4550 , 6271 , lin this document was generated on 05/18/2010
please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 1991-6R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X