Part Number Hot Search : 
2100AT BYV27600 29F08 11718 HA5013IP TCZM39B 16X17T 167BZXI
Product Description
Full Text Search
 

To Download 1991-4R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0019091043 status: active overview: standard_093 description: 2.36mm (.093") diameter, .093" pin and socket receptacle housing with positive latch, 4 circuits, with pre-bent mounting ears documents: 3d model product specification ps-02-09 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 tuv r95725 ul e29179 general product family crimp housings series 1991 comments glow wire equivalent part number 50361692. polarized to mating part overview standard_093 product name standard .093" physical breakaway no circuits (maximum) 4 circuits detail 1x4 color - resin natural flammability 94v-2 gender male glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount yes pitch - mating interface (in) 0.248 in pitch - mating interface (mm) 6.30 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 9a material info old part number 1991-4R2 reference - drawing numbers product specification ps-02-09 sales drawing sd-1991-4* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 1991 series mates with 19-09-2042 plug, 19-09-2043 plug use with 1189 crimp terminals, 1190 crimp terminals, 1380 male crimp terminals, 1381 female crimp terminals, 1433 crimp terminals, 1434 male crimp terminals, 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , 4550 , 6271 , lin this document was generated on 05/18/2010
please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 1991-4R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X