Part Number Hot Search : 
STV2112B SDA316A L6208 MAX2034 0101A ER208 TFB3869 X1N2822B
Product Description
Full Text Search
 

To Download 19372K16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: website: website: website: website: www.wickmann.com ? europe europe europe europe europe tel: +49 (2302) 662-107 ? americas americas americas americas americas tel: +1 (404) 699-7820 ? asia asia asia asia asia tel: +852 26 14-1108 faxback: +1 (404) 699-6176 e-m ail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk wickmann 010827 010827 010827 010827 010827 ? 8,5 0,5 min max. 8 l ? 0,6 5,08 1 +0,1 50ma 0050 250v 500 70 0.01 ? ? ? 63ma 0063 250v 400 80 0.02 ? ? ? 80ma 0080 250v 370 100 0.023 ? ? ? 100ma 0100 250v 300 110 0.047 ? ? ? 125ma 0125 250v 260 120 0.066 ? ? ? 160ma 0160 250v 200 130 0.14 ? ? ? 200ma 0200 250v 170 140 0.2 ? ? ? 250ma 0250 250v 150 150 0.28 ? ? ? 315ma 0315 250v 140 160 0.36 ? ? ? 400ma 0400 250v 130 170 0.9 ? ? ? 500ma 0500 250v 125 180 1.3 ? ? ? 630ma 0630 250v 120 200 2.5 ? ? ? 800ma 0800 250v 110 220 3.8 ? ? ? 1.00a 1100 250v 110 360 5.5 ? ? ? ? 1.25a 1125 250v 95 450 9 ? ? ? ? 1.60a 1160 250v 95 450 14 ? ? ? ? 2.00a 2 1200 250v 85 600 23 ? ? ? ? 2.50a 2 1250 250v 80 700 35 ? ? ? ? 3.15a 2 1315 250v 80 1100 60 ? ? ? ? 4.00a 1400 250v 75 1200 95 ? ? ? ? 5.00a 1500 250v 80 1300 94 g g ? 35a / 250vac 1 50-60hz cos j = 1.0 40a / 250vac 50a / 250vac vde semko curus miti s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses dimensions dimensions dimensions dimensions dimensions 2 2 2 2 2 (mm) (mm) (mm) (mm) (mm) long leads ( l=18.8mm) short leads ( l=4.3mm) limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is 100 100 100 100 100 % at ambient temperature of 23oc (73.4of). % at ambient temperature of 23oc (73.4of). % at ambient temperature of 23oc (73.4of). % at ambient temperature of 23oc (73.4of). % at ambient temperature of 23oc (73.4of). holes in pcb order order order order order qty. qty. qty. qty. qty. order- order- order- order- order- series series series series series amp code packaging amp code packaging amp code packaging amp code packaging amp code packaging information information information information information number number number number number 372 rated amp voltage breaking voltage drop power dissipation melting integral approvals current code rating capacity 1.0 x i rated 1.5 x i rated 10 x i rated max. (mv) max. (mw) min. (a 2 s) rated current 1.5 x i rated 2.1 x i rated 2.75 x i rated 4 x i rated 10 x i rated 50ma ... 5.00a > 1h < 2 min 400ms ... 10s 150ms ... 3s 20ms ... 150ms tr5 ? / no. 372 372 372 372 372 iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv iec 60127-3/iv , 250v , 250v , 250v , 250v , 250v , t , t , t , t , t time-current characteristic time-current characteristic time-current characteristic time-current characteristic time-current characteristic time lag (t) standard standard standard standard standard iec 60127-3/iv approvals approvals approvals approvals approvals vde: license no. 97187 license no. 116448 (5a) semko: certificate no. 9812212 certificate no. 9748179 (5a) culus recognized: file no. e 67006 miti: file no. 32-1888 features features features features features reduced pcb space requirements direct solderable or plug-in versions internationally approved low internal resistance shocksafe casing weblinks weblinks weblinks weblinks weblinks data sheet data sheet data sheet data sheet data sheet www.wickmann.com/products/372.pdf approval certificates approval certificates approval certificates approval certificates approval certificates www.wickmann.com/approvals time-current curve time-current curve time-current curve time-current curve time-current curve page 58 www.wickmann.com/itcurves packaging packaging packaging packaging packaging page 118 www.wickmann.com/pack faxback document # 300 faxback document # 300 faxback document # 300 faxback document # 300 faxback document # 300 specifications specifications specifications specifications specifications packaging packaging packaging packaging packaging 000: tape/ammopack (1000 pcs.) 041: short leads - bulk (1000 pcs.) materials materials materials materials materials base/cap: brown thermoplastic polyamide pa 6.6, ul 94v0 round pins: copper alloy, tin plated operating t operating t operating t operating t operating t emperature emperature emperature emperature emperature -40oc to +85oc (consider de-rating) climatic category climatic category climatic category climatic category climatic category -25oc/+70oc/21 days (en 60068-1..3) stock conditions stock conditions stock conditions stock conditions stock conditions +10oc to +60oc relative humidity 75% yearly average, without dew, maximum value for 30 days-95% vibration resistance vibration resistance vibration resistance vibration resistance vibration resistance 24 cycles at 15 min. each (en 60068-6) 10 - 60hz at 0.75mm amplitude 60 - 2000hz at 10g acceleration lead pull strength lead pull strength lead pull strength lead pull strength lead pull strength 10n (en 60068-2-21) solderability solderability solderability solderability solderability 260oc, 3 sec. (wave) 350oc, 1 sec. (hand) soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance 260oc, 10 sec. (iec 60068-2-20) marking marking marking marking marking , 372, 250v, t, current rating, approvals unit weight unit weight unit weight unit weight unit weight 0.77g (approx.) 1 per ul, approved breaking capacity is 50 a at 250v. g expert report 2 contact wickmann for alternative version rated at 250v, series no. 392.
website: website: website: website: website: www.wickmann.com ? europe europe europe europe europe tel: +49 (2302) 662-107 ? americas americas americas americas americas tel: +1 (404) 699-7820 ? asia asia asia asia asia tel: +852 26 14-1108 faxback: +1 (404) 699-6176 e-ma il: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk wickmann 010827 010827 010827 010827 010827 t t t t t ime (sec.) ime (sec.) ime (sec.) ime (sec.) ime (sec.) contact wickmann for individual i-t curves i i i i i fault fault fault fault fault / i / i / i / i / i rated rated rated rated rated s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses tr5 ? / no. 372 372 372 372 372 23456789 110 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 1 0 0 1 , 0 0 0 1 0 , 0 0 0 1 0 0 , 0 0 0 15 1.5 i-t characteristics (m in-m ax lim it) iec 60127-3/iv


▲Up To Search▲   

 
Price & Availability of 19372K16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X