Part Number Hot Search : 
4816B 6443I TC243 AU5783D AD644 SY89828L 114YU 2019C
Product Description
Full Text Search
 

To Download 0526035410M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  no. item performance 1 temperature range (?) ?0 to +125? 2 leakage current ( m a) less than 0.02 cv or 3 whichever is larger (after two minutes) c: capacitance ( m f), v: voltage (v) (20?) 3 capacitance tolerance (%) ?0 (20?, 120 hz) 4 tangent of loss angle (tan d ) 5 stability at low temperature 6 endurance (applied ripple current) 7 max. storage temp. rvk vertical chip electrolytic capacitors photo outline drawing specifications 33 f d ?0.5 c ?0.2 a ?0.2 c ?0.2 b ?0.2 f dlabcwp l w 0.3 max. 0.4 ?0.2 p 10 10 ?0.5 10.4 10.4 3.3 0.7 to 1.1 4.7 coefficients of temperature for ripple current temperature (?) +85 or less +105 +125 coefficients 2.05 1.60 1 unit: mm coefficients of frequency for ripple current frequency (hz) 120 1k 10 k 100 k rated voltage (v) 10 to 63 0.77 0.88 0.96 1 series rvk chip aluminum electrolytic capacitors. for surface mount 125?, 1250 hours guaranteed. carrier taping supplied. rated voltage (v) 10 16 25 35 50 63 tan d 0.28 0.26 0.24 0.20 0.19 0.18 (20?, 120 hz) rated voltage (v) 10 16 25 35 50 63 impedance z?5?/z+20? 3 3 3 3 3 3 ratio z?0?/z+20? 5 5 5 5 5 5 (120 hz) test temp. 125? 105? test time leakage current initial specified value or less change in capacitance within ?0% of initial value tan d 300% or less of initial specified value test temp. 125? 105? test time 500 hrs 1000 hrs leakage current initial specified value or less change in capacitance within ?0% of initial value tan d 200% or less of initial specified value 8 applicable standards jis c 5102 and jis c 5141. pretreatment performed (jis c 5102). this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. f 10: 1250 hrs f 10: 5000 hrs f 8: 1000 hrs f 8: 4000 hrs chip type rvk 32646 elna pages 32-47 11/16/98 9:11 am page 33
this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. 10 22 33 47 100 220 330 wv(v) 10 16 25 35 50 63 cap.(?) elna part no. / wv (v) cap. size tan d esr impedance rip cur. ( m f) ( f x l) (mm) ( )( ) (marms) elna part no. / wv (v) cap. size tan d esr impedance rip cur. ( m f) ( f x l) (mm) ( )( ) (marms) 34 rvk vertical chip electrolytic capacitors standard ratings 10 v rvk-10v221mg10-r 220 8 x 10 0.28 0.68 0.68 60 rvk-10v221mh10-r 220 10 x 10 0.28 0.58 0.58 107 rvk-10v331mh10-r 330 10 x 10 0.28 0.55 0.55 111 16 v rvk-16v101mh10-r 100 10 x 10 0.26 0.58 0.58 102 rvk-16v221mh10-r 220 10 x 10 0.26 0.55 0.55 107 25 v rvk-25v470mh10-r 47 10 x 10 0.24 0.58 0.58 70 rvk-25v101mg10-r 100 8 x 10 0.24 0.68 0.68 60 rvk-25v101mh10-r 100 10 x 10 0.24 0.55 0.55 102 35 v rvk-35v220mh10-r 22 10 x 10 0.20 0.61 0.61 48 rvk-35v330mh10-r 33 10 x 10 0.20 0.60 0.60 58 rvk-35v470mg10-r 47 8 x 10 0.20 0.68 0.68 55 rvk-35v470mh10-r 47 10 x 10 0.20 0.58 0.58 70 rvk-35v101mh10-r 100 10 x 10 0.20 0.55 0.55 102 50 v rvk-50v100mg10-r 10 8 x 10 0.19 0.80 0.80 38 rvk-50v100mh10-r 10 10 x 10 0.19 0.65 0.65 45 rvk-50v220mg10-r 22 8 x 10 0.19 0.80 0.80 38 rvk-50v220mh10-r 22 10 x 10 0.19 0.65 0.65 48 rvk-50v330mg10-r 33 8 x 10 0.19 0.80 0.80 40 rvk-50v330mh10-r 33 10 x 10 0.19 0.60 0.60 58 63 v rvk-63v220mg10-r 22 8 x 10 0.18 1.00 1.00 33 rvk-63v220mh10-r 22 10 x 10 0.18 0.67 0.67 48 case size by working voltage & capacitance (in mm) 8x10 / 10x10 10 x 10 10 x 10 10 x 10 10 x 10 8x10 / 10x10 10 x 10 10 x 10 8x10 / 10x10 10 x 10 8x10 / 10x10 8x10 / 10x10 8x10 / 10x10 8x10 / 10x10 (mm) esr, impedance 100 khz at 20? allowable ripple current 100 khz at 125? note: chip type rvk 32646 elna pages 32-47 11/16/98 9:11 am page 34


▲Up To Search▲   

 
Price & Availability of 0526035410M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X