Part Number Hot Search : 
ZL50400 TLOE16TP SR205 TS30012 PE2001 CTZ6V2A MTL5510 LPC11E14
Product Description
Full Text Search
 

To Download UC3845A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UC3845A high performance current mode controller l output deadtime adjustable from 50% to 70% l current mode operation to 500 khz l automatic feed forward compensation l latching pwm for cycleCbyCcycle current limiting l internally trimmed reference with undervoltage lockout l high current totem pole output l undervoltage lockout with hysteresis l low startup and operating current cs suffix plastic package sop-14 the UC3845A series of high performance fixed frequency current mode controllers are specifically designed for offCline and dcCtoCdc converter applications offering the designer a cost effective solution with minimal external components. this integrated circuit features an oscillator, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totem pole output ideally suited for driving a power mosfet. also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycleCbyCcycle current limiting, a latch for single pulse metering, and a flip-flop which blanks the output off every other oscillator cycle, allowing output deadtimes to be programmed for 50% to 70%. this device is available in an 8Cpin dualCinC line plastic package as well as the 14Cpin plastic sur- face mount (sopC14). the sopC14 package has sepa- rate power and ground pins for the totem pole output stage. the UC3845A is designedfor lower voltage applications having uvlo thresholds of 8.5v (on) and 7.6v (off). cd suffix plastic package 8 dip pin connections simplified block diagram pin numbers adjacent to terminals are for the d suffix 8-dip package. pin numbers in parenthesis are for the s suffix sopC14 package. notes: 1. maximum package power dissipation limits must be observed. 2. adjust v cc above the startup threshold before setting to 15 v. 3. low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible t low = 0 c, t high = +70 c. 4. this parameter is measured at the latch trip point with v fb = 0v. 5. comparator gain is defined as: a v d v output compensation d v current sense input d8 suffix plastic package 8 sop
UC3845A high performance current mode controller total power supply and zener current (i cc +i z )30ma output current, source or sink (note 1) i o 1.0 a output energy (capacitive load per cycle) w 5.0 m j current sense and voltage feedback inputs v in -0.3 to +5.5 v error amp output sink current i o 10 ma power dissipation and thermal characteristics cs, d8 suffix, sop-14, sop-8 package maximum power dissipation p d 862 mw thermal resistance, junction to air r q ja 145 o c/w cd suffix, 8-dip package maximum power dissipation p d 1.25 w thermal resistance, junction to air r q ja 100 o c/w operating ambient temperature range t a 0 to 70 o c operating junction temperature t j 150 o c storage temperature range t s -65 to 150 o c item symbol rating unit absolute maximum ratings electrical characteristics item symbol min typ max unit reference output voltage (i o = 1.0ma, t j = 25 o c) v ref 4.9 5.0 5.1 v line regulation (v cc = 12v to 25v) reg line --- 2.0 20 mv load regulation (i o = 1.0ma to 20ma) reg load --- 3.0 25 mv temperature stability t s --- 0.2 --- mv/ o c total output variation over line, load, temp. v ref 4.82 --- 5.18 v output noise voltage (f = 10hz to 10khz, t j = 25 o c) v n --- 50 --- m v long term stability (t a = 125 o c for 1000 hours) s --- 5.0 --- mv output short circuit current isc -30 -85 -180 ma v cc = 15v (note 2), r t = 10k, ct = 3.3nf, t a = 0 to 70 o c (note 3) unless otherwise noted. reference section frequency f osc v t j = 25 o c475257 t a = 0 to 70 o c 46 --- 60 frequency change with voltage (v cc = 12v to 25v) d f osc / d v --- 0.2 1.0 % frequency change with temperature d f osc / d t --- 5.0 --- % oscillator voltage swing (peak-to-peak) v osc --- 1.6 --- v discharge current (v osc = 2.0v) i dischg ma t j = 25 o c --- 10.8 --- oscillator section
electrical characteristics item symbol min typ max unit voltage feedback input (v o = 2.5v) v fb 2.42 2.5 2.58 v input bias current (v fb = 2.7v) i ib --- -0.1 -2.0 m a open loop voltage gain (v o = 2.0v to 4.0v) a vol 65 90 --- db unity gain bandwidth (t j = 25 o c) bw 0.7 1.0 --- mhz power supply rejection ratio (v cc = 12v to 25v) psrr 60 70 --- db output current ma sink (v o = 1.1v, v fb = 2.7v) i sink 2.0 12 --- source (v o = 5.0v, v fb = 2.3v) i source -0.5 -1.0 --- output voltage swing v high state (r l = 15k to gnd, v fb = 2.3v) v oh 5.0 6.2 --- low state (r l = 15k to v ref , v fb = 2.3v) v ol --- 0.8 1.1 error amplifier section UC3845A high performance current mode controller current sense input voltage gain (notes 4 & 5) a v 2.85 3.0 3.15 v/v maximum current sense input threshold (note 4) v th 0.9 1.0 1.1 v power supply rejection ratio (v cc = 12v to 25v) psrr --- 70 --- db input bias current i ib --- -2.0 -10 m a propagation delay (current sense input to output) t plh(in/out) --- 150 300 n s current sense section output voltage v low state (i sink = 20ma) v ol --- 0.1 0.4 (i sink = 200ma) --- 1.6 2.2 high state (i sink = 20ma) v oh 13 13.5 --- (i sink = 200ma) 12 13.4 --- output voltage with uvlo activated v ol(uvlo) v (v cc = 6.0v, i sink = 1.0ma) --- 0.1 1.1 output voltage rise time (c l = 1.0nf, t j = 25 o c) t r --- 50 150 n s output voltage fall time (c l = 1.0nf, t j = 25 o c) t f --- 50 150 n s output section startup threshold v th 7.8 8.4 9.0 v minimum operating voltage after turn-on v cc(min) 7.0 7.6 8.2 v undervoltage lockout section duty cycle max. dc max 47 48 50 % min. dc min --- --- 0 pwm section power supply current (v cc = 6.5v) (note 2) i cc ma startup --- 0.17 0.3 operating --- 12 17 power supply zener voltage v z 30 36 --- v total device
UC3845A high performance current mode controller figure 1 - timing resistor versus oscillator frequency figure 2 - output deadtime versus oscillator frequency oscillator frequency (hz) timing resistor (k w ) oscillator frequency (hz) percent output deadtime figure 3 - error amp small signal transient response figure 4 - error amp large signal transient response figure 5 - error amp open-loop gain and phase versus frequency frequency (hz) open-loop voltage gain (db) excess phase (degrees) figure 6 - current sense input threshold versus error amp output voltage error amp output voltage (v) current sense input threshold (v)
UC3845A high performance current mode controller figure 8 - reference short circuit current versus temperature ambient temperature ( o c) reference short circuit current (ma) figure 7 - reference voltage change versus source current reference source current (ma) reference voltage change (mv) figure 9 - reference load regulation 2.0 ms/div output voltage change (2.0mv/div) figure 10 - reference line regulation 2.0 ms/div output voltage change (2.0mv/div) figure 11 - output saturation voltage versus load current output load current (ma) output saturation voltage (v) figure 12 - output waveform
UC3845A high performance current mode controller figure 14 - supply current versus supply voltage supply voltage (v) supply current (ma) figure 13 - output cross conduction supply current output voltage


▲Up To Search▲   

 
Price & Availability of UC3845A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X