Part Number Hot Search : 
IRDC3629 X88C75LI GLZ8N MPQ3798 1718A K1492 OXU931SF P5NK8
Product Description
Full Text Search
 

To Download SR560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual sr520 thru SR560 voltage 20v ~ 60v 5.0amp schottky barrier rectifiers do-27 dimensions in inches and (millimeters) .052(1.3) .04 3 (1.1) dia. .220(5.6) .1 89 (4.8) dia. 1.0(25.4) min. 1.0(25.4) min. .375(9.5) .285(7.2) fea tures * l o w f o r w a r d v o l t a g e d r o p * h i g h c u r r e n t c a p a b i l i t y * h i g h r e l i a b i l i t y * h i g h s u r g e c u r r e n t c a p a b i l i t y * e p i t a x i a l c o n s t r u c t i o n mechanical da t a * case: molded plastic * epoxy: ul 94 v -0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guaranteed * polarity: color band denotes cathode end * mounting position: any * w eight: 1.10 grams 1. m easur ed at 1mhz and applied r e v erse v oltage of 4.0v d .c. 2. t hermal resistanc e j unc tion t o lead. 5 . 0 1 0 0 0 . 5 2 s r 5 2 0 2 0 2 0 2 0 s r 5 3 0 3 0 3 0 3 0 s r 5 4 0 4 5 45 4 5 0 . 6 5 s r 5 6 0 6 0 6 0 6 0 t y p e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e w o r k i n g p e a k r e v e r s e v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t s e e f i g . 1 p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a xi m u m i n st a n t a n e o u s f o r w a r d v o l t a g e a t 5 . 0 a m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 0 0 c t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 1 ) t y p i c a l t h e r m a l r e s i s t a n c e r j l ( n o t e 2 ) a a v m a m a p f 0 . 5 2 0 1 5 3 8 0 u n i t s o p e r a t i n g t e m p e r a t u r e r a n g e t j s t o r a g e t e m p e r a t u r e r a n g e t s t g c c c/w v v v -50 +150 -65 +175 ~ ~ q maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. notes: http://www.secosgmbh.com elektronische bauelemente page 1 of 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free 18 -may-2010 rev. e (note 3) 3.pluse test: 300us pulse width, 1% duty cycle.
any changing of specification will not be informed individual 0.1 1.0 .01 10 20 r a t i n g a n d c h a r a c t e r i s t i c c u r v e s ( s r 5 2 0 t h r u s r 5 6 0 ) fig.1-typical forward current dera ting curve a verage for w ard current ,(a) inst ant aneous for w ard current ,(a) forward volt age,(v) 1 . 0 2 . 0 3 . 0 4 . 0 5 . 0 6 . 0 s r 5 2 0 ~ s r 5 4 0 s r 5 6 0 ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse volt age,(%) pulse width 300ms 1% duty cycle .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 tj=75 c s r 5 6 0 sr5 20~s r540 tj=25 c tj=25 c fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 40 2 0 0 6 0 1 00 80 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms s ingle half s ine wave j e de c method peak for w ard surge current ,(a) peak for w ard surge current ,(a) http://www.secosgmbh.com elektronische bauelemente 18 -may-2010 rev. e page 2 of 2 sr520 thru SR560 voltage 20v ~ 60v 5.0amp schottky barrier rectifiers


▲Up To Search▲   

 
Price & Availability of SR560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X