Part Number Hot Search : 
ECH8304 KTC3882 F2012 BAS70 AW04M F10SC9 74ACTQ32 DTC114
Product Description
Full Text Search
 

To Download SMD0507-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features - cheapest available smd-crystal in ceramic package - high reliability for low cost / large frequency spectrum - low profile - 1.3 mm max. package height - extended temperature range to -40/+125c available - excellent clock signal generatur for cpu's - qualified for quotmotive applications smd0507/2 frequency range 6.0 ~ 45.0 mhz 36.0 ~ 121.0 mhz mode of vibration at-fundamental 3rd overtone resonance resistance 80 ~ 40 max. 80 max. frequency tolerance at 25c temperature range +-3 ppm +-5 ppm +-10 ppm temperature +-15 ppm stability +-20 ppm +-30 ppm +-50 ppm load capacitance shunt capacitance drive level aging insulation resistance storage temperature package part numbering system example type smd0507/2 or smd0507/4 frequency in mhz frequency tolerance at 25c required value temperature stability required value required value load capacitance required value rev.0 2 / march 2008 0+50c / -10/+60c / 0/+70c / -20+70c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 2 solder pads 4 solder pads mini-smd-crystal series smd0507/4 # 1 and 3 conected // # 2 and 4 ground temperature range 0.01 mw ~ 0.1 mw (optional 1.0 mw available) +-2 ppm per year (optional +-1 ppm available) >500 m dc/100v +-10% tape and reel (1.000 pcs per reel) smd0507/4 27.000 mhz 30/50/-40+85/20pf http://www.petermann-technik.com | info@petermann-technik.com +-5 ppm ~ +-50 ppm 0/+50c ~ -40/+125c other parameters are available on request / create here your specification -55/+125c 0+50c / -10/+60c / 0/+70c 0/+50c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c / -40/+125c 6 ~ 50 pf or series 7 pf max.
http://www.petermann-technik.com outline drawing of smd0507 with 2 sloder pads marking area unit:mm 1.3max 4.5 3.0 2.2 7.0 5 . 0 2 . 4 5 . 0 2 . 0 2.2 please do not use the smd0507/2 for new designs. please only use smd0507/4 for new designs. outline drawing of smd0507 with 4 sloder pads 6. 3 2. 2 2.4 2. 54 1. 4 4. 6 1# 2# 3# 4# 1. 50 2. 54 1. 0 0 1. 3max 5.0+ 0 .2 7.0 + 0.2 - - unit:mm 1. 20 top v iew buttom vie w | info@petermann-technik.com
http://www.petermann-technik.com reel specification pull direction 21 .0 +0 .8 - 13.0+0.2 5. 4+ 0.1 8. 0 +0.1 1. 7+ 0.1 1. 8+ 0.1 16 .2+0 .3 20 .4 +0 .1 2. 0+0.5 - - - - - - - 0. 3+0.1 - 2. 0+ 0.1 - 4. 0+0.1 - 1. 5+0.1 - 1. 75 +0 .1 - 7. 5+ 0. 1 - 7.4+0.1 - 16 .0 +0 .2 - 60 +5 - 18 0+3 - - unit: mm reflow solder profile 260c 150c 25c ref low 1 to 9c/s preheating time (seconds) 60 200 10s max 1to5c /s t e m p e r a t u r e 1 to 5c/s cooling crystals can be soldered according to the norm jedec j-std-020c . | info@petermann-technik.com


▲Up To Search▲   

 
Price & Availability of SMD0507-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X