|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
8 watt dip24 & smd, single & dual output powerline dc/dc-converter rp08- s_da series 2:1 wide input voltage range 8 watts regulated output power 1.6kvdc isolation ulcertified low profile, 10.2 mm height over current protection five-sided shield no derating to 71c standard dip24 and smd-pinning efficiency to 85% features regulated converters selection guide 5v, 12v, 24v and 48v input types part number input output output input (4) efficiency (5) capacitive (6) range voltage current current load max. dip24 (smd) vdc vdc ma ma % f rp08-123.3sa** 9-18 3.3 2000 724 80 3300 rp08-1205sa** 9-18 5 1500 801 82 1600 rp08-1212sa** 9-18 12 666 833 84 350 rp08-1215sa** 9-18 15 533 843 83 240 rp08-243.3sa** 18-36 3.3 2000 362 80 3300 rp08-2405sa** 18-36 5 1500 396 83 1600 rp08-2412sa** 18-36 12 666 416 84 350 rp08-2415sa** 18-36 15 533 416 84 240 rp08-483.3sa** 36-75 3.3 2000 181 80 3300 rp08-4805sa** 36-75 5 1500 198 83 1600 rp08-4812sa** 36-75 12 666 208 84 350 rp08-4815sa** 36-75 15 533 208 84 240 rp08-1205da** 9-18 5 800 843 83 1000 rp08-1212da** 9-18 12 333 833 84 160 rp08-1215da** 9-18 15 267 834 84 100 rp08-2405da** 18-36 5 800 427 82 1000 rp08-2412da** 18-36 12 333 422 83 160 rp08-2415da** 18-36 15 267 411 85 100 rp08-4805da** 36-75 5 800 211 83 1000 rp08-4812da** 36-75 12 333 206 85 160 rp08-4815da** 36-75 15 267 206 85 100 ** add suffix smd for smd package description the a-series of dc/dc converters are fully certified to en 60950: 2000. this makes them ideal for all telecom and safety applications where approved isolation is required. they also meet ul 1950 and csa 950 standards. ul-60950-1 certified 14-february-2007 www.recom-international.com 212
powerline dc/dc-converter rp08-s_da series ! " rp08-4805sa input voltage range (see note 3) 12v nominal input 9-18vdc 24v nominal input 18-36vdc 48v nominal input 36-75vdc input filter pi type input surge voltage (100 ms max.) 12v input 36vdc 24v input 50vdc 48v input 100vdc input reflected ripple (nominal vin and full load) 20map-p start up time (nominal vin and constant resistor load) 600ms typ. remote on/off (see note 7) dc-dc on open or 3.0v < vr < 12v dc-dc off short or 0v < vr < 1.2v remote off input current nominal input 2.5ma output power 8w max. output voltage accuracy (full load and nominal vin) 2% minimum load (see note 1) 10% of full load line regulation (low line, high line at full load) 0.2% load regulation (25% to 100% full load) single 0.5% dual 1% cross regulation (asymmetrical load 25%/100% full load) 5% ripple and noise (20mhz bandwith) 50mvp-p temperature coefficient 0.02%/c max. transient response (25% load step change) 200s continued on next page specifications (typical at nominal input and 25c unless otherwise noted) derating-graph (ambient temperature) derating graphs are valid only for the shown part numbers. if you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at 14-february-2007 213 www.recom-international.com specifications (typical at nominal input and 25c unless otherwise noted) powerline dc/dc-converter over load protection (% of full load at nominal vin) 150% typ short circuit protection continuous, automatic recovery efficiency see ?selection guide table isolation voltage in to out 1600vdc min. i/o to case dip type 1600vdc min. i/o to case smd type 1000vdc min. isolation resistance 1 g ? min. isolation capacitance 300pf max. operating frequency 100khz min. approved to safety standards ul 1950, en60950 operating temperature range -40c to +85c(with derating) maximum case temperature +100c storage temperature range -55c to +105c thermal impedance natural convection 20c/watt thermal shock mil-std-810d vibration 10-55hz, 2g, 30 min. along x, y and z relative humidity 5% to 95% rh case material nickel plated copper base material non-conductive black plastic potting material epoxy (ul94-v0) conducted emissions (see note 8) en55022 level a radiated emissions en55022 level a esd en61000-4-2 perf. criteria 2 radiated immunity en61000-4-3 perf. criteria 2 fast transient en61000-4-4 perf. criteria 2 surge en61000-4-5 perf. criteria 2 conducted immunity en61000-4-6 perf. criteria 2 weight dip 16g smd 18g dimensions dip 31.8 x 20.3 x 10.2mm smd 32.0 x 20.3 x 10.9mm mtbf (see note 2) 3165 x 10 3 hours rp08-s_da series notes : 1. the rp08 series requires a minimum of 10% loading on the output to maintain specified regulation. operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. bellcore tr-nwt-000332. case l: 50% stress, temperature at 40c (ground fixed and controlled environment). 3. start up voltage : 10vdc 4. maximum value at nominal input voltage and full load of standard type. 5. typical value at nominal input voltage and full load. 6. test by minimum vin and constant resistor load. 7. the on/off control pin voltage is referenced to negative input. 8. see application notes for emi-filtering. 14-february-2007 www.recom-international.com 214 dip24 package style package style and pinning (mm) # #$ # # % # &' # ( ) ! $ #$ $# $ $# # smd package style #$ $ $ $ $# # # ( ) ! % # # % # # $# # # # # # # # ) ! #$ $# #$ # $# powerline dc/dc-converter $* ' + & smd package style same spec. as the original dip spec. and pin definition, excl. of the smd type pin. rp08-s_da series pin pitch tolerance 0.35 mm pin connections pin # single dual 1 on/off on/off 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin nc = no connection pin pitch tolerance 0.35 mm pin connections pin # single dual 1 on/off on/off 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin others nc nc nc = no connection 14-february-2007 215 www.recom-international.com |
Price & Availability of RP08-1205DASMD |