Part Number Hot Search : 
ZGD51 000KJDG LTC1430I CD401 M10007 SI4116DY AH1030 AD8210
Product Description
Full Text Search
 

To Download RB520S-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RB520S-30 diodes schottky barrier diode RB520S-30 z applications low current rectification and high speed switching z features 1) extremely small surface mounting type. (emd2) 2) low i r . (i r =0.1 a typ.) 3) high reliability. z construction silicon epitaxial planar z z z z external dimensions (units : mm) 1.6 0.1 1.2 0.05 0.8 0.05 cathode mark 0.6 0.1 0.12 0.05 rohm : emd2 eiaj : sc-79 jedec : sod-523 0.3 0.05 b z z z z absolute maximum ratings (ta=25 c) parameter symbol limits unit v r 30 v dc reverse voltage i o 200 ma mean rectifying current i fsm 1a peak forward surge curren ? tj 125 c junction temperature tstg ? 40~ + 125 c storage temperature ? 60hz for 1 z z z z electrical characteristics (ta=25 c) parameter forward voltage reverse current symbol min. typ. max. unit conditions v f i r ? ? ? ? 0.60 1.0 v a i f = 200ma v r = 10v note) esd sensitive product handling required.
RB520S-30 diodes z z z z electrical characteristic curves (ta=25 c) 1 10 100 1m 10m 100m 1 forward current : i f (a) forward voltage : v f (v) 0 0.1 0.2 0.3 0.4 0.5 0.7 0.6 c 5 2 1 = a t c 5 7 c 5 2 c 5 2 ? fig. 1 forward characteristics 1n 10n 100n 1 10 100 1m reverse current : i r (a) reverse voltage : v r (v) 0102030 ta=125 c 75 c 25 c ? 25 c fig. 2 reverse characteristics 0102030 1 10 100 reverse voltage : v r (v) capacitance between terminals : c t (pf) fig. 3 capacitance between terminals characteristics f = 1mhz 0 0 20 40 60 80 100 25 50 75 100 125 io current (%) ambient temperature : ta (?c) fig 4. derating curve (mounting on glass epoxy pcbs)


▲Up To Search▲   

 
Price & Availability of RB520S-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X