Part Number Hot Search : 
TA8030S MAX1745 MB39A114 74F25 15NA50 FN3956 EUM6167 2SC6033
Product Description
Full Text Search
 

To Download PTS63525SMTRLFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bC6 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com t actile switches b pts635 series 3,5 mm tact switches t ermination s thru-hole v v ertical actuation force l 130 grams h 200 grams k** 260 grams 6 3 5 p t s actuator height to pcb / ground pin 25 2,5 (.098), smt 43 4,3 (.169), thru-hole and smt 50 5,0 (.197), thru-hole 31 3,15 (.124), vertical 39 3,85 (.151), vertical how to order our easy build-a-switch concept allows you to mix and match options to cr eate the switch you need. to order, select desired option from each category and place it in the appropriate box. specification function: momentary action contact arrangement: spst, n.o. terminals: pc pins mechanical actuation force: pts635l models: 130 grams. pts635h models: 200 grams. life expect ancy: 20,000 operations. electrical cont act rating: 50 ma @ 12 v dc. dielectric strength : 250 v ac min. contact resistance: 100 m max. initial. insula tion resistance: 10 11 min. envir onmental operating temperature: -40?c to 60?c note : specifications listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center . process soldering: preheating to 100?c for 45 sec. max. keep flux flush with top surface of pcb; do not apply to component side of pcb and area where terminals are located. soldering to 255?c for 5 sec. max. clean by brushing on solder surface. do not clean switch with solvents. materials base: 6/6 nylon or glass filled polyester (pbt) (ul 94v-0). actuator: 6/6 nylon or polyacetal (ul 94hb). cover plate: pts635s and pts635v models: tin plated stainless steel dome contacts: phosphor bronze, silver clad. stationary contacts: brass, silver plated. terminals: brass, silver plated. insert molded. packaging bulk packaging. tape & reel for: pts635sx43smtr, 1700 pcs per reel pts635sx25smtr, 3000 pcs per r eel features/benefits ? compact size 6 x 3.5 mm ? v ariety of switch heights ? choice of actuation force ? rohs compliant and compatible typical applications ? consumer products ? instrumentation ? computer products ? industrial insertion type* none thru hole smtr surface mount, tape & reel * sm and smtr only available with pts635 43 and 25 actuator options. ** only for the pts635sx25smtr. l f s rohs compliant and compatible. silver plated.
bC7 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com t actile switches b 2,5 (.098) 2,5 2x (.098) "l" 0,3 2x (.012) 2,4 (.093) 2,5 4x (.098) 4,3 (.169) 1,0 2x (.039) 1,6 (.063) 8,50,5 (.335.020) 5,0 (.197) 7,0 (.276) 0,3 2x (.012) 0,5 2x (.020) 7,3 (.287) 0,6 max. (.025) 2x 3,0 (.118) 6,1 (0 ,64 0) 3,7 (0, 1 46) 0,6 (0 ,0 24 ) 1,2 (0 ,0 47 ) 2,6 (0 , 10 2) 6,8 (0 ,26 7) 0,8 (0 , 03 1) 1, 4 (0 ,0 55) 2,5 (0 ,0 98) 17,477 pts635 series 3,5 mm tact switches 2,5 (.098) ?1,0 2x (.039) 5,0 (.197) 7,0 (.276) ?1,3 2x (.051) series termination 7,9 (.311) 1,0 2x (.039) 3,5 2x (.138) 6,5 (.256) 7,9 (.311) 1,0 2x (.039) 1,5 (.059) 3,5 2x (.138) "h" 3,5 (.138) 6,0 (.236) 3,5 (.138) 3,0 (.118) 6,5 (.256) 0,6 max. (.025) 2x 6,5 (.256) ?1,3 typ. (.051) pcb la yout pcb la yout 2,5 2x (.098) 0,3 2x (.012) 2,4 (.093) 2,5 4x (.098) 1,0 2x (.039) 8,50,5 (.335.020) 5,0 (.197) 7,0 (.276) 0,3 2x (.012) 0,5 2x (.020) pts635s model pts635 v ver tical s thru-hole smt 43 9 (0.354) 3 (0.11 8) 0.3 (0.012) 3.5 (0.138) 4.3 (0.169) 1.5 (0.059) 1 (0.039) pcb layout 7.3 (0.287) 10.3 (0.403) 1.4 (0.055) 4 (0 , 15 7) 8 (0, 3 14) 1 (0 ,0 39 ) pcb la yout smt 25
bC8 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com t actile switches b option height ?r code length termination schematic 43 4,3 (.169) thru-hole 50 5,0 (.197) thru-hole 31 3,15 (.124) vertical 39 3,85 (.151) vertical actuation force actuator height option code force l 130 grams h 200 grams 1 2 1 2 34 pts635 series 3,5 mm tact switches insertion type dir e cti on of f eed 2,72?,1 (0,107?,003) 4,0 (0,157) 8 (0,315) 12 (0,472) 2 (0,079) ?1,5 (?0,59) 1,75?,1 (0,069?,003) 5,5 (0,217) 12?,3 (0,472) smt 25 5,20,1 (0,20 5 0 ,0 0 3 ) 4,0 (0,15 7) 12,0 (0,47 2 ) 2,0 ty p (0,07 9 ) 7,5 (0,29 5) 1,75 0,1 (0,06 9 0,00 3) 16,0 0,3 (0,63 0,01 2) ?1,5 (?0,59) dir e cti on of f eed smt 43


▲Up To Search▲   

 
Price & Availability of PTS63525SMTRLFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X