Part Number Hot Search : 
HBM12PT XR16M581 DS1003 SMBJ18A 201M108 2SC325 HBM12PT HBM12PT
Product Description
Full Text Search
 

To Download PER-C10L-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial computing platform partner 09-1 note: all specifications are subject to change without notice. 09-2 www.aaeon.com 09-1 note: all specifications are subject to change without notice. 09-2 www.aaeon.com features mini pci type iii interface nec d720101 usb 2.0 host controller provides four usb 2.0 ports up to 480mbps ? per-c20u-a10 mini pci four usb 2.0 ports module with nec d720101 ordering information per-c20u (per-c200) mini pci usb 2.0 module form factor mini pci type iii a 2 x 2.35 (50.8mm x 59.6mm) controller nec d720101 function provides four usb 2.0 ports supports both usb 2.0 & usb 1.1 devices speed supports high-speed (480mbps), full-speed (12mbps), low-speed (1.5mbps) data rate power requirement +5v , +3.3v dc operating temperature 32of ~ 140of (0oc ~ 60oc ) specifications features mini pci type iii interface single 10/100 base-tx or 10/100/1000 base-tx ethernet port supports wake-on-lan function pin-header for lan status led ? PER-C10L-A10 mini pci 10/100 base-tx ethernet module with realtek 8100c ? PER-C10L-A10-01 mini pci 10/100/1000 base-tx ethernet module with realtek 8110s ? PER-C10L-A10-02 mini pci 10/100 base-tx ethernet module with intel ? 82551qm ? PER-C10L-A10-03 mini pci 10/100/1000 base-tx ethernet module with intel ? 82541gi ordering information per-c10l (per-c100) mini pci ethernet module form factor mini pci type iii a 2 x 2.35 (50.8mm x 59.6mm) controller intel ? 82551qm / realtek 8100c for 10/100 base-tx ethernet intel ? 82541gi / realtek 8110s for 10/100/1000 base-tx ethernet speed supports 10mbps / 100mbps / 1000mbps, auto-negotiation function ieee 802.3x compliant fow control support ieee 802.1q virtual lan support wake-on-lan support power requirement acpi and pci power management operating temperature 32of ~ 140of (0oc ~ 60oc ) specifications


▲Up To Search▲   

 
Price & Availability of PER-C10L-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X