Part Number Hot Search : 
BD601 2SA1369 16360 DM204 TC07COA SSG9975 DG2721 LS655
Product Description
Full Text Search
 

To Download KS16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type diodes 1 1 2 4.597 3.988 5.283 4.775 2.896 2.489 1.575 1.397 3.93 3.73 2.38 2.18 5.49 5.29 1.47 1.67 1.524 0.762 0.203 0.051 0.305 0.152 recommended land pattern do-214ac(sma) unit: mm 1.981 2.438 www.kexin.com.cn features glass passivated junctions. high current capability, low v f . for use in low voltage, high frequency inverters free wheeling, and polarity protection applications. schottky rectifiers ks12 - ks100 (ss12 - ss100) absolute maximum ratings ta = 25 unless otherwise noted parameter symbol ks12 ks13 ks14 ks15 KS16 ks18 ks19 ks100 unit maximum repetitive reverse voltage v rrm 20 30 40 50 60 80 90 100 v average rectified forward current .375 " lead length @ t a =75 non-repetitive peak forward surge current 8.3 ms single half-sine-wave storage temperature range t stg operating junction temperature t j power dissipation p d w thermal resistance, junction to ambient * r ja /w *device mounted on fr-4 pcb 0.013 mm. 88 1.1 a a -65 to +125 -65 to +150 i f(av) i fsm 1.0 40 electrical characteristics ta = 25 unless otherwise noted parameter symbol ks12 ks13 ks14 ks15 KS16 ks18 ks19 ks100 units forward voltage @ 1.0 a v f mv reverse current @ rated v r t a =25 ma t a = 100 ma i r 500 700 850 0.2 10


▲Up To Search▲   

 
Price & Availability of KS16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X