Part Number Hot Search : 
035150 ATM128 CS5151H MBR3035 GMS81024 C2632 DG442AK 250958B
Product Description
Full Text Search
 

To Download KM1102RR05B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aC5 dimensions are shown: inches (mm) specifications and dimensions subject to change www .ittcannon.com a pu shbu tt on c&k km series subminiature pushbutton switches features/benefits ? reliable contact design ? available with pretravel and overtravel ? extended overtravel option ? rohs compliant t ypical applications ? alarm systems ? computers ? detector switch application specifications contact rating: q contact material (km11, km12 models): 0.25 amps @ 125 v ac or dc (ul); (km33 model): 1 amp @125 v ac or 28 v dc. see page a-67 for additional ratings. electrical life: 10,000 actuations min. at full load. contact resistance: below 30 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C0?oto 85?. cap installation force: 10 lbs. max. permissible. note: any models supplied with q or b contact material are rohs compliant. for the latest information r egar ding rohs compliance, please go to: www .ittcannon.com/r ohs. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials housing & bushing: 6/6 nylon (ul94v-2), black. actuator: 6/6 nylon (ul 94v-2), natural. internal o-ring seal, available on km11 & km33 models. movable contact: b contact material: bronze or copper, with gold plate over nickel plate. see page a-67 foradditional contact materials. stationary contacts & terminals: b contact material: copper, with gold plate over nickel plate. see page a-67 for additional contact materials. return spring: music wire, phosphor coated. mounting nut: brass, nickel plated. terminal seal: epoxy . build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages a-66 and a-68. for additional options not shown in catalog, consult customer service center . switch function km12 on-mom., spdt km11 off-mom., spst, n.o. km33 on-mom., spst, n.c. actuator 02 .398" high, .122" dia. km12 01 .122" dia. km11, stepped, .108 dia. km33 contact material b gold q silver seal none no seal e epoxy bushing/mounting style a right angle rr 1/4-40 thread, .225" high models available terminations 05 .110" quick connect 08 right angle, pc thru-hole 02 pc thru-hole wc wire lead
aC6 dimensions are shown: inches (mm) specifications and dimensions subject to change www .ittcannon.com third angle projection c&k km series subminiature pushbutton switches switch function actuator spdt 4-3 2-1 mom. on km12 sp spst n.o. spst n.c. 2-1 open open 2-1 mom. mom. off on km11 km33 sp schematic connected terminals pos. 1 pos. 2 switch function pos. 1 pos. 2 model no. no. poles spdt spst part number shown: km1202a08be part number shown: km1101rr05be 02 .398" high, .122" dia. 01 .122" dia. km12 models only. note: caps available for plunger options, see page a-68. km11 models only. km33 models only. a pu shbu tt on
aC7 dimensions are shown: inches (mm) specifications and dimensions subject to change www .ittcannon.com third angle projection c&k km series subminiature pushbutton switches bushing/ mounting style terminations cont act ma terial seal panel mounting pc mounting 22 awg insulated wire. 08 right angle, pc thru-hole a right angle e epoxy seal none no seal wc wire lead 05 .110" quick connect 02 pc thru-hole rr 1/4-40 thread, .225" high km11 & km33 models only. km12 models only . km12 models only. km12 models only . km11 models only. km11 models only . ul style 1015. km11 & km33 models. * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 stationary contacts & terminals: copper, with gold plate over nickel plate. mov able contact: phosphor bronze or beryllium copper, with gold plate over nickel plate. 2 stationary contacts & terminals: copper, silver plated (standard with all termination options). movable contact: phosphor bronze or beryllium copper, silver plated. 3 st a tionar y cont acts & terminals: copper , with gold plate over nickel plate over silver plate. movable contact: phosphor bronze or beryllium copper, with gold plate over nickel plate over silver plate. note: any models supplied with q or b contact material are rohs compliant. for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs. km11, km12 models when ordered with ?ontact material. a pu shbu tt on yes yes yes yes rohs compliant * rohs compatible * ratings cont act and terminal material option code b q gold 1 silver 2 power low level/dr y circuit 0.4 va max. @ 20 v ac or dc max. 0.25 amps @ 125 v ac or dc (km11, km12) (ul) 1 amp @ 125 v ac or 28 v dc (km33).
c&k km series subminiature pushbutton switches available hardware .187 (4,75) .081 (2,03) .245 dia. (6,22 ) .200 dia. (5,08 ) .120 (3,05) .155 (3,94) .375 dia. (9,53 ) .120 (3,05) .250 (6,35) .310 dia. (7,87 ) .250 (6,35) .138 (3,51) cap, km33 models part no. 785101000 white 785102000 black 785103000 red material: nylon finish: gloss cap, km11 models part no. 708901000 white 708902000 black 708903000 red material: nylon finish: gloss cap, km11 models part no. 752701000 white 752702000 black 752703000 red material: nylon finish: gloss cap, km11 models p art no. 801801000 white 801802000 black 801803000 red material: nylon finish: gloss cap, km11 models p art no. 484601000 white 484602000 black 484603000 red material: nylon finish: gloss p art no. 798201000 white 798202263 black 798203000 red material: nylon finish: matte note : other cap colors available, consult customer service center. .450 sq. (11,43) .195 (4,95) .240 (6,10) third angle projection dimensions are shown: inches (mm) specifications and dimensions subject to change www .ittcannon.com aC8 a pu shbu tt on


▲Up To Search▲   

 
Price & Availability of KM1102RR05B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X