Part Number Hot Search : 
74AVC RSEH15 SI4435 RF617 P7NC60 P82C42PD N4003 2405E2
Product Description
Full Text Search
 

To Download ERA84-00901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  era84-009 (1a) (90v / 1a ) outline drawings, mm features low v f super high speed switching high reliability by planer design applications high speed switching maximum ratings and characteristics absolute maximum ratings item repetitive peak reverse voltage average forward current surge current operating junction temperature storage temperature symbol v rrm i f(av) i fsm t j t stg conditions sine wave 10ms 30 -40 to +150 -40 to +150 unit v a a c c electrical characteristics (ta=25c unless otherwise specified ) item forward voltage drop reverse current symbol v fm i rrm conditions i fm =1.0a v r =v rrm max. 0.9 1.0 unit v ma square wave, duty=1/2 ta=25c marking voltage class lot no. cathode mark color code : blue -009 rating 90 1.0* 26 schottky barrier diode 5.0 25 min. 25 min. ?3.0 ?0.6 *:p.c boad mounting (land 10x10mm)
era84-009 (1a) (90v / 1a ) characteristics 0.1 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 tj=150 o c tj=125 o c tj=100 o c tj=25 o c forward characteristic (typ.) if forward current (a) vf forward voltage (v) 0 102030405060708090100110 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 reverse characteristic (typ.) tj= 25 o c tj=100 o c tj=125 o c tj=150 o c ir reverse current (ma) vr reverse voltage (v) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 per 1element dc square wave =180 o sine wave =180 o square wave =120 o square wave =60 o forward power dissipation wf forward power dissipation (w) io average forward current (a) 360 io 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 reverse power dissipation =180 o dc pr reverse power dissipation (w) vr reverse voltage (v) 360 vr 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 vr=50v square wave =120 o square wave =60 o square wave =180 o sine wave =180 o dc current derating (io-ta) ta ambient temperature ( 0 c) io average output current (a) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 60 70 80 90 100 110 120 130 140 150 160 vr=50v square wave =120 o square wave =60 o square wave =180 o sine wave =180 o dc current derating (io-tl) tl lead temperature ( o c) io average output current (a)
era84-009 (1a) (90v / 1a ) 1 10 100 1 10 100 junction capacitance characteristic (typ.) cj junction capacitance (pf) vr reverse voltage (v) 1 10 100 1 10 100 surge capability i fsm peak half - wave current (a) number of cycles at 50hz 10 -2 10 -1 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3 transient thermal impedance transient thermal impedance ( o c/w) t time (sec.)


▲Up To Search▲   

 
Price & Availability of ERA84-00901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X