Part Number Hot Search : 
LD2X10 AP04N SXX18 LZA2B SA211 SA211 PC1602 PBSS41
Product Description
Full Text Search
 

To Download BC807-25W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc 807w, bc 808w oct-21-1999 1 pnp silicon af transistors  for general af applications  high collector current  high current gain  low collector-emitter saturation voltage  complementary types: bc 817w, bc 818w (npn) 1 3 vso05561 2 type marking pin configuration package sot-323 sot-323 sot-323 sot-323 sot-323 sot-323 bc 807-16w bc 807-25w bc 807-40w bc 808-16w bc 808-25w bc 808-40w 5as 5bs 5cs 5es 5fs 5gs 1 = b 1 = b 1 = b 1 = b 1 = b 1 = b 2 = e 2 = e 2 = e 2 = e 2 = e 2 = e 3 = c 3 = c 3 = c 3 = c 3 = c 3 = c maximum ratings parameter symbol unit bc 808w bc 807w 45 collector-emitter voltage 25 v ceo v collector-base voltage v cbo 50 30 emitter-base voltage v ebo 5 5 dc collector current i c 500 ma peak collector current i cm a 1 base current ma 100 i b 200 i bm peak base current total power dissipation , t s = 130 c mw 250 p tot 150 t j junction temperature c storage temperature t st g -65 ... 150 thermal resistance junction ambient 1) r thja k/w  215 junction - soldering point r thjs  80 1) package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bc 807w, bc 808w oct-21-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics v bc 807w bc 808w 45 25 v (br)ceo collector-emitter breakdown voltage i c = 10 ma, i b = 0 - - - - - - bc 807w bc 808w collector-base breakdown voltage i c = 10 a, i b = 0 50 30 - - v (br)cbo - - emitter-base breakdown voltage i e = 10 a, i c = 0 v (br)ebo 5 - 100 - na i cbo collector cutoff current v cb = 25 v, i e = 0 - - 50 i cbo collector cutoff current v cb = 25 v, i e = 0 , t a = 150 c a i ebo - - na 100 emitter cutoff current v eb = 4 v, i c = 0 160 250 350 250 400 630 - 100 160 250 h fe h fe -grp. 16 h fe -grp. 25 h fe -grp. 40 dc current gain 1) i c = 100 ma, v ce = 1 v 60 100 170 - - - dc current gain 1) i c = 300 ma, v ce = 1 v h fe -grp. 16 h fe -grp. 25 h fe -grp. 40 - - - h fe collector-emitter saturation voltage1) i c = 500 ma, i b = 50 ma v cesat - - 0.7 v base-emitter saturation voltage 1) i c = 500 ma, i b = 50 ma v besat - - 1.2 v 1) pulse test: t 300 s, d = 2%
bc 807w, bc 808w oct-21-1999 3 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics transition frequency i c = 50 ma, v ce = 5 v, f = 100 mhz f t - 200 - mhz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 10 - pf emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 60 -
bc 807w, bc 808w oct-21-1999 4 permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 total power dissipation p tot = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t s 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t a 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot permissible pulse load p totmax / p totdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 collector cutoff current i cbo = f ( t a ) v cb = 25v 0 10 ehp00213 a t 150 0 5 10 cbo na 50 100 1 10 2 10 4 10 ?c typ max 10 3
bc 807w, bc 808w oct-21-1999 5 dc current gain h fe = f ( i c ) v ce = 1v 10 ehp00216 -1 3 10 ma 0 10 3 10 5 5 10 0 10 1 10 1 c fe h 2 10 2 10 ? c 100 5 25 ? c -50 ? c transition frequency f t = f ( i c ) v ce = 5v 10 ehp00210 03 10 ma 1 10 3 10 5 5 10 1 10 2 10 2 c t f mhz collector-emitter saturation voltage i c = f ( v cesat ), h fe = 10 0 10 ehp00215 cesat v 0.4 v 0.8 -1 10 0 10 1 3 10 5 5 c ma 5 2 10 0.2 0.6 -50 25 150 ? c ? c ? c base-emitter saturation voltage i c = f ( v besat ), h fe = 10 0 10 ehp00214 besat v 2.0 v 4.0 -1 10 0 10 1 3 10 5 5 c ma 5 2 10 1.0 3.0 ? c -50 25 ? c ? c 150


▲Up To Search▲   

 
Price & Availability of BC807-25W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X