Part Number Hot Search : 
20ETF 28F320 LMH6611 08N80C3 24M05 TA0440A 506MF 20010
Product Description
Full Text Search
 

To Download B59840C0130A070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74 10/02 applications  overcurrent and short-circuit protection features  lead-free terminals  manufacturer?s logo and type designation stamped on  short response times  reduced device temperature at v max  type c 860, c 870 and c 890 also available with insulating voltage test to iec 60738-1  ul approval for t ref = 130 c to ul 1434 with v max = 220 v and v n = 220 v (file number e69802), except c 810 and ptcs with insulating voltage test  ul approval for t ref = 120 c to ul 1434 with v max = 230 v and v n = 220 v (file number e69802), except for ptcs with insulating voltage test  vde approval (license number 104843 e), except ptcs with insulating voltage test (vde pending) and c 810 options  leadless disks and leaded disks without coating available on request  thermistors with diameter b 11,0 mm are also available on tape (to iec 60286-2) delivery mode  cardboard strips (standard)  cardboard tape reeled or in ammo pack on request general technical data max. operating voltage ( t a = 60 c) v max rated voltage v n switching cycles (typ.) n resistance tolerance ? r n operating temperature range ( v = 0) t op ( v = v max ) t op 265 230 100 25 % for t ref = 80 c or 120 c 20 % for t ref = 130 c ? 40/+ 125 0/+ 60 vdc or vac vdc or vac c c dimensions (mm) type t ref b max ? dh max c 810 80/ 130 c 22,0 0,8 25,5 c 830 80/120 c 22,0 0,6 25,5 c 830 80/ 130 c 17,5 0,8 21,0 c 840 80/120 c 17,5 0,6 21,0 c 840 80/ 130 c 13,5 0,6 17,0 c 850 80/120 c 13,5 0,6 17,0 c 850 80/ 130 c 11,0 0,6 14,5 c 860 80/120 c 11,0 0,6 14,5 c 860 80/ 130 c 9,0 0,6 12,5 c 870 80/120 c 9,0 0,6 12,5 c 870 80/ 130 c 6,5 0,6 10,0 c 872 80/ 120 c 9,0 0,6 12,5 c 873 80/ 120 c 9,0 0,6 12,5 c 874 80/ 120 c 9,0 0,6 12,5 c 875 80/ 120 c 9,0 0,6 12,5 c 880 80/120 c 6,5 0,6 10,0 c 880 80/ 130 c 4,0 0,6 7,5 c 883 80/ 120 c 6,5 0,6 10,0 c 890 80/120 c 4,0 0,5 7,5 tpt0648-4 b 5 max. 35 min. h 5 d b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
75 10/02 electrical specifications and ordering codes type i n ma i s ma i smax ( v = v max ) a i r (typ.) ( v = v max ) ma t ref c r n ? r min ? ordering code c 810 650 980 7,0 20 130 3,5 2,3 b59810c0130a070 c 830 460 920 7,0 20 120 3,7 2,4 b59830c0120a070 c 830 450 680 4,1 15 130 5 3,3 b59830c0130a070 c 840 330 660 4,1 15 120 6 3,8 b59840c0120a070 c 840 330 500 2,2 13 130 9 5,9 B59840C0130A070 c 830 250 510 7,0 15 80 3,7 2,2 b59830c0080a070 c 850 200 400 2,2 13 120 10 6,4 b59850c0120a070 c 850 200 320 1,5 10 130 13 8,6 b59850c0130a070 c 840 170 350 4,1 10 80 6 3,6 b59840c0080a070 c 860 140 280 1,5 10 120 15 9,0 b59860c0120a070 c 860 140 230 1,0 9 130 25 16,5 b59860c0130a070 c 850 110 230 2,2 8 80 10 6,0 b59850c0080a070 c 870 100 200 1,0 9 120 25 15 b59870c0120a070 c 870 100 150 0,4 6 130 50 33 b59870c0130a070 c 860 90 180 1,5 6 80 15 7,8 b59860c0080a070 c 872 80 160 1,0 9 120 35 21 b59872c0120a070 c 873 70 140 1,0 9 120 45 27 b59873c0120a070 c 874 60 125 1,0 9 120 55 31 b59874c0120a070 c 870 60 130 1,0 5 80 25 13,1 b59870c0080a070 c 880 55 110 0,4 6 120 70 39 b59880c0120a070 c 875 55 110 1,0 9 120 65 36 b59875c0120a070 c 880 55 90 0,2 5 130 160 106 b59880c0130a070 c 883 35 70 0,4 5 120 120 67 b59883c0120a070 c 890 30 60 0,2 5 120 150 84 b59890c0120a070 c 880 30 70 0,4 4 80 70 36,7 b59880c0080a070 c 890 15 40 0,2 3 80 150 78,7 b59890c0080a070 insulating voltage test (265 v rms ) c 860 140 280 1,5 10 120 15 9,0 b59860c0120a470 1) c 870 100 200 1,0 9 120 25 15 b59870c0120a470 1) c 890 30 60 0,2 5 120 150 84 b59890c0120a470 1) 1) insulating voltage test (265 v rms ) to iec 60738-1, chapter 4.8, metall ball method. b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
76 10/02 reliability data test standard test conditions | ? r 25 / r 25 | switching test at room temperature iec 60738-1 i smax v max number of cycles: 100 < 25% dry heat at upper category temperature iec 60738-1 storage at upper category temperature for t : 1000 h < 25% life test at v max / t op iec 60738-1 storage at v max / t op for t : 1000 h < 25% storage in damp heat iec 60068-2-3 temperature of air: 40 c relative humidity of air: 93% duration: 56 days < 10% rapid change of temperature in air iec 60068-2-14, test n a t = t lct , t = t uct number of cycles: 5 t : 30 min < 10% vibration iec 60068-2-6, test f c f = 10?55 hz h = 0,75 mm (respectively 10 g) t : 3 2 h < 5% bump iec 60068-2-27 pulse shape: half-sine a : = 50 g pulse duration: 1 ms; 6 3 pulses < 5% climatic sequence iec 60068-2-30 dry heat: t = t uct t : 16 h damp heat first cycle cold: t = t lct t : 2 h damp heat 5 cycles < 10% b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
77 10/02 characteristics (typical) for t ref = 80 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 ptc r ptc t tpt0721-8 10 1 10 2 10 3 10 4 10 7 10 0 ? 10 5 50 100 150 200 250 ? c b59830c0080a070 b59840c0080a070 b59850c0080a070 ptc i ptc v tpt0722-g 0,1 110 100 1000 v 5 10 1 10 2 10 3 b59840c0080a070 b59850c0080a070 ma b59830c0080a070 5 5 0 s t s i tpt0723-p 10 _ 1 10 0 10 1 2 10 10 3 s a b59830c0080a070 b59840c0080a070 b59850c0080a070 2 4 6 8 10 12 14 20 a t tpt0756-7 0 _ 0 20 40 60 80 100 120 ? c 160 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 2,0 n, 25 ? c i i n, t a b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
78 10/02 characteristics (typical) for t ref = 80 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 ptc r ptc t tpt0760-t ? b59860c0080a070 b59870c0080a070 b59880c0080a070 ? c 10 1 10 2 10 3 10 4 50 100 150 200 250 5 10 10 6 8 10 b59890c0080a070 ptc v tpt0762-a 10 0 10 1 2 10 5 b59860c0080a070 b59870c0080a070 b59880c0080a070 b59890c0080a070 i ptc ma 0,1 1 10 100 1000 v 5 5 0 s t s i tpt0761-2 10 _ 1 10 0 10 1 2 10 10 3 s a b59870c0080a070 b59880c0080a070 b59890c0080a070 0,4 0,8 1,2 1,6 2,0 2,4 2,8 b59860c0080a070 20 a t tpt0756-7 0 _ 0 20 40 60 80 100 120 ? c 160 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 2,0 n, 25 ? c i i n, t a b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
79 10/02 characteristics (typical) for t ref = 120 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 ptc r ptc t tpt0724-x ? b59830c0120a070 b59840c0120a070 b59850c0120a070 ? c 10 0 10 1 10 2 10 3 50 100 150 200 250 4 10 10 5 7 10 b59860c0120a070 b59860c0120a470 0,1 ptc i ptc v tpt0726-e 5 1 10 100 1000 v 10 1 2 10 2 ma b59830c0120a070 b59840c0120a070 b59850c0120a070 b59860c0120a070 5 5 b59860c0120a470 0 s t s i tpt0725-6 a 10 _ 1 10 0 10 1 2 10 10 3 s 4 812 16 b59850c0120a070 b59860c0120a070 b59830c0120a070 b59840c0120a070 b59860c0120a470 20 a t tpt0731-f 0 _ 0 20 40 60 80 100 120 ? c 160 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 2,0 n, 25 ? c i i n, t a b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
80 10/02 characteristics (typical) for t ref = 120 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 ptc r ptc t tpt0763-i 10 1 10 2 10 3 10 4 10 8 10 ? 10 5 6 50 100 150 200 300 ? c b59874c0120a070 b59870c0120a470 b59872c0120a070 b59873c0120a070 b59870c0120a070 ptc v tpt0765-z 10 0 10 1 2 10 5 i ptc ma 0,1 1 10 100 v 1000 5 5 b59870c0120a470 b59872c0120a070 b59873c0120a070 b59874c0120a070 b59870c0120a070 0 s t s i tpt0764-r 10 _ 1 10 0 10 1 2 10 10 3 s 0,5 1 1,5 2 2,5 3 3,5 a b59872c0120a070 b59873c0120a070 b59874c0120a070 b59870c0120a470 b59870c0120a070 20 a t tpt0731-f 0 _ 0 20 40 60 80 100 120 ? c 160 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 2,0 n, 25 ? c i i n, t a b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
81 10/02 characteristics (typical) for t ref = 120 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 ptc r ptc t tpt0766-8 ? b59875c0120a070 b59880c0120a070 b59883c0120a070 ? c 10 1 10 2 10 3 10 4 50 100 150 200 250 5 10 10 6 8 10 b59890c0120a070 b59890c0120a470 ptc v tpt0768-p 10 0 10 1 2 10 5 0,1 v b59875c0120a070 b59880c0120a070 b59883c0120a070 b59890c0120a070 i ptc ma 1 10 100 1000 5 5 b59890c0120a470 0 s t s i tpt0767-g b59875c0120a070 b59880c0120a070 b59883c0120a070 10 _ 1 10 0 10 1 2 10 10 3 s a b59890c0120a070 0,4 0,8 1,2 1,6 b59890c0120a470 20 a t tpt0731-f 0 _ 0 20 40 60 80 100 120 ? c 160 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 2,0 n, 25 ? c i i n, t a b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
82 10/02 characteristics (typical) for t ref = 130 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 tpt0584-t 10 0 ? 10 1 10 2 10 3 10 4 10 5 10 6 10 7 300 b59810c0130a070 50 100 150 200 250 ptc r t ptc ? c b59830c0130a070 B59840C0130A070 b59850c0130a070 b59810c0130a070 tpt0586-a 1 10 10 0 2 10 3 ma 10 10 _ 1 10 0 10 1 v 3 10 10 2 ptc v ptc b59830c0130a070 B59840C0130A070 b59850c0130a070 b59810c0130a070 0 10 10 1 t s s 10 2 0 s tpt0588-r 2468 a 10 3 b59830c0130a070 b59850c0130a070 B59840C0130A070 n, 25 ? c t n , a a t 0 tpt0590-3 160 0,2 0,4 0,6 0,8 1 1,4 ? c _ 20 120 100 80 60 40 20 0 b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
83 10/02 characteristics (typical) for t ref = 130 c ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) ptc current i ptc versus ptc voltage v ptc (measured at 25 c in still air) switching time t s versus switching current i s (measured at 25 c in still air) rated current i n versus ambient temperature t a (measured in still air) 0 tpt0585-2 100 200 300 10 0 10 1 10 2 10 3 10 4 10 5 10 6 10 8 b59860c0130a070 ? ? c ptc r t ptc 50 150 250 b59870c0130a070 b59880c0130a070 v ma 5 b59860c0130a070 10 _ 1 10 0 10 1 v 2 10 10 3 10 _ 1 10 0 10 1 5 10 5 2 3 10 tpt0587-j ptc ptc b59870c0130a070 b59880c0130a070 b59860c0130a070 0 10 10 1 10 s t s 2 0 s tpt0589-z 0,25 0,5 0,75 1,0 10 3 a b59870c0130a070 b59880c0130a070 n, 25 ? c t n , a a t 0 tpt0590-3 160 0,2 0,4 0,6 0,8 1 1,4 ? c _ 20 120 100 80 60 40 20 0 b598** c 810 ? c 890 leaded disks, coated, 230 v overcurrent protection
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B59840C0130A070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X