Part Number Hot Search : 
SDH40HF 1N5806 080CT DD251 SR430 MB91307 MCP3023 ISL8009
Product Description
Full Text Search
 

To Download B43304H2477M007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  223 10/02 general-purpose grade capacitors applications switch-mode power supplies in industrial and entertainment electronics features extremely miniaturized high ripple current capability many different case sizes available for each capacitance value construction charge-discharge proof, polar aluminum case, fully insulated snap-in solder pins to hold component in place on pc-board minus pole marking on case surface minus pole not insulated from case overload protection (safety vent) terminals standard version with 2 terminals 2 lengths available: 6,3 and 4,5 mm 3 terminals: length 4,5 mm (terminal arrangement ensures correct insertion) miniaturized 85 c b43304 snap-in capacitors b43304
224 10/02 miniaturized 85 c b43304 specifications and characteristics in brief rated voltage u r surge voltage u s 200 450 vdc 1,15 u r (for u r 250 vdc) 1,10 u r (for u r 400 vdc) rated capacitance c r capacitance tolerance 82 2200 f 20 % m dissipation factor tan (20 c, 120 hz) u r 250 v: tan 0,15 u r 400 v: tan 0,20 leakage current i l (5 min, 20 c) self-inductance esl approx. 20 nh useful life requirements: 85 c; u r ; i ~ max 40 c; u r ; 1,15 i ~ r > 2 000 h > 100 000 h ? c / c 30 % of initial value tan 3 times initial specified limit i l initial specified limit failure percentage: 1 % failure rate: 100 fit ( 100 10 9 /h) (for definiton fit , refer to chapter quality , page 62) load life test 85 c; u r ; i ~ r 2 000 h post test requirements: ? c/c 20 % of initial value tan ? 2 times initial specified limit i l initial specified limit voltage endurance test 85 c; u r 2 000 h post test requirements: ? c / c 10 % of initial value tan ? 1,3 times initial specified limit i l initial specified limit vibration resistance to iec 60068-2-6, test fc: displacement amplitude 0,35 mm, frequency range 10 55 hz, acceleration max. 5 g , duration 3 2 h iec climatic category to iec 60068-1: u r 250 vdc: 40/085/56 ( 40 c/+ 85 c/56 days damp heat test) u r 400 vdc: 25/085/56 ( 25 c/+ 85 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-806 iec 60384-4 i l 0,3 a c r f ------- u r v ------- ?   ? 0,7 4 a +
225 10/02 miniaturized 85 c b43304 dimensional drawings snap-in terminals, standard (length 6,3 1mm). also available in a shorter version with a length of 4,5 1 mm. for packing mode and ordering example see next page. snap-in capacitors are also available with 3 terminals (length 4,5 1 mm). for packing mode and ordering example see next page . dimensions (mm) approx. weight (g) packing units (pieces) d + 1 l 2 22 22 22 22 22 22 25 30 35 40 45 50 9 12 15 18 20 24 160 160 160 160 160 160 25 25 25 25 25 25 25 30 35 40 45 50 13 17 19 22 25 29 130 130 130 130 130 130 mounting holes minus pole marking kal0140-j dimensions (mm) approx. weight (g) packing units (pieces) d + 1 l 2 30 30 30 30 30 30 25 30 35 40 45 50 17 23 29 36 41 46 80 80 80 80 80 80 35 35 35 35 35 35 25 30 35 40 45 50 22 29 36 41 56 70 60 60 60 60 60 60 mounting holes minus pole marking kal0324-f
226 10/02 miniaturized 85 c b43304 packing of snap-in capacitors for ecological reasons the packing is pure cardboard. components can be withdrawn (in full or in part) in the correct position for insertion. ordering codes ordering example: b43304a9107m007 } snap-in capacitor with short terminals b43304a9107m002 } snap-in capacitor with 3 terminals snap-in terminals version identification in 3rd block of ordering code standard terminals (6,3 1) mm m000 short terminals (4,5 ? 1) mm m007 3 terminals (4,5 ? 1) mm m002
227 10/02 miniaturized 85 c b43304 overview of available types u r (vdc) 200 250 400 450 c r ( f) case dimensions d l (mm) 82 22 25 100 22 25 22 30 25 25 120 22 30 25 25 22 35 25 30 150 22 35 25 30 22 40 25 30 30 25 180 22 40 25 30 30 25 22 45 25 35 30 30 220 22 25 22 45 25 35 30 30 22 50 25 40 30 30 35 25 270 22 30 22 50 25 40 30 30 35 25 25 45 30 35 35 30 330 22 25 22 30 25 25 25 45 30 35 35 30 30 40 35 35 390 22 30 25 25 22 35 25 30 25 50 30 40 35 30 30 45 35 35 470 22 35 25 30 22 40 25 35 30 25 30 45 35 35 30 50 35 40 560 22 35 25 30 22 45 25 35 30 30 30 50 35 40 35 45 680 22 40 25 35 30 25 22 50 25 40 30 30 35 25 35 45 820 22 45 25 40 30 30 35 25 25 45 30 35 35 30
228 10/02 miniaturized 85 c b43304 the capacitance and voltage ratings listed above are available in different cases upon request. other voltage and capacitance ratings are also available upon request. 1 000 25 45 30 35 35 30 30 40 35 35 1 200 25 50 30 40 35 30 30 45 35 35 1 500 30 45 35 35 35 45 1 800 30 50 35 40 35 50 2 200 35 45 overview of available types u r (vdc) 200 250 400 450 c r ( f) case dimensions d l (mm)
229 10/02 miniaturized 85 c b43304 technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr typ 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2) 200 330 22 25 470 560 2,7 1,2 b43304a2337m000 390 22 30 400 480 3,1 1,4 b43304a2397m000 390 25 25 400 480 3,2 1,4 b43304b2397m000 470 22 35 330 400 3,6 1,6 b43304a2477m000 470 25 30 330 400 3,7 1,7 b43304b2477m000 560 22 35 280 330 4,0 1,8 b43304a2567m000 560 25 30 280 330 4,1 1,8 b43304b2567m000 680 22 40 230 280 4,6 2,1 b43304a2687m000 680 25 35 230 280 4,7 2,1 b43304b2687m000 680 30 25 230 280 4,6 2,1 b43304c2687m000 820 22 45 190 230 5,3 2,4 b43304a2827m000 820 25 40 190 230 5,5 2,5 b43304b2827m000 820 30 30 190 230 5,4 2,4 b43304c2827m000 820 35 25 190 230 5,6 2,6 b43304d2827m000 1 000 25 45 160 190 6,3 2,9 b43304a2108m000 1 000 30 35 160 190 6,2 2,8 b43304b2108m000 1 000 35 30 160 190 6,6 3,0 b43304c2108m000 1 200 25 50 130 160 7,2 3,3 b43304a2128m000 1 200 30 40 130 160 7,2 3,3 b43304b2128m000 1 200 35 30 130 160 7,2 3,3 b43304c2128m000 1 500 30 45 110 130 8,4 3,8 b43304a2158m000 1 500 35 35 110 130 8,5 3,9 b43304b2158m000 1 800 30 50 90 110 8,7 4,0 b43304a2188m000 1 800 35 40 90 110 8,9 4,0 b43304b2188m000 2 200 35 45 70 90 10,2 4,6 b43304a2228m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.
230 10/02 miniaturized 85 c b43304 250 220 22 25 700 840 2,2 1,0 b43304e2227m000 270 22 30 570 690 2,6 1,2 b43304e2277m000 330 22 30 470 560 2,9 1,3 b43304e2337m000 330 25 25 470 560 2,9 1,3 b43304g2337m000 390 22 35 400 480 3,3 1,5 b43304e2397m000 390 25 30 400 480 3,4 1,5 b43304g2397m000 470 22 40 330 400 3,8 1,7 b43304e2477m000 470 25 35 330 400 3,9 1,8 b43304g2477m000 470 30 25 330 400 3,8 1,7 b43304h2477m000 560 22 45 280 330 4,4 2,0 b43304e2567m000 560 25 35 280 330 4,3 1,9 b43304g2567m000 560 30 30 280 330 4,4 2,0 b43304h2567m000 680 22 50 230 280 5,0 2,3 b43304e2687m000 680 25 40 230 280 5,0 2,3 b43304g2687m000 680 30 30 230 280 4,9 2,2 b43304h2687m000 680 35 25 230 280 5,1 2,3 b43304j2687m000 820 25 45 190 230 5,7 2,6 b43304e2827m000 820 30 35 190 230 5,7 2,6 b43304g2827m000 820 35 30 190 230 6,0 2,7 b43304h2827m000 1 000 30 40 160 190 6,6 3,0 b43304e2108m000 1 000 35 35 160 190 6,9 3,1 b43304g2108m000 1 200 30 45 130 160 7,5 3,4 b43304e2128m000 1 200 35 35 130 160 7,6 3,4 b43304g2128m000 1 500 35 45 110 130 8,4 3,8 b43304e2158m000 1 800 35 50 90 110 9,6 4,4 b43304e2188m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226. technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr typ 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2)
231 10/02 miniaturized 85 c b43304 400 100 22 25 1 630 1 960 1,5 0,67 b43304a9107m000 120 22 30 1 360 1 630 1,7 0,79 b43304a9127m000 120 25 25 1 360 1 630 1,8 0,80 b43304b9127m000 150 22 35 1 090 1 310 2,0 0,93 b43304a9157m000 150 25 30 1 090 1 310 2,1 0,95 b43304b9157m000 180 22 40 910 1 090 2,4 1,1 b43304a9187m000 180 25 30 910 1 090 2,3 1,0 b43304b9187m000 180 30 25 910 1 090 2,4 1,1 b43304c9187m000 220 22 45 740 890 2,7 1,2 b43304a9227m000 220 25 35 740 890 2,7 1,2 b43304b9227m000 220 30 30 740 890 2,8 1,3 b43304c9227m000 270 22 50 610 730 3,2 1,4 b43304a9277m000 270 25 40 610 730 3,1 1,4 b43304b9277m000 270 30 30 610 730 3,1 1,4 b43304c9277m000 270 35 25 610 730 3,2 1,5 b43304d9277m000 330 25 45 500 600 3,6 1,6 b43304a9337m000 330 30 35 500 600 3,6 1,6 b43304b9337m000 330 35 30 500 600 3,8 1,7 b43304c9337m000 390 25 50 420 510 4,1 1,9 b43304a9397m000 390 30 40 420 510 4,1 1,9 b43304b9397m000 390 35 30 420 510 4,1 1,9 b43304c9397m000 470 30 45 350 420 4,7 2,1 b43304a9477m000 470 35 35 350 420 4,7 2,2 b43304b9477m000 560 30 50 300 350 5,3 2,4 b43304a9567m000 560 35 40 300 350 5,4 2,5 b43304b9567m000 680 35 45 240 290 6,2 2,8 b43304a9687m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226. technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr typ 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2)
232 10/02 miniaturized 85 c b43304 450 82 22 25 1 990 2 390 1,3 0,61 b43304a5826m000 100 22 30 1 630 1 960 1,6 0,72 b43304a5107m000 100 25 25 1 630 1 960 1,6 0,73 b43304b5107m000 120 22 35 1 360 1 630 1,8 0,83 b43304a5127m000 120 25 30 1 360 1 630 1,9 0,85 b43304b5127m000 150 22 40 1 090 1 310 2,2 0,98 b43304a5157m000 150 25 30 1 090 1 310 2,1 0,95 b43304b5157m000 150 30 25 1 090 1 310 2,2 0,98 b43304c5157m000 180 22 45 910 1 090 2,5 1,1 b43304a5187m000 180 25 35 910 1 090 2,4 1,1 b43304b5187m000 180 30 30 910 1 090 2,5 1,1 b43304c5187m000 220 22 50 740 890 2,9 1,3 b43304a5227m000 220 25 40 740 890 2,8 1,3 b43304b5227m000 220 30 30 740 890 2,8 1,3 b43304c5227m000 220 35 25 740 890 2,9 1,3 b43304d5227m000 270 25 45 610 730 3,3 1,5 b43304a5277m000 270 30 35 610 730 3,2 1,5 b43304b5277m000 270 35 30 610 730 3,4 1,6 b43304c5277m000 330 30 40 500 600 3,8 1,7 b43304a5337m000 330 35 35 500 600 4,0 1,8 b43304b5337m000 390 30 45 420 510 4,3 1,9 b43304a5397m000 390 35 35 420 510 4,3 2,0 b43304b5397m000 470 30 50 350 420 4,9 2,2 b43304a5477m000 470 35 40 350 420 5,0 2,3 b43304b5477m000 560 35 45 300 350 5,6 2,6 b43304a5567m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226. technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr typ 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2)
233 10/02 miniaturized 85 c b43304 useful life depending on ambient temperature t a under ripple current operating conditions 1) 1) refer to page 40 for an explanation on how to interpret the useful life graphs. frequency factor of permissible ripple current i ~ versus frequency f frequency characteristics of esr typical behavior 2 000 h 5 000 h 10 000 h 25 000 h 50 000 h 100 000 h 60 40 0 50 70 80 a ? c t 90 b43304 1,0 0,5 1,5 2,5 2,0 kal0815-c r ~ ~ 5 0,9 0,8 1,0 10 2 1,1 1,2 1,3 1,5 510 3 hz f 2 kal0816-k b43304 100 hz ~ ~ f kal0817-t 0 f > 60 ? c 20 ? c 10 1 10 2 10 3 10 4 55hz 0,5 1,0 1,5 2,0 2,5 b43304 esr 100 hz esr f
234 10/02 miniaturized 85 c b43304 impedance z versus frequency f typical behavior at 20 c 10 10 _ 2 2 1 10 10 3 z 10 0 10 1 10 ? 2 10 10 4 10 5 hz f 6 kal0818-2 b43304 10 _ 1 680 f/400 v 560 f/450 v 1800 f/250 v
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B43304H2477M007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X