Part Number Hot Search : 
KTC39 HYB18 PM450 333AS01 GP10T LL101C SLK2511B 46225
Product Description
Full Text Search
 

To Download APT50GT120JU3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 1-7 isotop  absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v i c1 t c = 25c 75 i c2 continuous collector current t c = 80c 50 i cm pulsed collector current t c = 25c 100 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 347 w if av maximum average forward current duty cycle=0.5 t c = 80c 27 if rms rms forward current (square wave, 50% duty) 34 a these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. c a e g v ces = 1200v i c = 50a @ tc = 80c application  ac and dc motor control  switched mode power supplies features  trench + field stop igbt ? technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated  isotop ? package (sot-227)  very low stray inductance  high level of integration benefits  low conduction losses  stable temperature behavior  very rugged  direct mounting to heatsink (isolated package)  low junction to case thermal resistance  easy paralleling due to positive tc of vcesat isotop ? buck chopper trench igbt a c g e
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 2-7 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit bv ces collector - emitter breakdown voltage v ge = 0v, i c = 3ma 1200 v i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 5 ma t j = 25c 1.4 1.7 2.1 v ce(on) collector emitter on voltage v ge =15v i c = 50a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 2ma 5.0 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 500 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 3600 c oes output capacitance 188 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 163 pf t d(on) turn-on delay time 85 t r rise time 30 t d(off) turn-off delay time 420 t f fall time resistive switching (25c) v ge = 15v v bus = 600v i c = 50a r g = 18  65 ns t d(on) turn-on delay time 90 t r rise time 45 t d(off) turn-off delay time 520 t f fall time 90 ns e on turn-on switching energy 6.6 e off turn-off switching energy inductive switching (125c) v ge = 15v v bus = 600v i c = 50a r g = 18  5.8 mj
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 3-7 diode ratings and characteristics symbol characteristic test conditions min typ max unit i f = 30a 2.0 2.5 i f = 60a 2.3 v f diode forward voltage i f = 30a t j = 125c 1.8 v v r = 1200v t j = 25c 250 i rm maximum reverse leakage current v r = 1200v t j = 125c 500 a c t junction capacitance v r = 200v 32 pf reverse recovery time i f =1a,v r =30v di/dt =100a/s t j = 25c 31 t j = 25c 370 t rr reverse recovery time t j = 125c 500 ns t j = 25c 5 i rrm maximum reverse recovery current t j = 125c 12 a t j = 25c 660 q rr reverse recovery charge i f = 30a v r = 800v di/dt =200a/s t j = 125c 3450 nc t rr reverse recovery time 220 ns q rr reverse recovery charge 4650 nc i rrm maximum reverse recovery current i f = 30a v r = 800v di/dt =1000a/s t j = 125c 37 a thermal and package characteristics symbol characteristic min typ max unit igbt 0.36 r thjc junction to case diode 1.1 r thja junction to ambient (igbt & diode) 20 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j ,t stg storage temperature range -55 150 t l max lead temp for soldering:0.063? from case for 10 sec 300 c torque mounting torque (mounting = 8-32 or 4mm machine and terminals = 4mm machine) 1.5 n.m wt package weight 29.2 g typical igbt performance curve 0 10 20 30 40 50 60 0 1020304050607080 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =18 ? t j =125c operating frequency vs collector current
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 4-7 output characteristics (v ge =15v) t j =25c t j =125c 0 25 50 75 100 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 25 50 75 100 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c 0 25 50 75 100 5 6 7 8 9 101112 v ge (v) i c (a) energy losses vs collector current eon eoff 0 4 8 12 16 20 0255075100 i c (a) e (mj) v ce = 600v v ge = 15v r g = 18 ? t j = 125c eon eoff 0 2 4 6 8 10 12 5 1015202530 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 50a t j = 125c switching energy losses vs gate resistance reverse safe operating area 0 20 40 60 80 100 120 0 400 800 1200 1600 v ce (v) i c (a) v ge =15v t j =125c r g =18 ? maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 5-7 typical diode performance curve
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 6-7
APT50GT120JU3 APT50GT120JU3 ? rev 0 april, 2004 apt website ? htt p :/ / www.advanced p ower.com 7-7 sot-227 (isotop ? ) package outline 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 (4 places) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) * r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) emitter terminals are shorted internally. current handling capability is equal for either emitter terminal. isotop ? is a registered trademark of sgs thomson apt reserves the right to change, without notice, the specifications and information contained herein apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved. emitter gate collector anode


▲Up To Search▲   

 
Price & Availability of APT50GT120JU3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X