Part Number Hot Search : 
TP2N40 MC7808C NJM2147D 1N4152 4LVCH AM29F0 P2501 2405SH3
Product Description
Full Text Search
 

To Download 94SVP106X0020B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions contact: aluminumcaps4@vishay.com document number: 90021 308 revision: 26-jun-06 94svp vishay os-con vertical surface mounting capacitors rohs compliant features ? new vishay os-con series as results of polymerized organic semiconductor as electrolyte ? features superior heat -proof characteristics compared with previously developed vishay os-con series ? particularly effective when used as surface mounting devices of the switching power supply ? rated ripple current values are guaranteed at 105 c ? no need to consider derating on maximum allowable ripple current fig.1 component outline quick reference data description value operating temperature range - 55 c to + 105 c capacitance tolerance at 120 hz m: 20 % tangent of loss angle (tan ) at 120 hz values in standard ratings table leakage current (a/2 minutes) (or less)* values in standard ratings table equivalent series resistance ( ), (100 k to 300 khz) values in standard ratings table characteristics at high temp. and low temp. impedance ratio at 100 khz, + 20 c - 55 c z/z 20 c 1.0 to 1.25 + 105 c z/z 20 c 0.75 to1.0 endurance + 105 c, 2000 hours rated voltage applied (25 wv to 20 v) (1000 hours for a5/b6 sizes) c/c within 20 % tan ? 1.5 x the value of tangent of loss angle esr 1.5 x the value of esr leakage current the value of leakage current damp heat (steady state) (+ 60 c, 90 to 95 % rh, 1000 hours, no voltage) (500 hours for a5/b6 sizes) c/c within 20 % tan ? 1.5 x the value of tangent of loss angle esr 1.5 x the value of esr leakage current the value of leakage current after voltage treatment reverse voltage guarantee temporary: < 20 % of the rated voltage continuous: < 10 % of the rated voltage solder heat resistance (vps)** (215 c x 90 s) or (230 c x 60 s) (please consult us for a5/b6 sizes) c/c within 10 % tan ? 1.3 x the value of tangent of loss angle esr 1.3 x the value of esr leakage current the value of leakage current after voltage treatment * if any doubt arises, measure the current after applying voltage (voltage treatment). voltage treatment: the rated voltage is applied to vishay os-con (2.5 to 20 wv) for 120 minutes at 105 c. (how ever, 20 v is applied to a 25 wv vishay os-con). ** refer to standard ratings table for soldering recommendation. dimensions in millimeters ? d dimensions in millimeters size code ? d 0.5 l max. w 0.2 h 0.2 c 0.2 r p 0.2 a5 4.0 5.5 4.3 4.3 5.0 0.5 to 0.8 1.0 b6 5.0 6.0 5.3 5.3 6.0 0.5 to 0.8 1.4 c6 6.3 6.0 6.6 6.6 7.3 0.5 to 0.8 2.1 e7 8.0 7.0 8.3 8.3 9.0 0.5 to 0.8 3.2 f8 10.0 8.0 10.3 10.3 11.0 0.5 to 0.8 4.6 e12 8.0 12.0 8.3 8.3 9.0 0.8 to 1.1 3.2 f12 10.0 12.7 10.3 10.3 11.0 0.8 to 1.1 4.6
document number: 90021 for technical ques tions contact: aluminumcaps4@vishay.com www.vishay.com revision: 26-jun-06 309 94svp vertical surface mounting capacitors vishay os-con recommended land pattern a b c dimensions in millimeters size code abc a5 1.0 6.2 1.6 b6 1.4 7.4 1.6 c6 2.1 9.1 1.6 e7 2.8 11.1 1.9 f8 4.3 13.1 1.9 e12 2.8 11.1 1.9 f12 4.3 13.1 1.9 case code list capacitance (f) wv 2.5 4 6.3 10 16 20 25 (sv) (3.3) (5.2) (8.2) (11.5) (18.4) (23) (25) 3.3 ----a5-- 4.7 ---a5--- 6.8 ---a5--c6 10.0 - - - a5 - b6 e7 15.0 - - - a5 b6 - - 27.0 - - - - - c6 - 22.0 --a5-b6c6f8 33.0 - a5 - b6 - e7 e12 39.0 -b6--c6-- 47.0 - - b6 c6 - e7 - 56.0 - - - c6 e7 f8 f12 68.0 - b6 - - - f8 - 82.0 - - c6 - e7 - - 100.0 - - c6 - f8 e12 - 120.0 - - - e7 - - - 150.0 - c6, e7 - e7, f8 f8 f12 - 180.0 - - - - e12 - - 220.0 --e7, f8---- 270.0 - - - e7, f8 - - - 330.0 - e7 f8 e12 f12 - - 470.0 - - f8,e12 - - - - 560.0 - e12 - f12 - - - 680.0 e12 f8 - - - - - 820.0 - - f12 - - - - 1200.0 - f12 - - - - - 1500.0 f12 - - - - - - *** wv = rated voltage. **** (sv) = surge voltage (at room tem perature). the description content s are subject to chage due to t echnical improvement without notice. please ask for latest specifications for order and use. standard ratings case code part number* rated voltage (v) rated capacitance (f) max. esr (100 k to 300 khz) (m ) allowable ripple current (mamps) at 100 khz, + 105 c max. tangent of loss angle max. leakage current (a) (after 2 minutes) a5 94svp335x0016a5 16 3.3 280 590 0.07 26.4 94svp475x0010a5 10 4.7 260 660 0.08 23.5 94svp685x0010a5 10 6.8 260 660 0.09 34.0 94svp106x0010a5 10 10 240 670 0.10 50.0 94svp156x0010a5 10 15 240 670 0.10 75.0 94svp226x06r3a5 6.3 22 220 700 0.12 69.3 94svp336x0004a5 4 33 200 740 0.15 66.0 * part numbers shown are for 20 % capacitance tolerance (x0).
www.vishay.com for technical questions contact: aluminumcaps4@vishay.com document number: 90021 310 revision: 26-jun-06 94svp vishay os-con vertical surface mounting capacitors b6 94SVP106X0020B6 20 10 170 850 0.10 100 94svp156x0016b6 16 15 150 920 0.10 120 94svp226x0016b6 16 22 150 920 0.15 176 94svp336x0010b6 10 33 130 990 0.15 165 94svp476x06r3b6 6.3 47 90 1060 0.15 148 94svp396x0004b6 4 39 70 1100 0.15 78 94svp686x0004b6 4 68 70 1100 0.15 136 c6 94svp685x0025c6 25 6.8 80 1200 0.10 85 94svp226x0020c6 20 22 65 1390 0.10 88 94svp276x0020c6 20 27 60 1450 0.10 108 94svp396x0016c6 16 39 65 1390 0.10 125 94svp476x0010c6 10 47 60 1450 0.12 94 94svp566x0010c6 10 56 55 1510 0.12 112 94svp107x06r3c6 6.3 100 40 1810 0.12 126 94svp826x06r3c6 6.3 82 50 1570 0.12 103 94svp157x0004c6 4 150 50 1620 0.12 120 e7 94svp106x0025e7 25 10 60 1500 0.10 125 94svp336x0020e7 20 33 50 1700 0.12 132 94svp476x0020e7 20 47 50 1700 0.12 188 94svp566x0016e7 16 56 50 1800 0.12 179 94svp826x0016e7 16 82 45 1890 0.12 262 94svp127x0010e7 10 120 40 2120 0.12 240 94svp157x0010e7 10 150 35 2560 0.12 300 94svp157x0004e7 4 150 35 2350 0.12 120 94svp337x0004e7 4 330 35 2560 0.12 264 94svp227x06r3e7 6.3 220 35 2560 0.12 277 f8 94svp226x0025f8 25 22 50 2000 0.10 275 94svp566x0020f8 20 56 45 2200 0.12 224 94svp686x0020f8 20 68 45 2200 0.12 272 94svp107x0016f8 16 100 40 2400 0.12 320 94svp157x0016f8 16 150 35 2670 0.12 480 94svp157x0010f8 10 150 35 2670 0.12 300 94svp277x0010f8 10 270 30 3020 0.12 540 94svp227x06r3f8 6.3 220 30 3020 0.12 277 94svp477x06r3f8 6.3 470 25 3700 0.12 592 94svp337x06r3f8 6.3 330 25 3300 0.12 416 94svp687x0004f8 4 680 25 3700 0.12 544 e12 94svp336x0025e12 25 33 30 2980 0.12 413 94svp107x0020e12 20 100 25 3260 0.15 400 94svp187x0016e12 16 180 22 3480 0.15 576 94svp337x0010e12 10 330 19 3740 0.15 660 94svp477x06r3e12 6.3 470 17 3960 0.15 592 94svp567x0004e12 4 560 16 4080 0.15 448 94svp687x02r5e12 2.5 680 16 4080 0.15 340 f12 94svp566x0025f12 25 56 28 3800 0.12 700 94svp157x0020f12 20 150 21 4220 0.15 600 94svp337x0016f12 16 330 17 4580 0.15 792 94svp567x0010f12 10 560 15 4870 0.15 840 94svp827x06r3f12 6.3 820 14 5040 0.15 775 94svp128x0004f12 4 1200 13 5230 0.18 960 94svp158x02r5f12 2.5 1500 13 5230 0.18 750 * part numbers shown are for 20 % capacitance tolerance (x0). standard ratings case code part number* rated voltage (v) rated capacitance (f) max. esr (100 k to 300 khz) (m ) allowable ripple current (mamps) at 100 khz, + 105 c max. tangent of loss angle max. leakage current (a) (after 2 minutes)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 94SVP106X0020B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X