Part Number Hot Search : 
FB2022B 0APBF ALE12F06 XQVR1000 2SB1126 1N5235B VC00P 06022031
Product Description
Full Text Search
 

To Download 79109-1204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/17/2010 please check www.molex.com for latest part information part number: 0791091204 status: active description: 2.00mm (.079") pitch milli-grid? receptacle, surface mount, vertical, top/bottom entry, with press-fit plastic pegs, without cap, tube, 0.38m (15") gold (au) selective, 10 circuits, leadfree documents: 3d model product specification ps-79107 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 79109 application board-to-board product name milli-grid? physical circuits (loaded) 10 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part no polarized to pcb no surface mount compatible (smc) n/a temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 260 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 79109 series mates with 87833 , 87832 , 87831 , 87758 , 87759 , 87760
material info reference - drawing numbers product specification ps-79107 sales drawing sda-79109-**** this document was generated on 03/17/2010 please check www.molex.com for latest part information











▲Up To Search▲   

 
Price & Availability of 79109-1204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X