Part Number Hot Search : 
MA1000RU MMDL6050 M358A 1N5993B 8HC71 BR3050 SR60L10R 1602G
Product Description
Full Text Search
 

To Download 79107-7016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/18/2010 please check www.molex.com for latest part information part number: 0791077016 status: active description: 2.00mm (.079") pitch milli-grid? receptacle, vertical, through hole, dual row, 3.00mm (.118) tail length, 0.38m (15") gold (au) selective plating, 34 circuits, leadfree documents: 3d model product specification ps-79107 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 79107 application board-to-board product name milli-grid? physical circuits (loaded) 34 color - resin black durability (mating cycles max) 50 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part no polarized to pcb no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 79107 series mates with 87758 vertical, through hole, stackable pcb header, 87759 vertical, surface mount, stackable pcb header, 87760 right angle, through hole, stackable pcb header, 87831 vertical, through hole pcb header, 87832 vertical, surface mount pcb
max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers product specification ps-79107 sales drawing sda-79107-**** this document was generated on 03/18/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 79107-7016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X