Part Number Hot Search : 
NCP3064B 492LL NJM4565D IBAADS FMMT493 CSNE371 8F800 492LL
Product Description
Full Text Search
 

To Download 105ADBA10000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cts reeves frequency products crystals clocks vcxos tcxos ocxos 95 400 reimann ave. sandwich, il 60548 phone: 815-786-8411 fax: 815-786-3600 e-mail: www.ctsreeves.com model 105 miniature ocxo supply voltage maximum (vdd) operating supply current (@ 25c) warm-up steady state output (50 ohm load) load harmonics warm-up (@ 25c) ref. to freq. at 1 hr. phase noise (1 hz bandwidth) electrical freq. adjust (positive slope) parameter features: ? frequency range: 10 to 20 mhz ? stabilities as low as 5 x 10 -8 ? low profile (.53 high) ? 1.5 inch sq. package ? sinewave output cts reeves model 105 is a high stability ocxo housed in a standard tcxo package. at only .53 high it is ideal for applications requiring high stability in small size such as rack mounted or portable applications. the 105 has sinewave output for more design flexibility. also there are a variety of tempera- ture and stability options to choose from. electrical specifications: frequency range (mhz) 10.0 to 20 mhz 15 vdc 12 vdc 5% 300 ma, max. 120 ma, max. sinewave 0 dbm min. 50 ? -25 dbc max. 1 x 10 -7 / 5 min. 1 x 10 -8 / 30 min. offset level (dbc) standard low noise 10 hz -110 -120 100 hz -130 -140 1 khz -140 -150 10 khz -145 -155 sufficient for 10 yrs aging (range is option dependent) 0 to 10 vdc
96 cts reeves frequency products 400 reimann ave. sandwich, il 60548 phone: 815-786-8411 fax: 815-786-3600 e-mail: www.ctsreeves.com crystals clocks vcxos tcxos ocxos outline drawing and pin connections: 0.550 max mechanical specifications: case: metal, hermetically sealed leads: nickel plated with solder coating, seal: solder seal leak test: leak rate less than 5x10 -5 atmosphere-cc/sec of helium solderability: 95% solder coverage, using rma flux 63 sn / 37 pb solder at +245 c 5 c temperature: operating: see chart storage: -55 to 85 c vibration: 10 g's rms, 20 to 500 hz mechanical shock: 100 g's 5ms pulse (3 shock/plane) 0.800 0.500 0.500 0.025 0.400 0.200 0.030 0.040 0.500 conductive stand-off (4 places) 1.000 1.000 1.53 max 1.53 max temp stability 5 x 10 -9 1 x 10 -8 2 x 10 -8 5 x 10 -8 1 x 10 -7 temp range code abcde 0 to 50 caxxxxx 0 to 70 cb x x x -30 to 70 cc x x -40 to +85 cd x 1 st year aging code 0.5 ppm a 0.3 ppm b 0.1 ppm c 0.05 ppm d note: not all options are available at all frequencies. consult factory for details. phase noise code standard a low noise b ordering information: model 105 miniature ocxo aging stability temp. range model type 105 ___ ___ ___ ___ ___ ___ ___ ___ freq. in mhz phase noise pin connections pin function 1 output 2 freq adjust 3 +12v 4 +12v 5 gnd 6 gnd


▲Up To Search▲   

 
Price & Availability of 105ADBA10000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X