Part Number Hot Search : 
256AI C1741A LT6010 MAX1839 SB1100 MC143 MC35001N MBI5036
Product Description
Full Text Search
 

To Download TMCGD6SP0040C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j snap-acting jC1 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com tm series miniature snap-acting switches features/benefits ? broad range of operating forces available ? wide variety of actuator and terminal styles ? cost-effective solution typical applications ? pumps and motors ? white goods ? consumer appliances specifications contact rating: from low level* to 15 amps @ 250 v ac. electrical life: 150,000 cycles at 15 amps @ 250 v ac, models with 150 grams operating force. 350,000 cycles at 10 amps @ 250 v ac, models with 75 grams operating force. insulation resistance: 1,000 m ?? min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C7?oto 302? o?5?Ctoo150?). operating force: 50, 75 and 150 grams at actuator available; refer to chart for lever style forces. mounting: torque screws 2-5 in/lbs. * low level=conditions wher e no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. materials switch housing: thermoplastic or general purpose phenolic (ul 94v-0). actuator button: thermoplastic (ul 94v-0). spring: copper alloy. pivot: brass alloy. movable contacts: gold alloy for ratings 1 amp @ 125 v ac or less. fine silver for ratings greater than 1 amp @ 125 v ac. stationary contacts: gold alloy for ratings 1 amp or less. fine silver for ratings greater than 1 amp. terminals: brass alloy for ratings up to 10 amps @ 250 v ac. copper alloy for 15 amps @ 250 v ac ratings. note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages j-12 thr ough j-16. for additional options not shown in catalog, consult customer service center. a vailable extended electrical life per ul 1054, rated for 100,000 operations, consult factory . series tm sp , mom. operating for ce cg 2.65 oz./75 grams cj 5.29 oz.,/150 grams cf 1.76 oz./50 grams electrical rating d6 1o a @ 125 & 250 v ac; 1/3 hp @ 125 & 25o v ac;1/2 a @ 125 v dc; 1/4 a @ 250 v dc g6 15 a @ 125 & 250 v ac; 1/4 a @ 250 v dc; 1/2 a @ 125 v dc; 1/2 hp @ 125 & 250 v ac; 3 a @ 125 v ac f5 1 a @ 125 v ac; 1 a @ 30 v dc h3 5 a @ 250 v ac; 1/6 hp @ 125 & 25o v ac actuator p00 pin plunger a10 .81" lever roller, high force a15 1.34" lever roller, high force a20 1.02" lever roller , low force a25 1.56" lever roller , lo w force t10 .84" lever, high force t13 1.34" simulated roller, high force t14 1.29" simula ted roller, high force t15 1.40" lever, high force t16 2.34" lever , high force t17 2.00" lever, high force t18 2.75" lever, high force t20 1.06" lever , lo w force t23 1.56" simulated roller, low force t24 1.50" simulated roller, low force t25 1.62" lever , lo w force t26 2.56" lever, low force t27 2.22" lever, low force t28 2.97" lever , low force terminations 40 .187" quick connect 10 solder 4a .250" quick connect 60 screw circuitry c spdt w spst n.c. y spst n.o. mounting style s standard v metric t m * all models
j snap-acting jC 12 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com tm series miniature snap-acting switches series operating force electrical rating tm minia ture snap-acting switches Csp momentary * all models contact customer service center for availability and delivery of nonstandard ratings. * low level=conditions wher e no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. 1.76 50 cf 5.29 150 cj 2.65 75 cg basic switch opera ting force (oz./grams) option code operating force option f?ot available with ?1, t27 and t28 actuator options. operating force varies with actuator option, see actuator option section. option code rohs compliant * rohs compatible * mov able contact st ationary contact electrical ra ting d6 y es y es fine silver fine silver 10 amps @ 125 & 250 v ac; 1/3 hp @ 125 & 250 v ac; 1/2 amp @ 125 v dc; 1/4 amp @ 250 v dc. f5 ye s ye s gold alloy gold alloy from low level* to 1 amp @ 125 v ac, 1 amp @ 30 v dc. g6 ye s ye s 15 amps @ 125 & 250 v ac; 0.25 amp @ 250 v dc; 0.5 amp @ 125 v dc; 1/2 hp @ 125 & 250 v ac; 3 amps @ 125 v ac ? h3 ye s ye s 5 amps @ 250 v ac; 1/6 hp @ 125 & 250 v ac. cont act ma terial fine silver fine silver * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications.
j snap-acting tm series miniature snap-acting switches electrical rating mounting style v metric s standar d ? available x not available ?? h3 xx ? g6 ?? f5 ?? d6 maximum operating force (oz./grams) 1.76/50 2.65/75 5.29/150 cf cg cj electrical rating available combinations * all models contact customer service center for availability and delivery of nonstandar d ratings. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. recommended maximum screw size: 4-40. note: torque mounting screws 2-5 in/lbs. recommended maximum screw size: 3 mm. jC3 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
j snap-acting tm series miniature snap-acting switches actuator fig. 3 a b c lever fig. 4 a b c d simulated ro ller .600 .080 (15,24 2,03) .58 (14,7) 1.62 (41,1) 3 t25 .25 dia. (6,4?) .740 .090 (18,80 2,29) .58 (14,7) 1.50 (38,1) 4 t24 .19 dia. (4,8?) .810 .065 (20,57 1,65) .58 (14,7) 1.56 (39,6) 4 t23 .600 .045 (15,24 1,14) .58 (14,7) 1.06 (26,9) 3 t20 .600 .093 (15,24 2,36) .36 (9,1) 2.75 (69,9) 3 t18 .600 .052 (15,24 1,57) .36 (9,1) 2.00 (50,8) 3 t17 .600 .062 (15,24 1,57) .36 (9,1) 2.34 (59,4) 3 t16 .600 .040 (15,24 1,02) .36 (9,1) 1.40 (35,6) 3 t15 .25 dia. (6,4?) .740 .050 (18,8 1,3) .36 (9,1) 1.29 (32,8) 4 t14 .19 dia. (4,8?) .810 .040 (20,57 1,02) .36 (9,1) 1.34 (34,0) 4 t13 .600 .020 (15,24 0,51) .36 (9,1) .84 (21,3) 3 t10 2.56 (65,0) t26 high force, low motion pivot position low force, high motion pivot position note: lever actuator options are available in either of two pivot positions. levers located in the forwar d pivot position have lower for ces and higher motions. levers located in the rear pivot position have higher forces and lower motions. a vailable with actuators a10, a15, t10, t13, t14, t15, t16, t17 and t18. a vailable with actuators a20, a25, t20, t23, t24, t25, t26, t27 and t28. fig. 1 a b c d lever roller fig. 2 a c pin roller .19 dia. (4,8?) .810 .080 (20,57 2,03) .58 (14,7) 1.56 (39,6) 1 a25 .19 dia. (4,8?) .810 .050 (20,57 1,27) .58 (14,7) 1.03 (26,2) 1 a20 .19 dia. (4,8?) .810 .040 (20,57 1,02) .36 (9,1) 1.34 (34,0) 1 a15 .19 dia. (4,8?) .810 .020 (20,57 0,51) .36 (9,1) .81 (20,6) 1 a10 .578 .015 (14,68 0,38) .80 (20,3) 2 p00 dim. d dim. c dim. b dim. a fig. option code 3 .56 (14,7) .600?125 (15,24?.18) 2.22 (56,4) t27 3 .58 (14,7) .600 .125 (15,24?.18) 2.97 (75,4) t28 3 .58 (14,7) .600?187 (15,24?.75) jC 14 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com
j snap-acting jC5 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com tm series miniature snap-acting switches actuator no te : for basic swit c h operating for ce s , se e page j- 1 2. .280 (7, 11 ) .750 (19 ,0 5) .187 (4, 75 ) n/ a .04 .07 1 2 n/ a .07 .14 2 4 .200 (5, 08 ) .500 (12 ,7 0) .125 (3, 18 ) n/ a .04 .11 13 n/ a .11 .21 36 .60 .88 17 25 .035 (0, 89 ) .056 (1, 42 ) .013 (0, 33 ) .35 .53 1.06 10 15 30 .71 .99 2.1 2 20 28 60 1.76 2.65 5. 29 50 75 150 p0 0 .125 (3, 18 ) .312 (7, 92 ) .070 (1, 78 ) .04 .07 .18 125 .11 .18 .35 3510 .53 1.06 1.59 15 30 45 a2 5 .060 (1, 52 ) .140 (3, 56 ) .025 (0, 64 ) .11 .18 .35 3510 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 a2 0 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .14 .35 3410 .21 .35 .7 1 6 10 20 1.06 1.59 2. 82 30 45 80 a1 5 .035 (0, 89 ) .070 (1, 78 ) .013 (0, 33 ) .25 .53 1.06 7 15 30 .49 .99 1.6 9 14 28 48 2.12 3.17 6. 35 60 90 180 a1 0 n/ a .42 .63 12 18 t28 n/ a t27 .100 (2, 54 ) .330 (8, 38 ) .070 (1, 78 ) .04 .07 .16 1 2 4.5 .07 .14 .32 249 .71 1.06 1.41 20 30 40 t25 .110 (2, 79 ) .312 (7, 92 ) .080 (2, 03 ) .05 .07 .18 1.5 25 .11 .18 .3 5 3 510 .53 1.23 1.7 6 15 35 50 t24 .125 (3, 18 ) .312 (7, 92 ) .070 (1, 78 ) .0 4 .07 .18 125 .1 1 .18 .3 5 3510 .5 3 1.06 1.5 9 15 30 45 t23 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .18 .35 3 510 .21 .32 .7 1 6 920 1.06 1.59 3. 17 3 0 45 90 t20 .160 (4, 06 ) .375 (9, 52 ) .078 (1, 98 ) n/ a .04 .14 14 n/ a .14 .28 48 n/ a .71 1.23 20 35 t18 .110 (2, 79 ) .220 (5, 59 ) .062 (1, 57 ) .0 7 .07 .21 2 26 .1 4 .21 .4 2 4 612 .7 1 .88 1.7 6 2 0 25 50 t17 .140 (3, 56 ) .312 (7, 92 ) .090 (2, 29 ) .05 .07 .18 1.5 2 5 .11 .18 .3 5 3510 .53 .71 1.4 1 15 20 40 t16 .075 (1, 90 ) .160 (4, 06 ) .032 (0, 81 ) .11 .14 .35 3410 .21 .32 .7 1 6920 1.06 1.59 2. 28 30 45 80 t15 .062 (1, 57 ) .140 (3, 56 ) .050 (1, 27 ) .1 1 .14 .35 3 410 .2 5 .35 .7 1 7 10 20 1.0 6 1.76 3. 17 3 0 50 90 t13 .065 (1, 65 ) .160 (4, 06 ) .030 (0, 76 ) .11 .14 .35 3410 .21 .35 .7 1 6 10 20 1.06 1.59 2. 82 30 45 80 t13 .035 (0, 89 ) .080 (2, 03 ) .013 (0, 33 ) .25 .53 1.06 7 15 30 .49 .99 1.6 9 1 4 28 48 2.12 3.17 6. 35 6 0 90 180 t10 mi ni mu m ov e rtra ve l al l fo r ce s ma x im u m pretr a ve l al l fo r ce s ma x im u m di f fe r en t ia l tra ve l al l fo r ce s min i mu m retu rn fo r ce (o z ./ g ra m s) min im um re l ea se for c e (o z ./gram s ) ma xim um operating fo r ce (oz./ g rams) cf cg cj (50) (7 5 ) ( 1 50) option co d e swi t ch ch a ra c ter i st ic s cf cg cj (50) (7 5 ) ( 1 50) c f cg cj (50) (7 5 ) ( 1 50) t26 n/ a .35 10 .71 20 n/ a .07 2 .18 5 n/ a .04 1 .07 2 .110 (2 ,7 9) .500 (1 2, 7) .250 (6 ,3 5)
j snap-acting tm series miniature snap-acting switches circuitry terminations 10 solder 60 screw terminals 4a .250" quick connect 40 .187" quick connect y spst n.o. (single pole, single throw, normally open) w spst n.c. (single pole, single thr ow , normally closed) c spdt (single pole, double thr ow) not available with 5?ating option. not available with 5?ating option. not available with 5?ating option. torque screws to 6 in. lbs max. jC 16 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com


▲Up To Search▲   

 
Price & Availability of TMCGD6SP0040C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X