Part Number Hot Search : 
P4000SC 2SK334 TP5335K1 12120 20EB1 00050 RPP121 FP9700
Product Description
Full Text Search
 

To Download SPA20N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2004-09-07 rev.2.1 page 1 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 cool mos? power transistor v ds @ t j ma x 650 v r ds ( on ) 0.19 ? i d 20.7 a feature ? new revolutionary high voltage technology ? worldwide best r ds ( on ) in to 220 ? ultra low gate charge ? periodic avalanche rated ? extreme d v /d t rated ? high peak current capability ? improved transconductance ? p-to-220-3-31: fully isolated package (2500 vac; 1 minute) p-to262-3-1 p-to263-3-2 p-to220-3-31 p-to220-3-1 p-to220-3-31 1 2 3 marking 20n60c3 20n60c3 20n60c3 20n60c3 type package ordering code spp20n60c3 p-to220-3-1 q67040-s4398 spb20n60c3 p-to263-3-2 q67040-s4397 spi20n60c3 p-to262-3-1 q67040-s4550 SPA20N60C3 p-to220-3-31 q67040-s4410 maximum ratings parameter symbol value unit spa continuous drain current t c = 25 c t c = 100 c i d 20.7 13.1 20.7 1) 13.1 1) a pulsed drain current, t p limited by t j ma x i d p uls 62.1 62.1 a avalanche energy, single pulse i d =10a, v dd =50v e as 690 690 mj avalanche energy, repetitive t ar limited by t jmax 2) i d =20a, v dd =50v e ar 1 1 avalanche current, repetitive t a r limited by t j ma x i a r 20 20 a gate source voltage static v gs 20 20 v gate source voltage ac (f >1hz) v gs 30 30 power dissipation, t c = 25c p tot 208 34.5 w spp_b spp_b_i operating and storage temperature t j , t st g -55...+150 c
2004-09-07 rev.2.1 page 2 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 maximum ratings parameter symbol value unit drain source voltage slope v ds = 480 v, i d = 20.7 a, t j = 125 c d v /d t 50 v/ns thermal characteristics parameter symbol values unit min. typ. max. thermal resistance, junction - case r thjc - - 0.6 k/w thermal resistance, junction - case, fullpak r thjc _ fp - - 3.6 thermal resistance, junction - ambient, leaded r thja - - 62 thermal resistance, junction - ambient, fullpak r thja _ fp - - 80 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 3) r thja - - - 35 62 - soldering temperature, 1.6 mm (0.063 in.) from case for 10s 4) t sold - - 260 c electrical characteristics, at t j =25c unless otherwise specified parameter symbol conditions values unit min. typ. max. drain-source breakdown voltage v (br)dss v gs =0v, i d =0.25ma 600 - - v drain-source avalanche breakdown voltage v (br)ds v gs =0v, i d =20a - 700 - gate threshold voltage v gs ( th ) i d =1000 a, v gs =v d s 2.1 3 3.9 zero gate voltage drain current i dss v ds =600v, v gs =0v, t j =25c t j =150c - - 0.1 - 1 100 a gate-source leakage current i gss v gs =30v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =10v, i d =13.1a t j =25c t j =150c - - 0.16 0.43 0.19 -  gate input resistance r g f =1mhz, open drain - 0.54 -
2004-09-07 rev.2.1 page 3 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 electrical characteristics parameter symbol conditions values unit min. typ. max. transconductance g fs v ds 2* i d * r ds(on)max , i d =13.1a - 17.5 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 2400 - pf output capacitance c oss - 780 - reverse transfer capacitance c rss - 50 - effective output capacitance, 5) energy related c o(er) v gs =0v, v ds =0v to 480v - 83 - effective output capacitance, 6) time related c o(tr) - 160 - turn-on delay time t d(on) v dd =380v, v gs =0/13v, i d =20.7a, r g =3.6 ? , t j =125 - 10 - ns rise time t r v dd =380v, v gs =0/13v, i d =20.7a, r g =3.6 ? - 5 - turn-off delay time t d(off) - 67 100 fall time t f - 4.5 12 gate charge characteristics gate to source charge q gs v dd =480v, i d =20.7a - 11 - nc gate to drain charge q gd - 33 - gate charge total q g v dd =480v, i d =20.7a, v gs =0 to 10v - 87 114 gate plateau voltage v ( plateau ) v dd =480v, i d =20.7a - 5.5 - v 1 limited only by maximum temperature 2 repetitve avalanche causes additional power losses that can be calculated as p av = e ar * f . 3 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical without blown air. 4 soldering temperature for to-263: 220c, reflow 5 c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss . 6 c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .
2004-09-07 rev.2.1 page 4 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 electrical characteristics parameter symbol conditions values unit min. typ. max. inverse diode continuous forward current i s t c =25c - - 20.7 a inverse diode direct current, pulsed i sm - - 62.1 inverse diode forward voltage v sd v gs =0v, i f = i s - 1 1.2 v reverse recovery time t rr v r =480v, i f = i s , d i f /d t =100a/s - 500 800 ns reverse recovery charge q rr - 11 - c peak reverse recovery current i rrm - 70 - a peak rate of fall of reverse recovery current di rr /dt t j =25c - 1400 - a/s typical transient thermal characteristics symbol value unit symbol value unit spa spa r th1 0.00769 0.00769 k/w c th1 0.0003763 0.0003763 ws/k r th2 0.015 0.015 c th2 0.001411 0.001411 r th3 0.029 0.029 c th3 0.001931 0.001931 r th4 0.114 0.163 c th4 0.005297 0.005297 r th5 0.136 0.323 c th5 0.012 0.008453 r th6 0.059 2.526 c th6 0.091 0.412 spp_b_i spp_b_i external heatsink t j t case t amb c th1 c th2 r th1 r th,n c th,n p tot (t)
2004-09-07 rev.2.1 page 5 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 20 40 60 80 100 120 140 160 180 200 w 240 spp20n60c3 p tot 2 power dissipation fullpak p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 5 10 15 20 25 w 35 p tot 3 safe operating area i d = f ( v ds ) parameter : d = 0 , t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 2 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms dc 4 safe operating area fullpak i d = f ( v ds ) parameter: d = 0, t c = 25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 2 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms dc
2004-09-07 rev.2.1 page 6 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 5 transient thermal impedance z thjc = f ( t p ) parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -4 10 -3 10 -2 10 -1 10 0 10 k/w z thjc d = 0.5 d = 0.2 d = 0.1 d = 0.05 d = 0.02 d = 0.01 single pulse 6 transient thermal impedance fullpak z thjc = f ( t p ) parameter: d = t p / t 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 1 s t p -3 10 -2 10 -1 10 0 10 1 10 k/w z thjc d = 0.5 d = 0.2 d = 0.1 d = 0.05 d = 0.02 d = 0.01 single pulse 7 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 10 s, v gs 0 5 10 15 v 25 v ds 0 10 20 30 40 50 60 a 80 i d 4,5v 5v 5,5v 6v 6,5v 7v 20v 10v 8v 8 typ. output characteristic i d = f ( v ds ); t j =150c parameter: t p = 10 s, v gs 0 2 4 6 8 10 12 14 16 18 20 22 v 25 v ds 0 5 10 15 20 25 30 35 a 45 i d 4.5v 5v 5.5v 6v 20v 10v 7v
2004-09-07 rev.2.1 page 7 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 9 typ. drain-source on resistance r ds(on) = f ( i d ) parameter: t j =150c, v gs 0 5 10 15 20 25 30 a 40 i d 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 ? 1.5 r ds(on) 4v 4.5v 5v 5.5v 6v 6.5v 20v 10 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 13.1 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 ? 1.1 spp20n60c3 r ds(on) typ 98% 11 typ. transfer characteristics i d = f ( v gs ); v ds 2 x i d x r ds(on)max parameter: t p = 10 s 0 1 2 3 4 5 6 7 v 9 v gs 0 10 20 30 40 50 60 a 80 i d 150c 25c 12 typ. gate charge v gs = f ( q gate ) parameter: i d = 20.7 a pulsed 0 20 40 60 80 100 nc 140 q gate 0 2 4 6 8 10 12 v 16 spp20n60c3 v gs 0,8 v ds max ds max v 0,2
2004-09-07 rev.2.1 page 8 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 13 forward characteristics of body diode i f = f (v sd ) parameter: t j , t p = 10 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd -1 10 0 10 1 10 2 10 a spp20n60c3 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%) 14 typ. switching time t = f ( i d ), inductive load, t j =125c par.: v ds =380v, v gs =0/+13v, r g =3.6 ? 0 4 8 12 16 a 24 i d 0 10 1 10 2 10 ns t tr td(off) td(on) tf 15 typ. switching time t = f ( r g ), inductive load, t j =125c par.: v ds =380v, v gs =0/+13v, i d =20.7 a 0 5 10 15 20 25 30 ? 40 r g 0 10 1 10 2 10 3 10 ns t td(off) td(on) tr tf 16 typ. drain current slope d i /d t = f( r g ), inductive load, t j = 125c par.: v ds =380v, v gs =0/+13v, i d =20.7a 0 5 10 15 20 25 30 ? 40 r g 0 500 1000 1500 2000 2500 3000 3500 4000 a/s 5000 d i /d t di/dt(on) di/dt(off)
2004-09-07 rev.2.1 page 9 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 17 typ. drain source voltage slope d v /d t = f( r g ), inductive load, t j = 125c par.: v ds =380v, v gs =0/+13v, i d =20.7a 0 5 10 15 20 25 30  40 r g 0 25 50 75 100 v/ns 150 d v /d t dv/dt(on) dv/dt(off) 18 typ. switching losses e = f ( i d ), inductive load, t j =125c par.: v ds =380v, v gs =0/+13v, r g =3.6  0 3 6 9 12 15 a 21 i d 0 0.01 0.02 0.03 0.04 0.05 0.06 mws 0.08 e eon* eoff *) eon includes spd06s60 diode commutation losses 19 typ. switching losses e = f ( r g ), inductive load, t j =125c par.: v ds =380v, v gs =0/+13v, i d =20.7a 0 5 10 15 20 25 30  40 r g 0 0.05 0.1 0.15 0.2 0.25 0.3 mws 0.4 e eon* eoff *) eon includes spd06s60 diode commutation losses 20 avalanche soa i ar = f ( t ar ) par.: t j  150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 5 10 a 20 i ar tj(start)=25c tj(start)=125c
2003-10-08 rev.2.1 page 10 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 21 avalanche energy e as = f ( t j ) par.: i d = 10 a, v dd = 50 v 20 40 60 80 100 120 c 160 t j 0 50 100 150 200 250 300 350 400 450 500 550 600 mj 750 e as 23 avalanche power losses p ar = f ( f ) parameter: e ar =1mj 10 4 10 5 10 6 hz f 0 100 200 300 w 500 p ar 22 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 spp20n60c3 v (br)dss 24 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 100 200 300 400 v 600 v ds 0 10 1 10 2 10 3 10 4 10 5 10 pf c ciss coss crss
2004-09-07 rev.2.1 page 11 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 25 typ. c oss stored energy e oss = f ( v ds ) 0 100 200 300 400 v 600 v ds 0 1 2 3 4 5 6 7 8 9 10 11 12 j 14 e oss definition of diodes switching characteristics
2004-09-07 rev.2.1 page 12 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 p-to-220-3-1 a b a 0.25 m 2.8 15.38 0.6 2.54 0.75 0.1 0.13 1.27 4.44 b 9.98 0.48 0.05 all metal surfaces tin plated, except area of cut. c 0.2 10 0.4 3.7 c 0.5 0.1 0.9 5.23 13.5 0.5 3x metal surface min. x=7.25, y=12.3 2x 0.2 0.22 1.17 0.2 2.51 p-to-263-3-2 (d 2 -pak)
2004-09-07 rev.2.1 page 13 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 p-to-262-3-1 (i 2 -pak) b a 0.25 m typical 2.54 3 x 0.75 0.1 1.05 1.27 b 9.25 0.2 0.05 1) metal surface min. x = 7.25, y = 6.9 c 11.6 0.3 10 0.2 c 2.4 0.5 0.1 0.2 4.55 13.5 0.5 all metal surfaces tin plated, except area of cut. 0.3 1 8.5 1) 2 x 4.4 7.55 1) 0...0.15 0...0.3 2.4 a p-to-220-3-31 (fullpak) p-to220-3-31 dimensions symbol [mm] [inch] min max min max a 10.37 10.63 0.4084 0.4184 b 15.86 16.12 0.6245 0.6345 c 0.65 0.78 0.0256 0.0306 d 2.95 typ. 0.1160 typ. e 3.15 3.25 0.124 0.128 f 6.05 6.56 0.2384 0.2584 g 13.47 13.73 0.5304 0.5404 h 3.18 3.43 0.125 0.135 k 0.45 0.63 0.0177 0.0247 l 1.23 1.36 0.0484 0.0534 m 2.54 typ. 0.100 typ. n 4.57 4.83 0.1800 0.1900 p 2.57 2.83 0.1013 0.1113 t 2.51 2.62 0.0990 0.1030
2004-09-07 rev.2.1 page 14 spp20n60c3, spb20n60c3 spi20n60c3, SPA20N60C3 published by infineon technologies ag , bereichs kommunikation st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 1999 all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies reprensatives worldwide (see address list). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of SPA20N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X