Part Number Hot Search : 
FMMV2103 DNK1201M 01VXC BUZ50B CMDZ9L1 SSD1815 00145 2106A
Product Description
Full Text Search
 

To Download SB20200FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.1-apr.22.2005 data sheet features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  low power loss, high efficiency.  low forwrd voltge, high current ca pability  high surge capacity.  for use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.  pb free product are available : 99% sn above can meet rohs environment substance directive request sb2020fct~SB20200FCT isolation schottky barrier rectifiers ito-220ab unit : inch (mm) .189(4.8) .406(10.3) .130(3.3) .114(2.9) .055(1.4) .055(1.4) .035(0.9) .011(0.3) (2.55) (2.55) positive ct ac ac .1 .1 .032(.8) .112(2.85) .272(6.9) .606(15.4) .543(13.8) .161(4.1)max .134(3.4) .165(4.2) .381(9.7) .114(2.9) .098(2.5) .039(1.0) .039(1.0) max .100(2.55) .248(6.3) .583(14.8) .512(13.0) .118(3.0) r e t e m a r a pl o b m y st c 0 2 0 2 b st c 0 3 0 2 b st c 0 4 0 2 b st c 0 5 0 2 b st c 0 6 0 2 b st c 0 8 0 2 b st c 0 0 1 0 2 b st c 0 5 1 0 2 b st c 0 0 2 0 2 b ss t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv rrm 0 20 30 40 50 60 80 0 10 5 10 0 2v e g a t l o v s m r m u m i x a mv rms 4 11 28 25 32 46 50 75 0 10 4 1v e g a t l o v g n i k c o l b c d m u m i x a mv dc 0 20 30 40 50 60 80 0 10 5 10 0 2v ) m m 5 . 9 ( " 5 7 3 . t n e r r u c d r a w r o f e g a r e v a m u m i x a m t t a h t g n e l d a e lc0 9 = o c i av 0 . 0 2 a - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w i fsm 0 0 2 a g e l r e p , a 0 . 0 1 t a e g a t l o v d r a w r o f m u m i x a mv f 5 5 . 05 7 . 05 8 . 02 9 . 01v t t n e r r u c e s r e v e r c d m u m i x a m a 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a a 0 0 1 = o c i r 5 . 0 0 0 1 a m e c n a t s i s e r l a m r e h t l a c i p y tr c j 2 o w / c e g n a r e r u t a r e p m e t n o i t c n u j g n i t a r e p ot j 5 2 1 + o t 0 5 - o c e g n a r e r u t a r e p m e t e g a r o t st stg 0 5 1 + o t 0 5 - o c voltage 20 to 200 volts 20 amperes current mechancal data case: ito-220ab molded plastic terminals: solder plated, solderable per mil-std-750, method 2026 polarity: as marked. standard packaging: any weight: 0.08 ounces, 2.24grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% note. both bonding and chip structure are available.
page . 2 rev.1-apr.22.2005 fig.1- forward current derating curve rating and characteristic curves fig.4- typical instantaneous forward chracteristics fig.2- maximum non - repetitive surge current fig.3- typical reverse characteristics 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .3 .4 .5 .6 .7 .8 0.9 1.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 t=25c pulse width = 300 s 1% duty cycle j o u 80,100v 20,30,40v 50,60v 240 210 180 150 120 90 60 30 0 12 51020 50100 8.3ms single half since-w ave jedec method 10 1.0 0.1 0.01 0.001 20 40 60 80 100 120 140 t=25 c j o t=75 c j o t=100 c j o average forward current, amps peak forward surge current, amps forward current, amps instantaneous reverse current, ma case temperature, c o no. of cycle at 60hz forward voltage, volts percent of instantaneous reverse voltage, %


▲Up To Search▲   

 
Price & Availability of SB20200FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X