Part Number Hot Search : 
C74VH 10112 DHD5K 1CZ22V 74LVC245 SO1316 NCP152 A019607
Product Description
Full Text Search
 

To Download PSET18008-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor module pset 180/08-18 i trms = 280 a i tavm = 180 a v rrm = 600-1800v preliminary data sheet features ? ? isolation voltage 3600 v ? planar glass passivated chips ? low forward voltage drop ? leads suitable for pc board soldering ? ul registered, e 148688 applications ? dc motor control ? light and temperature control ? softstart ac motor controller ? solid state switches advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling capability ? high power density ? small and light weight powersem gmbh, walpersdorfer str. 53 d - 91126 schwabach phone: 09122 - 9764 - 0 fax: 09122 - 9764 - 20 eco-pac tm 2 ? 2003 powersem reserves the right to change limits, test conditions and dimensions symbol test conditions maximum ratings data according to iec 60747 refer to a single thyristor unless otherwise stated. i tavm t c = 90 c, t vj = 130c; 180 sine 180 a i tsm t vj = 45 c t = 10 ms (50 hz), sine 4500 a v r = 0 t = 8.3 ms (60 hz), sine 4900 a t vj = 125 c t = 10 ms (50 hz), sine 3800 a v r = 0 t = 8.3 ms (60 hz), sine 4200 a i 2 dt t vj = 45 c t = 10 ms (50 hz), sine 101000 a2s v r = 0 t = 8.3 ms (60 hz), sine 99500 a2s t vj = 125 c t = 10 ms (50 hz), sine 72000 a2s v r = 0 t = 8.3 ms (60 hz), sine 73000 a2s (di/dt) cr t vj = 125 c repetitive, i t = 250 a 150 a/s f=50hz, t p =200s v d =2/3v drm i g =0.5 a non repetitive,i t = i tavm 500 a/s di g /dt=0.5a/s (dv/dt) cr t vj = 125 c v d =2/3v drm 1000 v/s r gk = , method 1 (linear voltage rise) p gm t vj = 125 c t p = 30s 10 w i t =i tavm t p =300s 5 w p gavm 0.5 w v rgm 10 v t vj -40... + 130 c t vjm for 10 sec 150 c t stg -40... + 125 c v isol 50/60 hz, rms t = 1 min 3000 v i isol 1 ma t = 1 s 3600 v m d mounting torque (m4) 1.5 - 2.0 nm 14 - 18 lb.in. weight typ. 24 g v rsm v rrm type v dsm v drm (v) (v) 900 800 pset 180/08 1300 1200 pset 180/12 1500 1400 pset 180/14 1700 1600 pset 180/16 1900 1800 pset 180/18 k- 1 2 ace-1 svx- 1 8 e- 3
pset 180 powersem gmbh, walpersdorfer str. 53 d - 91126 schwabach phone: 09122 - 9764 - 0 fax: 09122 - 9764 - 20 ? 2003 powersem reserves the right to change limits, test conditions and dimensions symbol test conditions characteristic value i d, i r t vj = 125c, v r = v rrm , v d =v drm 10 ma v t i t = 200 a, t vj = 25 c 1.1 v v to for power-loss calculations only 0.75 v r t 1.23 m ? v gt v d =6v t vj = 25c 1.5 v t vj =-40c 1.6 v i gt v d =6v t vj = 25c 300 ma t vj =-40c 400 ma v gd t vj = 125c v d =2/3v drm 0.2 v i gd t vj = 125c v d =2/3v drm 10 ma i l t vj = 25c, t p =10s 450 ma i g =0.5a, di g /dt=0.5a/s i h t vj = 25c, v d =6v, r gk = ? 200 ma t gd t vj = 25c, v d =1/2v drm 2 s i g =0.5a, di g /dt=0.5a/s r thjc per thyristor; dc, max. 0.17 k/w per module, max. 0.09 k/w r thjk per thyristor; sine 180 el, typ. 0.23 k/w per module, typ. 0.12 k/w d s creeping distance on surface 11.2 mm d a creeping distance in air 5.0 mm a max. allowable acceleration 50 m/s2 package style and outline dimensions in mm (1mm = 0.0394?)


▲Up To Search▲   

 
Price & Availability of PSET18008-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X