Part Number Hot Search : 
87XS39D3 GUF30D IRL3803V 78401 FAN7842 AD103 CR3500SB 203317B
Product Description
Full Text Search
 

To Download KF9N50F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 12. 20 1/2 semiconductor technical data kf9n50p/f n channel mos field effect transistor revision no : 0 general description this planar stripe mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for electronic ballast and switching mode power supplies. features h v dss(min.) = 500v, i d = 9a h r ds(on) =0.75 ? (max) @v gs =10v h qg(typ.) =19nc maximum rating (tc=25 ? ) * : drain current limited by maximum junction temperature. characteristic symbol rating unit kf9n50p KF9N50F drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 9 9* a @t c =100 ? 5.5 5.5* pulsed (note1) i dp 24 24* single pulsed avalanche energy (note 2) e as 200 mj repetitive avalanche energy (note 1) e ar 4 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 125 44.6 w derate above25 ? 1.0 0.36 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 1.0 2.8 ? /w thermal resistance, junction-to- ambient r thja 62.5 62.5 ? /w dim pin connection KF9N50F kf9n50p
2010. 12. 20 2/2 kf9n50p/f revision no : 0 electrical characteristics (tc=25 ? ) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250  a, v gs =0v 500 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250  a, referenced to 25 ? - 0.5 - v/ ? drain cut-off current i dss v ds =500v, v gs =0v, - - 10  a gate threshold voltage v th v ds =v gs , i d =250  a 2.5 - 4.5 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =4.5a - 0.64 0.75 ? dynamic total gate charge q g v ds =400v, i d =9a v gs =10v (note4,5) - 19 - nc gate-source charge q gs - 4.5 - gate-drain charge q gd - 7.5 - turn-on delay time t d(on) v dd =200v, i d =9a r g =25 ? (note4,5) v gs =10v - 25 - ns turn-on rise time t r - 30 - turn-off delay time t d(off) - 50 - turn-off fall time t f - 30 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 890 - pf output capacitance c oss - 120 - reverse transfer capacitance c rss - 10 - source-drain diode ratings continuous source current i s v gs 2010. 12. 20 3/7 kf9n50p/f revision no : 0
2010. 12. 20 4/7 kf9n50p/f revision no : 0
2010. 12. 20 5/7 kf9n50p/f revision no : 0
2010. 12. 20 6/7 kf9n50p/f revision no : 0
2010. 12. 20 7/7 kf9n50p/f revision no : 0


▲Up To Search▲   

 
Price & Availability of KF9N50F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X