Part Number Hot Search : 
DR2QB MS6541TR MUN5111 CY7C14 AZ23C3V6 364484 2SJ0164 SNXXX
Product Description
Full Text Search
 

To Download HU2001011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  39.62 19.69 maximum sq. dia. 19.18 30.28 4.06 14.73 4.06 15.88 38.61 18.42 minimum millimeter 3.96 13.34 3.86 18.92 30.02 15.37 dia. 3.30 12.83 3.05 12.57 1.52 .725 .745 1.182 .156 .525 .152 .605 b a d e g j h f c dim. inches minimum .120 .495 k l 1.56 .130 .160 .580 .160 1.192 .625 .505 1/4-20 unc-2b .755 .775 maximum notes baseplate: nickel plated rev. polarity base is anode std. polarity b d g j c f k copper notes: l e a h base is cathode rohs compliant reverse voltage 100v 150v 200v hu20015* 150v hu20020* 200v ultra fast recovery 200 amp current rating 175c junction temperature microsemi hu20010* working peak 100v catalog number *add suffix r for reverse polarity reverse voltage repetitive peak electrical characteristics rr t max peak reverse recovery time 100 ns v i f = 1a, r = 30v di/dt = 25a/s r t t t t t i v v rrm, j = 25c t v 8.3ms, half sine, j = 175c fm = 200a: j = 25c* rrm, j = 125c* r = 10v, j = 25c c = 135c, square wave, 0jc = 0.24c/w i fm i v rm rm i i fsm f(av) j c average forward current maximum surge current max peak forward voltage max peak reverse current max peak reverse current typical junction capacitance *pulse test: pulse width 300sec, duty cycle 2% 1400 pf 50 ua 8 ma 0.975 volts 2600 amps 200 amps thermal and mechanical characteristics 0.12c/w 0.24c/w case to sink junction to case -55c to 175c -55c to 175c 35-40 inch pounds 1.1 ounces (32 grams) typical 20-25 inch pounds t j t r r stg ocs ojc weight mounting base torque (outside holes) terminal torque typical thermal resistance (greased) max thermal resistance operating junction temp range storage temp range ultrafast recovery modules hu20010 - hu20020 january, 2011 - rev. 3 www.microsemi.com
hu20010 - hu20020 typical reverse current - ma reverse voltage - volts 0.1 .01 25 c 0 40 80 120 160 200 typical reverse characteristics 10 1.0 75 c 125 c 175 c figure 2 130 maximum allowable case temperature - c maximum power dissipation - watts 80 average forward current - amperes 0 0 40 60 180 120 240 maximum forward power dissipation average forward current - amperes figure 5 200 120 160 240 280 0 110 120 60 90 120 180 180 180 120 120 90 240 dc 300 dc 300 junction capacitance - pf reverse voltage - volts forward current derating figure 4 160 140 150 170 0.1 100 1000 1.0 10 typical junction capacitance figure 3 10000 100 instantaneous forward current - amperes instantaneous forward voltage - volts .2 1.0 .4 2.0 4.0 .6 .8 1.4 1.2 1.0 1.6 600 60 175 c 6.0 8.0 10 20 40 25 c 200 100 80 400 typical forward characteristics figure 1 800 1000 .0001 .001 180 january, 2011 - rev. 3 www.microsemi.com


▲Up To Search▲   

 
Price & Availability of HU2001011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X