Part Number Hot Search : 
74HC154 ACS132D 30DR100 HIN207IP CA010 RH732E B7305 BG4652K
Product Description
Full Text Search
 

To Download H20407RR05Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lC5 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com l rotary models available c&k h series power rota-slide ? rotary switches features/benefits ? multi-pole and multi-position ? positive detent ? power switching up to 12 amps ? value added capability typical applications ? small appliances ? industrial equipment ? elevators specifications contact rating: 12 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). electrical life: 10,000 make-and-break cycles at full load. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. indexing: 45o-ne contact models, 8 positions max.; two contact models, 4 positions max. operating & storage temperature: -30o to 95? note: any models supplied with q, b or g contact material are rohs compliant. for the latest information r egarding rohs compliance, please go to: www.ittcannon.com/rohs. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials housing & bushing: 6/6 nylon (ul 94v-2). actuator: 6/6 nylon (ul 94v-2). contacts & terminals: copper, silver plated. contact spring: music wire or stainless steel. mounting nut: steel, zinc plated. terminal seal: epoxy . build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages l-46 thru l-47. for additional options not shown in catalog, consult customer service center . switch function h203 dp, 45 index, 3 pos. h101 spst, 45 index h202 dpdt, 45 index h204 dp, 45 index, 4 pos. terminations 05 .110" quick connect 01 solder lug with notch contact material q silver actuator 07 .275" high with .156" flat mounting style rr 3/8-40 threaded bushing
lC6 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com l rotary c&k h series power rota-slide ? rotary switches switch function actuator dp models 45o in dexing schematic sp models 45o in dexing schematic 07 .275" high with .156" flat part number shown: h10107rr05q 8-1 spst h101 sp terminals switch function model no. no. poles sp models 45oindexing all terminals 4 position h204 all terminals 3 position h203 7-8-1, 3-4-5 dpdt h202 dp terminals switch function model no. no. poles dp models 45oindexing note: br eak-befor e-make contacts. terminal numbers are molded on bottom of housing. actuators and contacts are shown in position 1. no common terminal is pr esent. switching function is provided by movable contacts shorting adjacent pairs of stationary contacts. all models with all options.
lC7 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com l rotary c&k h series power rota-slide ? rotary switches mounting style terminations cont act ma terial panel mounting 05 solder lug with hole 01 solder lug with notch rr 3/8-32 threaded bushing mounting nut included (part number 175000100). not available on models with 90oindexing. * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. 1 contacts & terminals: copper, silver plated. all models with all options. note: any models supplied with q contact material are rohs compliant. for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs. co n t ac t an d option co d e te rmin al mater ial ra ti n g q 12 a m ps @ 125 v a c; 6 a m ps @ 2 50 v a c; 1 a m p @ 1 25 v d c . si l ver 1 po wer rohs co m pl ian t* rohs co m patib l e* y es y es


▲Up To Search▲   

 
Price & Availability of H20407RR05Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X