Part Number Hot Search : 
CXK5864 203D1 RC4559D 8RT1FE RC4559D NE02135 C74VH SK156
Product Description
Full Text Search
 

To Download FDI030N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm june 2009 FDI030N06 n-channel powertrench ? mosfet ?2009 fairchild semiconductor corporation FDI030N06 rev. a www.fairchildsemi.com 1 FDI030N06 n-channel powertrench ? mosfet 60v, 193a, 3.2m w features ? r ds(on) = 2.6m w ( typ.)@ v gs = 10v, i d = 75a ? fast switching speed ? low gate charge ? high performance trench technology for extremely lo w r ds(on) ? high power and current handling capability ? rohs compliant description this n-channel mosfet is produced using fairchild se micon- ductors advanced powertrench process that has been espe- cially tailored to minimize the on-state resistance and yet maintain superior switching performance. application ? dc to dc convertors / synchronous rectification d g s i 2 -pak fdi series g s d mosfet maximum ratings t c = 25 o c unless otherwise noted thermal characteristics symbol parameter ratings units v dss drain to source voltage 60 v v gss gate to source voltage 20 v i d drain current -continuous (t c = 25 o c, silicon limited) 193* a -continuous (t c = 100 o c, silicon limited) 136* -continuous (t c = 25 o c, package limited) 120 i dm drain current - pulsed (note 1) 772 a e as single pulsed avalanche energy (note 2) 1434 mj dv/dt peak diode recovery dv/dt (note 3) 6 v/ns p d power dissipation (t c = 25 o c) 231 w - derate above 25 o c 1.54 w/ o c t j , t stg operating and storage temperature range -55 to +175 o c t l maximum lead temperature for soldering purpose, 1/8 from case for 5 seconds 300 o c symbol parameter ratings units r q jc thermal resistance, junction to case 0.65 o c/w r q ja thermal resistance, junction to ambient 62.5 *calculated continuous current based on maximum all owable junction temperature. package limitation cur rent is 120a.
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 2 package marking and ordering information electrical characteristics t c = 25 o c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diode characteristics device marking device package reel size tape width quanti ty FDI030N06 FDI030N06 to-262 - - 50 symbol parameter test conditions min. typ. max. units bv dss drain to source breakdown voltage i d = 250 m a, v gs = 0v, t c = 25 o c 60 - - v d bv dss d t j breakdown voltage temperature coefficient i d = 1ma, referenced to 25 o c - 0.05 - v/ o c i dss zero gate voltage drain current v ds = 48v, v gs = 0v - - 1 m a v ds = 48v, t c = 150 o c - - 500 i gss gate to body leakage current v gs = 20v, v ds = 0v - - 100 na v gs(th) gate threshold voltage v gs = v ds , i d = 250 m a 2.5 3.5 4.5 v r ds(on) static drain to source on resistance v gs = 10v, i d = 75a - 2.6 3.2 m w g fs forward transconductance v ds = 10v, i d = 75a (note 4) - 154 - s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 7380 9815 pf c oss output capacitance - 1095 1455 pf c rss reverse transfer capacitance - 415 625 pf q g(tot) total gate charge at 10v v ds = 48v, i d = 75a v gs = 10v (note 4, 5) - 116 151 nc q gs gate to source gate charge - 40 - nc q gd gate to drain miller charge - 35 - nc t d(on) turn-on delay time v dd = 30v, i d = 75a v gs = 10v, r gen = 4.7 w (note 4, 5) - 39 87 ns t r turn-on rise time - 178 366 ns t d(off) turn-off delay time - 54 118 ns t f turn-off fall time - 33 76 ns i s maximum continuous drain to source diode forward cur rent - - 193 a i sm maximum pulsed drain to source diode forward current - - 772 a v sd drain to source diode forward voltage v gs = 0v, i sd = 75a - - 1.3 v t rr reverse recovery time v gs = 0v, i sd = 75a di f /dt = 100a/ m s (note 4) - 46 - ns q rr reverse recovery charge - 50 - nc notes: 1. repetitive rating: pulse width limited by maximu m junction temperature 2. l = 0.51mh, i as = 75a, v dd = 50v, r g = 25 w , starting t j = 25 c 3. i sd 75a, di/dt 450a/ m s, v dd bv dss , starting t j = 25 c 4. pulse test: pulse width 300 m s, duty cycle 2% 5. essentially independent of operating temperature typical characteristics
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 3 typical performance characteristics figure 1. on-region characteristics figure 2. transf er characteristics figure 3. on-resistance variation vs. figure 4. bod y diode forward voltage drain current and gate voltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 2 4 6 8 1 10 100 400 -55 o c 150 o c *notes: 1. v ds = 10v 2. 250 m mm m s pulse test 25 o c i d , drain current[a] v gs , gate-source voltage[v] 0.1 1 5 10 100 700 *notes: 1. 250 m mm m s pulse test 2. t c = 25 o c v gs = 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v i d , drain current[a] v ds , drain-source voltage[v] 0 70 140 210 280 350 2.0 2.5 3.0 3.5 *note: t c = 25 o c v gs = 20v v gs = 10v r ds(on) [ w ww w ] , drain-source on-resistance i d , drain current [a] 0.0 0.5 1.0 1.5 1 10 100 400 *notes: 1. v gs = 0v 2. 250 m mm m s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 0 20 40 60 80 100 120 0 2 4 6 8 10 *note: i d = 75a v ds = 15v v ds = 30v v ds = 48v v gs , gate-source voltage [v] q g , total gate charge [nc] 0.1 1 10 30 0 3000 6000 9000 12000 c oss c iss c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v]
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 4 typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 11. transient thermal response curve -100 -50 0 50 100 150 200 0.9 1.0 1.1 1.2 *notes: 1. v gs = 0v 2. i d = 10ma bv dss , [normalized] drain-source breakdown voltage t j , junction temperature [ o c ] -100 -50 0 50 100 150 200 0.5 1.0 1.5 2.0 *notes: 1. v gs = 10v 2. i d = 75a r ds(on) , [normalized] drain-source on-resistance t j , junction temperature [ o c ] 25 50 75 100 125 150 175 0 50 100 150 200 limited by package i d , drain current [a] t c , case temperature [ o c ] 0.1 1 10 100 300 0.1 1 10 100 1000 10000 100ms 100 m mm m s 1ms 10ms i d , drain current [a] v ds , drain-source voltage [v] operation in this area is limited by r ds(on) *notes: 1. t c = 25 o c 2. t j = 175 o c 3. single pulse dc 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 0.001 0.01 0.1 1 0.01 0.1 0.2 0.05 0.02 *notes: 1. z q qq q jc (t) = 0.65 o c/w max. 2. duty factor, d= t 1 /t 2 3. t jm - t c = p dm * z q qq q jc (t) 0.5 single pulse thermal response [ z q qq q jc ] rectangular pulse duration [sec] t 1 p dm t 2
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 5 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & wavef orms
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 6 peak diode recovery dv/dt test circuit & waveforms d u t v d s + _ d r i v e r r g s a m e t y p e a s d u t v g s ? d v / d t c o n t r o l l e d b y r g ? i s d c o n t r o l l e d b y p u l s e p e r i o d v d d l i s d 1 0 v v g s ( d r i v e r ) i s d ( d u t ) v d s ( d u t ) v d d b o d y d i o d e f o r w a r d v o l t a g e d r o p v s d i f m , b o d y d i o d e f o r w a r d c u r r e n t b o d y d i o d e r e v e r s e c u r r e n t i r m b o d y d i o d e r e c o v e r y d v / d t d i / d t d = g a t e p u l s e w i d t h g a t e p u l s e p e r i o d - - - - - - - - - - - - - - - - - - - - - - - - - - d u t v d s + _ d r i v e r r g s a m e t y p e a s d u t v g s ? d v / d t c o n t r o l l e d b y r g ? i s d c o n t r o l l e d b y p u l s e p e r i o d v d d l l i s d 1 0 v v g s ( d r i v e r ) i s d ( d u t ) v d s ( d u t ) v d d b o d y d i o d e f o r w a r d v o l t a g e d r o p v s d i f m , b o d y d i o d e f o r w a r d c u r r e n t b o d y d i o d e r e v e r s e c u r r e n t i r m b o d y d i o d e r e c o v e r y d v / d t d i / d t d = g a t e p u l s e w i d t h g a t e p u l s e p e r i o d - - - - - - - - - - - - - - - - - - - - - - - - - - d = g a t e p u l s e w i d t h g a t e p u l s e p e r i o d - - - - - - - - - - - - - - - - - - - - - - - - - -
FDI030N06 n-channel powertrench ? mosfet FDI030N06 rev. a www.fairchildsemi.com 7 mechanical dimensions i 2 -pak 9.90 0.20 2.40 0.20 4.50 0.20 1.27 0.10 1.47 0.10 (45 ) 0.80 0.10 10.00 0.20 2.54 typ 2.54 typ 13.08 0.20 9.20 0.20 1.20 0.20 10.08 0.20 max13.40 max 3.00 (0.40) (1.46) (0.94) 1.30 +0.10 C0.05 0.50 +0.10 C0.05 dimensions in millimeters
? 2008 fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and se rvice marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. accupower ? auto-spm ? build it now ? coreplus ? corepower ? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch?* ?* ? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore ? fetbench ? flashwriter ? * fps ? f-pfs ? frfet ? global power resource sm green fps ? green fps ? e-series ? g max ? gto ? intellimax ? isoplanar ? megabuck? microcoupler ? microfet ? micropak ? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm ? powertrench ? powerxs? programmable active droop ? qfet ? qs ? quiet series ? rapidconfigure ? ? saving our world, 1mw/w/kw at a time? smartmax? smart start ? spm ? stealth? superfet ? supersot ? -3 supersot ? -6 supersot ? -8 supremos? syncfet? sync-lock? ? * the power franchise ? tinyboost ? tinybuck ? tinycalc ? tinylogic ? tinyopto ? tinypower ? tinypwm ? tinywire ? trifault detect ? truecurrent ? * serdes ? uhc ? ultra frfet ? unifet ? vcx ? visualmax ? xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical co mponents in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provi ded in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in t he industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counter feit parts experience many problems such as loss of brand reputation, substandard p erformance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselves and our cus tomers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts eit her directly from fairchild or from a uthorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or from authorized fairchi ld distributors are genuine parts, have full traceability, meet fairch ild's quality standards for handling and storage and pr ovide access to fair child's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropr iately address any warranty issues t hat may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from u nauthorized sources. fairchild is committed to combat this glo bal problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design s pecifications for product developmen t. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specific ations. fairchild semiconductor rese rves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specificati ons on a product that is disconti nued by fairchild semiconductor. the datasheet is for reference information only. rev. i41


▲Up To Search▲   

 
Price & Availability of FDI030N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X