Part Number Hot Search : 
L7809CF UMC3NV1 LT1106 FDP8874 A105M IRFR220A MEGA32U B3RFBLUE
Product Description
Full Text Search
 

To Download ESHSR-0100C0-002R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nesscap ? ultracapacitor datasheet ? nesscap 2003. all rights reserved. design, specifications are subject to change without notice. nesscap co., ltd. 750-8 gome-ri, kiheung-eup, yongin-city, kyonggi-do 449-901, korea tel: +82-31-289-0721 fax: +82-31-286-6767 e-mail: marketing@nesscap.com www.nesscap.com nesscap 100f/2.7v eshsr-0100c0?002r7 ? features - cylindrical cell - snap-in terminals dimensions in mm (not to scale) ? specifications rated capacitance, c (dcc ( 1 ) , 25 o c) 100 farads (1) discharging with constant current capacitance tolerance -10% / +20% rated voltage, v r 2.7 v surge voltage 2.85 v rated current (25 o c) (2) 21.4 a (2) 5 sec discharge rate to 1/2 v r max. current (25 o c) (3) > 58.7 a (3) 1 sec discharge rate to 1/2 v r max. stored energy (at v r ) 364.5j (0.1013 wh) gravimetric 4.50 wh/kg specific energy volumetric 5.92 wh/l gravimetric 6.23 kw/kg specific power (4) (at matched load) volumetric 8.20 kw/l (4) power density at which one-half the energy of the discharge is in the form of electricity and one-half is in heat. ac (1khz) 10 m ? maximum internal resistance (esr) dc (11a) 13 m ? dimensions 22 x l 45 mm volume 17.1 ml weight 22.5 g operating temperature range (5) -40 ~ 60 c (5) ?? c ? < 20% and esr < 2 times of initially measured value at 25 o c, respectively storage temperature range -40 ~ 70 c max. leakage current, l c ( 12h, 25 o c) 1.7 ma life time at rt (6) 10 years cycle life (25 o c) (6), (7) 500,000 cycles (6) ?? c ? < 30% and esr < 2 times of initially measured value, respectively and lc < specified value (7) 1 cycle: charging to v r for 20s, constant voltage charging for 10s, discharging to 1/2v r for 20s, rest for 10s safety vent 61 pcb p atterns : 2-? 20.1 4 5 + 2 m a x . ? 2 2 + 1 m a x . sleeve 10 0.2


▲Up To Search▲   

 
Price & Availability of ESHSR-0100C0-002R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X